Part Number Hot Search : 
MP6KE36A 4HC1640 DR0406 2961312 SP8481JS SIHFP STM101N AP3156
Product Description
Full Text Search
 

To Download DTA144TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor dta(r 1 -only series)ca document number: bl/ssdtc049 www.galaxycn.com rev.a 1 features z epitaxial planar die construction. z complementary npn types available(dtc). z built-in biasing resistor,r 1 only. z also available in lead free version. applications z the pnp style digital transistor. sot-23 ordering information type no. marking package code dta143tca 93 sot-23 dta114tca 94 sot-23 DTA144TCA 96 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage -50 v v ceo collector-emitter voltage -50 v v ebo emitter-base voltage -5 v i c (max.) collector current -100 ma p d power dissipation 200 mw r ja thermal resistance, junction to ambient air 625 /w t j ,t stg operating and storage and temperature range -55 to +150 electrical characteristics @ ta=25 unless otherwise specified pb lead-free
bl galaxy electrical production specification digital transistor dta(r 1 -only series)ca document number: bl/ssdtc049 www.galaxycn.com rev.a 2 parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =-50 a -50 v collector-emitter breakdown voltage bv ceo i c =-1ma -50 v emitter-base breakdown voltage bv ebo i e =-50 a -5 v collector cutoff current i cbo v cb =-50v - - -0.5 a emitter cutoff current i ebo v eb =-4v - - -0.5 a collector-emitter saturation voltage dta143tca dta114tca DTA144TCA v ce(sat) i c /i b =-2.5ma/-0.25ma i c /i b =-1ma/-0.1ma i c /i b =-2.5ma/-0.25ma -0.3 v dc current gain h fe i c =-1ma,v ce =-5v 100 250 600 input resistor(r 1 ) dta143tca dta114tca DTA144TCA r 1 4.7 10 47 k ? input resistor(r 1 )tolerance r 1 -30 +30 % gain-bandwidth product f t v ce =-10v,i e =-5ma, f=100mhz - 250 - mhz typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor dta(r 1 -only series)ca document number: bl/ssdtc049 www.galaxycn.com rev.a 3
bl galaxy electrical production specification digital transistor dta(r 1 -only series)ca document number: bl/ssdtc049 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping dta143tca/114tca/144tca sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTA144TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X