Part Number Hot Search : 
SP5654KG 74LVC86A 1602H IFD21651 MC3362 1212E SS8012G F8205A
Product Description
Full Text Search
 

To Download DAN217U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-323 plastic-encapsulate diodes switching diode features z small surface mounting type z two diode elements are connected in series marking:a7 maximum ratings and electrical characteristics, single diode @ta =25 parameter symbol limit unit peak reverse voltage v rm 80 v dc reverse voltage v r 80 v maximum (peak) forward current i fm 300 ma average forward current i o 100 ma surge current (1 s) (10ms) i fsm 400 1000 ma power dissipation p d 200 mw junction temperature t j 150 storage temperature t stg -55~+ 150 operating temperature range t opr -40~+ 100 electrical characteristics (ta=25 unless otherwise specified) parameter symbol test conditions m in max unit reverse breakdown voltage v (br) i r = 100 a 80 v reverse voltage leakage current i r v r =70v 0.2 a forward voltage v f i f =100ma 1200 mv sot-323 1 2 3 z DAN217U 2012-1 willas electronic corp. z
0 25 50 75 100 125 150 0 50 100 150 200 250 300 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 02 04 06 08 0 1 10 100 1000 0 5 10 15 20 1.0 1.1 1.2 1.3 1.4 forward characteristics reverse characteristics power derating curve power dissipation p d (mw) ambient temperature ta ( ) typical characteristics 30 3 0.3 t a = 1 0 0 t a = 2 5 forward current i f (ma) forward voltage v f (v) 300 30 3 ta=100 ta=25 reverse current i r (na) reverse voltage v r (v) ta=25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) 2012-1 willas electronic corp. sot-323 plastic-encapsulate diodes DAN217U
outline drawing dimensions in inches and (millimeters) sot-323 rev.d .056(1.40) .047(1.20) .096(2.45) .078(2.00) .004(0.10)min. .010(0.25) .003(0.08) .043(1.10) .032(0.80) .016(0.40) .008(0.20) .004(0.10)max. .087(2.20) .070(1.80) .054(1.35) .045(1.15) 2012-1 willas electronic corp. sot-323 plastic-encapsulate diodes DAN217U


▲Up To Search▲   

 
Price & Availability of DAN217U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X