Part Number Hot Search : 
MHW8247A AS2023 AS2023 F9520 5835NL 0015453 F2012 KSMB840
Product Description
Full Text Search
 

To Download DAN217U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed. small surface mounting type. two diode elements are connected in series. surface mount package ideally suited for automatic insertion for general purpose switching appilication. type no. marking package code DAN217U a7 sot-323 maximum rating @ ta=25 unless otherwise specified parameter symbol value unit non repetitive peak reverse voltage v rm 80 v repetitive peak reverse voltage working peak reverse voltage dc reverse voltage v rrm v rwm v r 80 v peak forward surge current @t=10ms i fsm 1 a forward continuous current i fm 300 ma average rectified output current i o 100 ma power dissipation p d 200 mw operating and storage temperature range t j ,t stg -55-125 DAN217U dual series switching diodes dimensions in inches and (millimeters) sot-323 features applications ordering information ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br) i r =100 a 80 v reverse voltage leakage current i r v r =70v 0.1 a forward voltage v f i f =100ma 1200 mv typical characteristics @ ta=25 unless otherwise specified DAN217U dual series switching diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DAN217U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X