Part Number Hot Search : 
1631A STH80N05 T100N1T TND017 D4SB80 MIC74BQS 04330L AOZ8175
Product Description
Full Text Search
 

To Download CMUDM70058005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20v, 650ma, complementary mosfets in the miniature sot-523 package central semiconductor?s cmudm7005 (n-channel) and complementary cmudm8005 (p-channel) are single 20v, 650ma mosfets packaged in the miniature sot-523 surface mount case. these devices are the ideal solution for design engineers seeking energy efficient mosfets in a very small package. sot-523 n-channel p-channel 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? www.centralsemi.com ? closely matched characteristics ? energy efficiency ? integrated transient protection benefits: typical electrical characteristics to order samples of this device visit: www.centralsemi.com/info/cmudm samples and literature features: ? esd protection up to 2kv ? low r ds(on) ? low threshold voltage ? logic level compatibility ? low gate charge applications: ? high speed pulsed amplifiers ? load/power switches ? power supply converter circuits ? power management ? motor drives electrical characteristics: (t a = 25 ? c unless otherwise noted) thermal characteristics bv dss (v) min i d (ma) max v gs(th) (v) min max r ds(on) @ v gs @ i d ( ) ( ) (v) (ma) typ max q gs (nc) typ c iss (pf) typ c rss (pf) typ p d (mw) max t j , t stg ( ? c) max n-channel 20 650 0.5 1.1 0.14 0.2 0.23 0.275 4.5 2.5 600 500 0.17 100 18 300 -65 to +150 p-channel 20 650 0.5 1.0 0.25 0.37 0.36 0.5 4.5 2.5 350 300 0.24 100 25 300 -65 to +150 order your selection guide today. visit: web.centralsemi.com/search/sample.php new smd selection guide cmudm7005 (n-channel) cmudm8005 (p-channel) product brief p r o d u c t b r i e f
pb cmudm7005_8005 (r1) for further information contact: sales at central semiconductor corp. (631) 435-1110 or visit: www.centralsemi.com innovative discrete semiconductors mechanical drawing pin configuration sample devices available upon request. to order samples of this device visit: www.centralsemi.com/info/cmudm n-channel (bottom view) lead code: 1) gate 2) source 3) drain marking code: 5c7 lead code: 1) gate 2) source 3) drain marking code: 5c8 p-channel (bottom view) packaging base tape dimensions and orientation (dimensions in mm) 7? reel = 3,000 pcs. (add tr suffix to part number) reel size reels per box (maximum) parts per box (maximum) box dimensions shipping weight (max.) inch cm lb kg 7? 9 18 40 108 27,000 54,000 120,000 324,000 9x9x5 9x9x9 21x9x9 27x9x17 23x23x13 23x23x23 53x23x23 69x23x43 3 6 13 34 2 3 6 16 tape width: 8mm direction of unreeling * devices are taped in accordance with electronic industries association standard eia-481-1-a 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? tel:(631) 435-1110 ? fax:(631) 435-1824 cmudm7005 (n-channel) cmudm8005 (p-channel) 20v, 650ma, complementary mosfets in the miniature sot-523 package


▲Up To Search▲   

 
Price & Availability of CMUDM70058005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X