Part Number Hot Search : 
CEM8434 190AX351 CEM8434 8041NLI 62007 106M1 18N06L N74LS17
Product Description
Full Text Search
 

To Download CMUDM70048004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30v, 450ma mosfets in the sot-523 package sot-523 n-channel p-channel 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? www.centralsemi.com electrical characteristics thermal characteristics bv dss (v) min i d (ma) max v gs(th) (v) min max r ds(on) @ v gs @ i d ( ) ( ) (v) (ma) typ max q gs (nc) typ c iss (pf) max c rss (pf) max p d (mw) t j , t stg ( ? c) max n-channel 30 450 0.5 1.0 0.28 0.39 0.55 0.46 0.56 0.73 4.5 2.5 1.8 200 100 75 0.15 45 10 250 -65 to +150 p-channel 30 450 0.5 1.0 1.0 1.5 2.6 1.1 2.0 3.3 4.5 2.5 1.8 430 200 100 0.35 55 10 250 -65 to +150 t a =25 ? c the central semiconductor cmudm7004 and cmudm8004 are complementary enhancement-mode mosfets featuring low r ds(on) and low threshold voltages. the devices have closely matched reverse voltage, drain current and gate threshold ratings, making them the ideal mosfet pair for complementary applications. to order samples of these devices visit: www.centralsemi.com/info/cmudm order your selection guide today. visit: web.centralsemi.com/search/sample.php new smd selection guide ? high speed pulsed amplifiers ? load/power switches ? power supply converter circuits ? power management ? motor drives applications: ? closely matched reverse and forward characteristics ? energy efficiency ? integrated transient protection benefits: ? esd protection up to 2kv ? low r ds(on) ? low threshold voltage ? logic level compatible ? low gate charge features: samples and literature cmudm7004 (n-channel) cmudm8004 (p-channel) product brief p r o d u c t b r i e f
pb cmudm7004 for further information contact: sales at central semiconductor corp. (631) 435-1110 or visit: www.centralsemi.com innovative discrete semiconductors mechanical drawing - sot-523 pinouts packaging base tape dimensions and orientation (dimensions in mm) 7? reel = 3,000 pcs. (add tr suffix to part number) reel packing information sample devices available upon request. to order samples of these devices visit: www.centralsemi.com/info/cmudm reel size reels per box (maximum) parts per box (maximum) box dimensions shipping weight (max.) inch cm lb kg 7? 9 18 40 108 27,000 54,000 120,000 324,000 9x9x5 9x9x9 21x9x9 27x9x17 23x23x13 23x23x23 53x23x23 69x23x43 3 6 13 34 2 3 6 16 tape width: 8mm direction of unreeling marking codes cmudm7004: 74c cmudm8004: 84c bottom view * devices are taped in accordance with electronic industries association standard eia-481-1-a bottom views n-channel p-channel lead code: 1) gate 2) source 3) drain lead code: 1) gate 2) source 3) drain 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? tel:(631) 435-1110 ? fax:(631) 435-1824 cmudm7004 (n-channel) cmudm8004 (p-channel) 30v, 450ma mosfets in the sot-523 package


▲Up To Search▲   

 
Price & Availability of CMUDM70048004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X