Part Number Hot Search : 
150K6 BUZ23 A1733 KTC319 HA535107 GRM0335 PCI2250 P4038YGK
Product Description
Full Text Search
 

To Download BAV21W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-123 plastic-encapsulate diodes bav19w/bav20w/BAV21W fast switching diodes features marking: bav19w: a8 bav20w: t2 BAV21W: t3 maximum ratings and electrical characteristics, single diode @t a =25 parameter symbol bav19w bav20w BAV21W unit non-repetitive peak reverse voltage v rm 120 200 250 v peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 150 25 0 v rms reverse voltage v r(rms) 71 106 141 v forward continuous current i fm 400 ma average rectified output current i o 200 ma peak forward surge current @=1.0ms @=1.0s i fsm 2.5 0.5 a repetitive peak forward current i frm 625 ma power dissipation pd 250 mw thermal resistance junction to ambient r ja 500 /w storage temperature t stg -65~+150 electrical ratings @t a =25 parameter symbol min. typ. max. unit conditions v f1 1.0 i f =0.1a forward voltage v f2 1.25 v i f =0.2a 0.1 v r =100v 0.1 v r =150v reverse current bav19w bav20w BAV21W i r 0.1 a v r =200v capacitance between terminals c t 5 pf v r =0v,f=1mhz reverse recovery time t rr 50 ns i f =i r =30ma irr=0.1xi r ,r l =100 ? sod-123 tiger electronic co.,ltd
typical characteristics bav19w/bav20w/BAV21W


▲Up To Search▲   

 
Price & Availability of BAV21W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X