Part Number Hot Search : 
IRGBC20 LTC405 AN1366 CNY17F2 DA114 TS50P05G UPA1792G BD00FC
Product Description
Full Text Search
 

To Download BAT54WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAT54WS BAT54WS surface mount small signal schottky diodes kleinsignal-schottky-dioden fr die oberfl?chenmontage version 2011-09-29 dimensions - ma?e [mm] power dissipation C verlustleistung 230 mw repetitive peak reverse voltage periodische spitzensperrspannung 30 v plastic case C kunststoffgeh?use ~ sod-323 weight approx. C gewicht ca. 0.005 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings (t a = 25c) grenzwerte (t a = 25c) BAT54WS power dissipation ? verlustleistung p tot 230 mw 1 ) max. average forward current C dauergrenzstrom (dc) i fav 200 ma 1 ) repetitive peak forward current C periodischer spitzenstrom i frm 300 ma 1 ) non repetitive peak forward surge current sto?strom-grenzwert t p 10 ms i fsm 600 ma repetitive peak reverse voltage C periodische spitzensperrspannung v rrm 30 v junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -55...+150c -55+150c characteristics (t j = 25c) kennwerte (t j = 25c) forward voltage durchlass-spannung i f = 0.1 ma i f = 1 ma i f = 10 ma i f = 30 ma i f = 100 ma v f v f v f v f v f < 240 ma < 320 ma < 400 ma < 500 mv < 800 mv leakage current C sperrstrom 2 ) v r = 25 v i r < 1 a max. junction capacitance C max. sperrschichtkapazit?t v r = 0 v, f = 1 mhz c t 10 pf reverse recovery time C sperrverzug i f = 10 ma ber/through i r = 10 ma bis/to i r = 1 ma t rr < 6 ns thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 400 k/w 2 ) 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 1 . 2 5 0 . 1 0 . 3 0 . 1 1 0 . 1 2.5 0.2 type code 1.7 0.1
BAT54WS marking - stempelung BAT54WS = s1 these diodes are also available in other case styles diese dioden sind auch in anderen geh?useformen lieferbar sot-23 = bat54 sot-323 = bat54w 1 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag [%] p tot 120 100 80 60 40 20 0 [c] t a 150 100 50 0 power dissipation versus ambient temperature ) verlustleistung in abh. von d. umgebungstemp. ) 1 1 forward characteristics (typical values) durchlasskennlinien (typische werte) v f [v] 1.4 1.0 0.8 0.6 0.4 0 [a] i f 10 -4 10 -3 10 -2 10 -1 1 t = 25c j


▲Up To Search▲   

 
Price & Availability of BAT54WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X