Part Number Hot Search : 
SE555 G4PSH71K CY7C132 003931 BN1L3N MMBZ5254 ETD34 L5988D
Product Description
Full Text Search
 

To Download BAT54V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAT54V 150mw schottky diodes features ? fast switching speed ? low forward voltage drop ? pn junction guard ring for transient and esd protection ? lead free plating maxim um ratings symbol parameter rating unit v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 30 v i o average rectified output current 200 ma r  ja thermal resistance junction to ambient 833  /w p d power dissipation 150 mw t j junction temperature -65 to +150  t stg storage temperature -65 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max test conditions v (br) reverse breakdown voltage 30v i r =100  a i r reverse voltage leakage current 2  a v r =25v v f forward voltage 240mv 320mv 400mv 500mv 1000mv i f =0.1ma i f =1.0ma i f =10ma i f =30ma i f =100ma c t total capacitance 10pf v r =1v, f=1mhz t rr reverse recovery time 5ns i rr =10ma,i r =10ma~1 ma, r l =100  dimensions inches mm dim min max min max note a .006 .011 0.15 0.30 b .043 .049 1.10 1.25 c .061 .067 1.55 1.70 d .020 0.50 g .035 .043 0.90 1.10 h .059 .067 1.50 1.70 k .022 .023 0.56 0.60 l .004 .011 0.10 0.30 m .004 .007 0.10 0.18 sot-563 www. mccsemi .com revision: a 2011/01/01  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components marking: kav 1 of 3 a m l b c h k g d c 1 a 1 nc nc a 2 c 2 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information)
BAT54V mcc www. mccsemi .com revision: a 2011 /01/01 tm micro commercial components 2 of 3 -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g. 1, derating curve - total a
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BAT54V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X