Part Number Hot Search : 
BR1456H BTS4140 MJE34 120T3 IWS505 LTC1327 10150C C1001
Product Description
Full Text Search
 

To Download 5750440550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  122 selos selos wk 4 tkg/u 57.504.4055.0 100 dist ... z1.299.3055.0 10 dist-1 n 4007-1 1) z1.299.3155.0 10 dist-1 n 4007-2 2) z1.299.3355.0 10 dist-d z1.299.3255.0 10 35 x 27 x 7,5 en 60715 98.300.0000.0 1 35 x 24 x 15 en 60715 98.360.0000.0 1 9006 en 60715 g-32 98.190.0000.0 1 we 2/u z5.523.5653.0 100 9708/2 s 35 z5.522.8553.0 100 9708 z5.522.7053.0 100 ap 4 tk 07.311.6155.0 10 tw 4 tk 07.311.8155.0 10 ivb 1 wk 4..-2 z7.255.4227.0 10 ivb 1 wk 4..-6 z7.255.4627.0 10 en 60 947-7-1/din vde 0611 teil 1 en 60 127-6/din vde 0820 t6 field/factory wiring wk 4 tkg... sist va 0.5 4 mm 2 0. 5? mm 2 800 v/8 kv/3* ) 6.3* ) no. 22-10 awg 300 v* ) 10 no. 20-10 awg 250 v* ) 6.3 6 mm 9 mm igrtqwwv wk 4 tkg... dist va 0.5 4 mm 2 0. 5? mm 2 800 v/8 kv/3 no. 22-10 awg 300 v 10 no. 20-10 awg 250 v 6.3 6 mm 9 mm igrtqwwv wk 4 tkg/u 57.504.4055.0 100 si st z1.299.4055.0 10 si st led z1.299.4155.0 10 si st gl z1.299.4255.0 10 35 x 27 x 7,5 en 60715 98.300.0000.0 1 35 x 24 x 15 en 60715 98.360.0000.0 1 9006 en 60715 g-32 98.190.0000.0 1 we 2/u z5.523.5653.0 100 9708/2 s 35 z5.522.8553.0 100 9708 z5.522.7053.0 100 ap 4 tk 07.311.6155.0 10 tw 4 tk 07.311.8155.0 10 ivb 1 wk 4..-2 z7.255.4227.0 10 ivb 1 wk 4..-6 z7.255.4627.0 10 type part no. std. pack type part no. std. pack disconnect blocks with u-foot, type wk the current carrying load depends on the built-in component. temporary peak voltage1000 v. pole assignment anode cathode 1) of the diode: cathode anode 2) fuse plug: nominal voltage: 250 v ~ nominal current accord. to: vde 0820 t2/iec 257 at a power loss of 1.5 w. ?6.3 a for single blocks ?4 a for blocks mounted adjacent to each other indicator (24 v): lamp color: red current consumed 10.3 ma indicator (110-220 v): lamp color: red current input: 0.3 ma * ) voltage and current are determined by the built-in led and the fuse inserted into the fuse holder ul -ratings csa ratings width wire strip length approvals fine stranded solid fine stranded solid disconnect block color: gray fuse holder for 5 x 20 fuse color: blue fuse holder with indicator (24 v) color: gray fuse holder with indicator (110-220 v) color: gray diode plug, without contacts j max = 10 a color: gray diode plug - diode j max = 11 a color: gray diode plug - diode j max = 11 a color: gray diode plug with jumper j max = 10 a color: gray knife edge disconnect block color: gray color: blue ? with 2 test bolts color: gray invertible plug disconnect block m. inver. plug w/o test bolt color: gray ? with test bolts left and right color: gray feed through block color: gray accessories 1. mounting rail ts 35, din rail, 7.5 mm high l = 2 m mounting rail ts 35, din rail 15 mm high l = 2 m mounting rail ts 32, g rail l = 2 m 2. end clamp with u-foot 10 mm wide end clamp ts 35, with screw 8 mm wide end clamp ts 32, with screw 7.5 mm wide 3. end plate, 1.5 mm thick color: gray color: blue 4. partition, 1.5 mm thick color: gray color: blue 5. jumper comb insulated 2pole to 6pole 6. cover f. cross conn. with marking facility 7. snap-in partition plate with marking facility for marking systems see pages 178-179 and 200-202
selos . 123 selos wk 4/tkm va 0.5 4 mm 2 0. 5? mm 2 800 v/8 kv/3* ) 20 no. 22-10 awg 600 v 20 no. 22-10 awg 600 v* ) 20 6 mm 9 mm igrtqwdwv wk 4 tkg-trst/u va 0.5 4 mm 2 0. 5? mm 2 800 v/8 kv/3* ) 20 no. 22-10 awg 300 v 10 no. 22-10 awg 600 v* ) 20 6 mm 9 mm igrtqwd wk 4 tks d/u va 0.5 4 mm 2 0. 5? mm 2 800 v/8 kv/3 32 no. 22-10 awg 300 v 25 no. 20-10 awg 600 v 20 6 mm 9 mm igtqw wk 4 tkg-trst/u 57.504.4555.0 100 wk 4 tkg-trst p3/u 57.504.4855.0 100 35 x 27 x 7,5 en 60715 98.300.0000.0 1 35 x 24 x 15 en 60715 98.360.0000.0 1 9006 en 60715 g-32 98.190.0000.0 1 we 2/u z5.523.5653.0 100 9708/2 s 35 z5.522.8553.0 100 9708 z5.522.7053.0 100 ap 4 tk 07.311.6155.0 10 tw 4 tk 07.311.8155.0 10 ivb 1 wk 4..-2 z7.255.4227.0 10 ivb 1 wk 4..-6 z7.255.4627.0 10 wk 4 tks d/u 57.504.4455.0 100 35 x 27 x 7,5 en 60715 98.300.0000.0 1 35 x 24 x 15 en 60715 98.360.0000.0 1 9006 en 60715 g-32 98.190.0000.0 1 we 2/u z5.523.5653.0 100 9708/2 s 35 z5.522.8553.0 100 9708 z5.522.7053.0 100 ap 4 tk 07.311.6155.0 10 tw 4 tk 07.311.8155.0 10 ivb 1 wk 4..-2 z7.255.4227.0 10 ivb 1 wk 4..-6 z7.255.4627.0 10 ad vb 4 gelb 04.326.2153.8 10 ts 4 gelb 07.311.2153.8 10 type part no. std. pack type part no. std. pack type part no. std. pack fine stranded solid fine stranded solid fine stranded solid 57.504.2355.0 * ) version with test bolt: csa: 300 v en 60 947-7-1/din vde 0611 t1 ?690 v/6 kv/3 test bolt can be loaded with 1 a the disconnecting knife in these wk versions swing in and out on a pivot point. the distinctive color of the disconnecting lever signals the open state. the terminals can be connected with the lever open or closed. designs with a different number and arrangement of test sockets permit safe measurements using the test plug. the plug in disconnect terminal has the same profile as the modular terminal wk4. the isolating connector is detachable and can be fitted as a dummy plug. this signals the open state. designs with different numbers of test sockets permit safe measurements using the test plug. * ) version with test bolt: csa: 300 v en 60 947-7-1/din vde 0611 t1 ?690 v/6 kv/3 test bolt can be loaded with 1 a same dimensions as types wk 4 tkg/u and wk 4/tkm/u for symetry across the rail wk 4/tkm/u 57.504.2055.0 100 wk 4/tkm/u blau 57.504.2055.6 100 wk 4/tkm/p3/u 57.504.2355.0 100 35 x 27 x 7,5 en 60715 98.300.0000.0 1 35 x 24 x 15 en 60715 98.360.0000.0 1 9006 en 60715 g-32 98.190.0000.0 1 we 2/u z5.523.5653.0 100 9708/2 s 35 z5.522.8553.0 100 9708 z5.522.7053.0 100 ap 4 tk 07.311.6155.0 10 ap 4 tk blau 07.311.6155.6 10 tw 4 tk 07.311.8155.0 10 tw 4 tk blau 07.311.8155.6 ivb 1 wk 4..-2 z7.255.4227.0 10 ivb 1 wk 4..-6 z7.255.4627.0 10


▲Up To Search▲   

 
Price & Availability of 5750440550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X