Part Number Hot Search : 
273ML C1202 UT54AC BG24064A SI9200EY 23C6422 79C43 V131MC01
Product Description
Full Text Search
 

To Download 2SA1265N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1265N d escription with to-3p(i) package complement to type 2sc3182 2sa1265 with short pin applications power amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter -140 v v ceo collector- emitter voltage open base -140 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a i b base current -1 a p t total power dissipation t c =25 100 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(i)) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1265N characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ,i b =0 -140 v v cesat collector-emitter saturation voltage i c =-7a; i b =-0.7a -0.8 -2.0 v v be base-emitter voltage i c =-5a ; v ce =-5v -1.0 -1.5 v i cbo collector cut-off current v cb =-140v; i e =0 -5 a i ebo emitter cut-off current v eb =-5v; i c =0 -5 a h fe-1 dc current gain i c =-1a ; v ce =-5v 55 160 h fe-2 dc current gain i c =-5a ; v ce =5v 35 f t transition frequency i c =-1a ; v ce =-5v 30 mhz c ob output capacitance i e =0 ; v cb =10v ;f=1mhz 480 pf  h fe-1 classifications r o 55-110 80-160
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1265N package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1265N


▲Up To Search▲   

 
Price & Availability of 2SA1265N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X