Part Number Hot Search : 
DN135 HC4052 3F323 W83791SG CR390 B1000 KPY51RK UC3845BG
Product Description
Full Text Search
 

To Download 2418650000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet creation date july 23, 2010 11:00:02 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 1 ch20m ch20m22 s ppsc bk weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com general ordering data order no. 2418650000 part designation ch20m22 s ppsc bk version electronics housings, ch20m black, lateral element, width: 22.5 mm gtin (ean) 4032248899128 qty. 10 pc(s). superior efficiency, flexibility and design - the "standard tailor-made fit" when selecting a housing design, flexibility is a key factor. other important criteria are: scalability, customized design, innovative functionality and cost efficiency. you need a choice which offers the maximum performance with the minimum overhead. the ch20m22 modular electronics housing is the standard format from amongst the different housing widths. it has the optimal width for most typical electronics applications. the entire system is characterized by excellence: outstanding scalability and flexibility, a high security level, innovative application functionality and a variety of practical details. ? quicker installation with features such as "wire ready" the universal multi-tool screw head ? user-friendly operations: with clear and permanent labelling and extra marking possibilities, integrated release clip or transparent cover ? maximum interference immunity with emc-compliant construction featuring deeply overlapping module joint edges made from high-performance plastic ? high operational reliability with the unique auto-set coding system and featuring double-sided touch protection on the pin header and socket blocks ch20m - a compact name for the most flexible system available on the market. it doesn't just stand for "component housing ip20 modular". ch20m also stands for efficiency and innovation throughout design, production and use. note: technical specifications are preliminary
datasheet ch20m ch20m22 s ppsc bk weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-2083 www.weidmueller.com technical data creation date july 23, 2010 11:00:02 pm cest last update 28.05.2010 / we reserve the right to make technical changes. 2 dimensions (1) length 21 mm width 22.5 mm height 106.1 mm system parameters version lateral element no. of connections 8 no. of connection levels 2 material data flammability class ul 94 v-0 insulating material pa 66 gf 30 colour black highest continous operating temperature, min. -20 c highest continous operating temperature, max. 85 c approvals approvals institutes classifications eclass 6.0 90-27-26-07


▲Up To Search▲   

 
Price & Availability of 2418650000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X