Part Number Hot Search : 
0LSTR 0603C10 LL15XB60 J100A TDA8171 110243 2SD96 MRF6P
Product Description
Full Text Search
 

To Download 150GT120DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nov-24-1997 bsm 150 gt 120 dn2 igbt power module ? solderable power module ? 3-phase full-bridge ? including fast free-wheel diodes ? package with insulated metal base plate type v ce i c package ordering code bsm 150 gt 120 dn2 1200 v 200 a tripack c67070-a2518-a67 maximum ratings parameter symbol values unit collector-emitter voltage v ce 1200 v collector-gate voltage r ge = 20 k w v cgr 1200 gate-emitter voltage v ge 20 dc collector current t c = 25 c t c = 80 c i c 150 200 a pulsed collector current, t p = 1 ms t c = 25 c t c = 80 c i cpuls 300 400 power dissipation per igbt t c = 25 c p to t 1250 w chip temperature t j + 150 c storage temperature t stg -40 ... + 125 thermal resistance, chip case r thjc 0.12 k/w diode thermal resistance, chip case r thjc d 0.28 insulation test voltage, t = 1min. v is 2500 vac creepage distance - 16 mm clearance - 11 din humidity category, din 40 040 - f sec iec climatic category, din iec 68-1 - 40 / 125 / 56
2 nov-24-1997 bsm 150 gt 120 dn2 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. static characteristics gate threshold voltage v ge = v ce, i c = 6 ma v ge(th) 4.5 5.5 6.5 v collector-emitter saturation voltage v ge = 15 v, i c = 150 a, t j = 25 c v ge = 15 v, i c = 150 a, t j = 125 c v ce(sat) - - 3.1 2.5 3.7 3 zero gate voltage collector current v ce = 1200 v, v ge = 0 v, t j = 25 c v ce = 1200 v, v ge = 0 v, t j = 125 c i ces - - 8 2 - 2.8 ma gate-emitter leakage current v ge = 20 v, v ce = 0 v i ges - - 320 na ac characteristics transconductance v ce = 20 v, i c = 150 a g fs 62 - - s input capacitance v ce = 25 v, v ge = 0 v, f = 1 mhz c iss - 10 - nf output capacitance v ce = 25 v, v ge = 0 v, f = 1 mhz c oss - 1.5 - reverse transfer capacitance v ce = 25 v, v ge = 0 v, f = 1 mhz c rss - 0.8 -
3 nov-24-1997 bsm 150 gt 120 dn2 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. switching characteristics, inductive load at t j = 125 c turn-on delay time v cc = 600 v, v ge = 15 v, i c = 150 a r gon = 5.6 w t d(on) - 200 400 ns rise time v cc = 600 v, v ge = 15 v, i c = 150 a r gon = 5.6 w t r - 100 200 turn-off delay time v cc = 600 v, v ge = -15 v, i c = 150 a r goff = 5.6 w t d(off) - 600 900 fall time v cc = 600 v, v ge = -15 v, i c = 150 a r goff = 5.6 w t f - 70 100 free-wheel diode diode forward voltage i f = 150 a, v ge = 0 v, t j = 25 c i f = 150 a, v ge = 0 v, t j = 125 c v f - - 1.8 2.3 - 2.8 v reverse recovery time i f = 150 a, v r = -600 v, v ge = 0 v d i f / dt = -1500 a/s, t j = 125 c t rr - 0.4 - s reverse recovery charge i f = 150 a, v r = -600 v, v ge = 0 v d i f / dt = -1500 a/s t j = 25 c t j = 125 c q rr - - 22 8 - - c
4 nov-24-1997 bsm 150 gt 120 dn2 power dissipation p tot = | ( t c ) parameter: t j 150 c 0 20 40 60 80 100 120 c 160 t c 0 100 200 300 400 500 600 700 800 900 1000 1100 w 1300 p tot safe operating area i c = | ( v ce ) parameter: d = 0 , t c = 25 c , t j 150 c 0 10 1 10 2 10 3 10 a i c 10 0 10 1 10 2 10 3 v v ce dc 10 ms 1 ms 100 s t p = 18.0 s collector current i c = | ( t c ) parameter: v ge 3 15 v , t j 150 c 0 20 40 60 80 100 120 c 160 t c 0 20 40 60 80 100 120 140 160 180 a 220 i c transient thermal impedance igbt z th jc = | ( t p ) parameter: d = t p / t -4 10 -3 10 -2 10 -1 10 0 10 k/w z thjc 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 s t p single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50
5 nov-24-1997 bsm 150 gt 120 dn2 typ. output characteristics i c = f (v ce ) parameter: t p = 80 s, t j = 25 c 0 1 2 3 v 5 v ce 0 20 40 60 80 100 120 140 160 180 200 220 240 260 a 300 i c 17v 15v 13v 11v 9v 7v typ. output characteristics i c = f (v ce ) parameter: t p = 80 s, t j = 125 c 0 1 2 3 v 5 v ce 0 20 40 60 80 100 120 140 160 180 200 220 240 260 a 300 i c 17v 15v 13v 11v 9v 7v typ. transfer characteristics i c = f (v ge ) parameter: t p = 80 s, v ce = 20 v 0 2 4 6 8 10 v 14 v ge 0 20 40 60 80 100 120 140 160 180 200 220 240 260 a 300 i c
6 nov-24-1997 bsm 150 gt 120 dn2 typ. gate charge v ge = | ( q gate ) parameter: i c puls = 150 a 0 200 400 600 800 1100 q gate 0 2 4 6 8 10 12 14 16 v 20 v ge 800 v 600 v typ. capacitances c = f ( v ce ) parameter: v ge = 0 v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ce -1 10 0 10 1 10 2 10 nf c ciss coss crss reverse biased safe operating area i cpuls = f(v ce ) , t j = 150c parameter: v ge = 15 v 0 200 400 600 800 1000 1200 v 1600 v ce 0.0 0.5 1.0 1.5 2.5 i cpuls / i c short circuit safe operating area i csc = f(v ce ) , t j = 150c parameter: v ge = 15 v, t sc 10 s, l < 50 nh 0 200 400 600 800 1000 1200 v 1600 v ce 0 2 4 6 8 12 i csc / i c
7 nov-24-1997 bsm 150 gt 120 dn2 typ. switching time i = f (i c ) , inductive load , t j = 125c par.: v ce = 600 v, v ge = 15 v, r g = 5.6 w 0 50 100 150 200 250 300 a 400 i c 1 10 2 10 3 10 4 10 ns t tdon tr tdoff tf typ. switching time t = f (r g ) , inductive load , t j = 125c par.: v ce = 600 v, v ge = 15 v, i c = 150 a 0 10 20 30 40 w 60 r g 1 10 2 10 3 10 4 10 ns t tdon tr tdoff tf typ. switching losses e = f (i c ) , inductive load , t j = 125c par.: v ce = 600 v, v ge = 15 v, r g = 5.6 w 0 50 100 150 200 250 300 a 400 i c 0 20 40 60 80 mws 120 e eon eoff typ. switching losses e = f (r g ) , inductive load , t j = 125c par.: v ce = 600v, v ge = 15 v, i c = 150 a 0 10 20 30 40 w 60 r g 0 20 40 60 80 mws 120 e eon eoff
8 nov-24-1997 bsm 150 gt 120 dn2 forward characteristics of fast recovery reverse diode i f = f(v f ) parameter: t j 0.0 0.5 1.0 1.5 2.0 v 3.0 v f 0 20 40 60 80 100 120 140 160 180 200 220 240 260 a 300 i f t j =25c =125c j t transient thermal impedance diode z th jc = | ( t p ) parameter: d = t p / t -4 10 -3 10 -2 10 -1 10 0 10 k/w z thjc 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 s t p single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50
9 nov-24-1997 bsm 150 gt 120 dn2 circuit diagram package outlines dimensions in mm weight: 300 g


▲Up To Search▲   

 
Price & Availability of 150GT120DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X