Part Number Hot Search : 
NCP346 BM6201FS TS3704M UC3844AD 4HC17 157M0 IN457A BR3505
Product Description
Full Text Search
 

To Download 0917801503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/28/2010 please check www.molex.com for latest part information part number: 0917801503 status: active overview: rast_25_connector_system description: 2.50mm (.098") appli-mate rast 2.5 idt housing, direct/indirect, female, 6 circuits, position keys a & g, polaring key between 2 & 3 documents: 3d model product specification ps-99020-0040 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family idt and solder connectors series 91780 crimp quality equipment yes overview rast_25_connector_system product name rast 2.5 use with rast standard interface physical circuits (loaded) 6 circuits (maximum) 6 color - resin natural (white) durability (mating cycles max) 10 flammability 94v-0 gender female glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 packaging type tray panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm pitch - term. interface (in) 0.098 in pitch - term. interface (mm) 2.50 mm plating min: mating (in) 40 plating min: mating (m) 1.00 plating min: termination (in) 40 plating min: termination (m) 1.00 polarized to mating part yes stackable no temperature range - operating -20c to +120c termination interface: style idt or pierce wire size awg 22, 24 electrical current - maximum per contact 2a, 4a voltage - maximum 32v ac material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91780 series mates with 90860 applimate? vertical header. 90861 applimate? right angle header application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # rast 2.5 semi- automatic terminator machine for appli-mate? connectors 0623006200
reference - drawing numbers application specification as-99033-0008 product specification ps-99020-0040 sales drawing sd-91780-001 this document was generated on 05/28/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0917801503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X