Part Number Hot Search : 
B200C 1H222 TD1220 P04N60 BD508 52935 TA7715P SI4940DY
Product Description
Full Text Search
 

To Download 0537801570 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0537801570 status: active overview: panelmate_125mm_049_pitch_ultra_lowprofile description: 1.25mm (.049") pitch panelmate? header, surface mount, right angle, 1.90mm (.075") height, lead-free, 15 circuits documents: 3d model product specification ps-51146-012 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51146-010 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 53780 application wire-to-board overview panelmate_125mm_049_pitch_ultra_lowprofile product name panelmate? physical breakaway no circuits (loaded) 15 color - resin natural durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm polarized to pcb no shrouded fully stackable no temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 125v material info reference - drawing numbers packaging specification spk-53780-et series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53780 series mates with 51146 panelmate? wire-to-board receptacle housing
product specification ps-51146-010, ps-51146-012, rps-51146-020, rps-51146-022, rps-51146-023, rps-51146-025, rps-51146-026, rps-51146-027, rps-51146-028, rps-51146-029 sales drawing sd-53780-003, sd-53780-004 this document was generated on 05/26/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 0537801570

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X