Part Number Hot Search : 
1SMU511 AP883 D6432 600ETT QH7938 4N60C NTE3056 2N3722
Product Description
Full Text Search
 

To Download 0533950279 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/19/2010 please check www.molex.com for latest part information part number: 0533950279 status: active description: 1.00mm (.039") pitch plug, surface mount, dual row, vertical, 8.00mm (.315") mating height, lead-free, 20 circuits documents: 3d model product specification ps-52584-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 53395 application board-to-board product name n/a physical breakaway no circuits (loaded) 20 color - resin white durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.315 in mated height (mm) 8.00 mm material - metal phosphor bronze material - plating mating gold material - plating termination tin number of rows 2 orientation vertical pcb locator yes pcb retention none pcb thickness recommended (in) 0.040 in pcb thickness recommended (mm) 1.00 mm packaging type tube pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to pcb no shrouded fully stackable no temperature range - operating -55c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a voltage - maximum 100v material info reference - drawing numbers product specification ps-52584-003, rps-52584-010 sales drawing sd-53395-002, sd-53395-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53395 series mates with 52584 pcb receptacle
this document was generated on 04/19/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0533950279

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X