Part Number Hot Search : 
20ETF 28F320 LMH6611 08N80C3 24M05 TA0440A 506MF 20010
Product Description
Full Text Search
 

To Download WRA2407ZHD-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 s s s s s s s s e e e e e e e e lection lection lection lection lection lection lection lection guide guide guide guide guide guide guide guide model model model model input input input input voltage voltage voltage voltage (v) (v) (v) (v) output output output output voltage voltage voltage voltage (v) (v) (v) (v) output output output output current current current current max max max max (ma) (ma) (ma) (ma) isolation isolation isolation isolation (vdc) (vdc) (vdc) (vdc) max max max max capacitive capacitive capacitive capacitive load(uf) load(uf) load(uf) load(uf) efficiency efficiency efficiency efficiency (%) (%) (%) (%) wrb2403zhd-1400 9-36 3.3 1400 1500 1000 75 wrb2405zhd-6w 9-36 5 1200 1500 680 81 wrb2407zhd-830 9-36 7.2 830 1500 680 78 wrb2409zhd-660 9-36 9 660 1500 330 82 wrb2412zhd-6w 9-36 12 500 1500 100 83 wrb2415zhd-6w 9-36 15 400 1500 100 83 wrb2418zhd-330 9-36 18 330 1500 100 83 wrb2424zhd-6w 9-36 24 250 1500 68 82 wrb4803zhd-1400 18-72 3.3 1400 1500 1000 75 wrb4805zhd-6w 18-72 5 1200 1500 680 81 wrb4807zhd-830 18-72 7.2 830 1500 680 81 wrb4809zhd-660 18-72 9 660 1500 330 82 wrb4812zhd-6w 18-72 12 500 1500 100 82 wrb4815zhd-6w 18-72 15 400 1500 100 85 wrb4818zhd-330 18-72 18 330 1500 100 83 wrb4824zhd-6w 18-72 24 250 1500 68 83 wra2403zhd-700 9-36 3.3 700 1500 470 80 wra2405zhd-6w 9-36 5 600 1500 330 82 WRA2407ZHD-410 9-36 7.2 410 1500 330 80 wra2409zhd-330 9-36 9 330 1500 100 82 wra2412zhd-6w 9-36 12 250 1500 68 84 wra2415zhd-6w 9-36 15 200 1500 68 80 wra2418zhd-160 9-36 18 160 1500 68 80 wra2424zhd-6w 9-36 24 125 1500 22 81 wra4803zhd-700 18-72 3.3 700 1500 470 79 wra4805zhd-6w 18-72 5 600 1500 330 82 wra4807zhd-410 18-72 7.2 410 1500 330 81 wra4809zhd-330 18-72 9 330 1500 100 81 wra4812zhd-6w 18-72 12 250 1500 68 83 wra4815zhd-6w 18-72 15 200 1500 68 81 wra4818zhd-160 18-72 18 160 1500 68 81 wra4824zhd-6w 18-72 24 125 1500 22 81 model model model model model model model model selection selection selection selection selection selection selection selection wr wr wr wr wr wr wr wr a a a a a a a a 24 24 24 24 24 24 24 24 15 15 15 15 15 15 15 15 z z z z z z z z h h h h d d d d d d d d - - - - - - - - 6 6 6 6 6 6 6 6 w w w w w w w w (200) (200) (200) (200) product series input voltage output voltage 4 :1wide input volage range symmetric pin layout dip 24 package style rated power(output current) parameters parameters parameters parameters parameters parameters parameters parameters model model model model ce ce ce ce standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (external 220uf/100v cap required) iec61000-4-5, perf. criteria b (external 220uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec60950-1:2001 an 6 6 6 6 w, w, w, w, wide wide wide wide input, input, input, input, isolated isolated isolated isolated & & & & regulated regulated regulated regulated dual/single dual/single dual/single dual/single output output output output dc-dc dc-dc dc-dc dc-dc converter converter converter converter features features features features features features features features rohs compliant 24 pin dip package wide 4:1 input range high efficiency up to 85% operating temperature -40 to + 85 input/output isolation 1500vdc pin compatible with multiple manufacturers continuous short circuit protection no heat sink required industry standard pinout mtbf 1,000,000 hours applications applications applications applications applications applications applications applications microdc reserves the copyright the wra-zhd-6w&wrb-zhd-6w series offer 6 watts of output power from a package in an ic compatible 24 pin dip configuration without derating to 71 o c ambient temperature. wra-zhd-6w&wrb-zhd-6w series have 4 :1 wide input voltage of 9 - 36 and 18 - 72 vdc.
wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 input input input input input input input input specifications specifications specifications specifications specifications specifications specifications specifications parameters parameters parameters parameters nominal nominal nominal nominal typical typical typical typical maximum maximum maximum maximum units units units units voltage range 24 9-36 vdc 48 18-72 vdc filter (pi) network turn on transient process time 350 ms start up time 500 ms absolute maximum rating 24 vin -0.7-40 vdc 48 vin -0.7-80 vdc peak input voltage time ms isolation isolation isolation isolation isolation isolation isolation isolation specifications specifications specifications specifications specifications specifications specifications specifications parameters parameters parameters parameters conditions conditions conditions conditions typical typical typical typical rated rated rated rated units units units units tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitance 470 pf output output output output output output output output specifications specifications specifications specifications specifications specifications specifications specifications parameters parameters parameters parameters conditions conditions conditions conditions typical typical typical typical rated rated rated rated units units units units voltage accuracy 1 % voltage balance dual output 1 % short circuit protection continuous short circuit restart auto-recovery over current protection 120% iout line voltage regulation (single) 0.5 % line voltage regulation (dual) 0.5 % load voltage regulation (single) load voltage regulation (single) 0 C 100% load 1.5 % 3,3v output model load voltage regulation (dual) 0 C 100% load 0.5 % load voltage regulation (dual) 0 C 100% load 1.5 % 3.3v output model temperature coefficient 0.02 %/ ripple & noise at 20mhz bandwidth 60 mv p-p rising time 10 ms general general general general general general general general specifications specifications specifications specifications specifications specifications specifications specifications parameters parameters parameters parameters conditions conditions conditions conditions typical typical typical typical maximum maximum maximum maximum units units units units switching frequency 100% load 260 khz operating temperature full load without derating -40 to +85 storage temperature -40 to +125 max case temperature +100 derating not-required cooling free air convection humidity 90 % case material nickel coated copper weight 26 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm mtbf >960 000 hrs (mil-hdbk -217f, ground benign, t=+25 )
wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w wra-zhd-6w&wrb-zhd-6w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions pin pin pin pin pin pin pin pin out out out out out out out out specifications specifications specifications specifications specifications specifications specifications specifications pin single single single single dual dual dual dual 1 24 +v input +v input 2 23 n. c. -v output 3 22 n. c. common 9 16 omitted omitted 10 15 -v output common 11 14 +v output +v output 12 13 -v input -v input microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. typical typical typical typical typical typical typical typical charecteristics charecteristics charecteristics charecteristics charecteristics charecteristics charecteristics charecteristics recommended recommended recommended recommended recommended recommended recommended recommended footprint footprint footprint footprint footprint footprint footprint footprint recommended footprint top view grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l= 230 mm[ 9.055 inch] tube quantity: 7 pcs


▲Up To Search▲   

 
Price & Availability of WRA2407ZHD-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X