Part Number Hot Search : 
03E43AFR 150FC AXUVPS7 22S1GD08 TC1901 TC1901 MB89145 SMAJ17
Product Description
Full Text Search
 

To Download UF3001-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pa ra m et er sy m bo l un it maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current o 0.375"(9.5mm) lead length @t a =55 c peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) peak forward voltage at 3.0a dc maximum reverse current at rated dc blocking voltage operating temperature range storage temperature range t a =25c maximum reverse recovery time (note 1) t ypical junction capacitance (note 2) t ypical thermal resistance (note 3) 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t rr c j r ja t j t stg 3.0 125 5.0 100 20 -55 ~ +125 -55 ~ +150 v v v a a ns pf c c a c/w notes: 1. measured with i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1.0mhz and applied reverse voltage of 4.0v olts. 3. thermal resistance junction to ambient. v oltage: 50 to 1000 v current: 3.0 a rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 7 features -low cost construction. -ultra fast switching for high ef ficiency . -low reverse leakage current. -high forward voltage drop. -high current capability . mechanical data -case: jedec do-27 molded plastic . -polarity: color band denotes cathode. -lead: plated axial lead, solderable per mil-std- 202e, method 208c -mounting position: any -w eight: 0.04 ounces, 1.1 grams 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 UF3001-G thru. uf3008-g page 1 qw -bu009 ultra fast recovery rectifiers rev :a comchip t echnology co., l td. 0 . 3 7 5 ( 9 . 5 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 0. 22 0( 5. 60 ) d ia . 0.0 52 (1 .30 ) d ia . 0.0 48 (1 .20 ) d ia . 0. 19 7( 5. 00 ) d ia . 0 . 3 3 5 ( 8 . 5 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 1.0 1.7 50 75 -the plastic material carries ul recognition 94v -0 uf -g 3001 uf -g 3002 uf -g 3003 uf -g 3004 uf -g 3005 uf -g 3006 uf -g 3007 uf -g 3008 1000 700 1000 300 210 300 1.3 t a =100c i r 50 75 50 30 a v ma rk in g uf 3001 uf 3002 uf 3003 uf 3004 uf 3005 uf 3006 uf 3007 uf 3008 electrical characteristics (at t a=25c unless otherwise noted) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%.
page 2 qw -bu009 ultra fast recovery rectifiers rev :a comchip t echnology co., l td. rating and characteristic curves (uf ) thru. uf3008-g fig.2 maximum non-repetitive surge current 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz 1 fig.1 forward current derating curve a v e r a g e f o r w a r d c u r r e n t ( a ) ambient t emperature, (c) 0 2 5 7 5 1 7 5 0 1 . 5 2 . 5 1 0 0 2 0 0 3 . 0 fig.4 t ypical forward characteristics 0 . 1 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) instantaneous forward v oltage, (v) 1 0 1 0 0 1 . 0 1 0 0 1 2 5 1 . 0 2 . 0 fig.3 t ypical junction capacitance 1 0 c a p a c i t a n c e , ( p f ) reverse v oltage, (v) 1 0 0 0 0 . 1 1 0 1 0 0 1 0 0 5 0 1 5 0 0 . 5 1 0 5 0 1 5 0 0 0 . 4 0 . 8 1 . 0 1 . 6 0 . 2 1 . 2 0 . 6 1 . 0 single phase half wave, 60hz resistive or inductive load 1 0 0 single half sine-wave, (jedec method). 1 . 8 1 . 4 UF3001-G~uf3003-g uf3004-g~uf3005-g uf3006-g~uf3008-g cj=25c pulse width 300us 1 uf 30 01 -g ~u f3 00 5- g uf3006-g~uf3008-g cj=25c ,f=1mhz 3001-g
page 3 qw -bu009 ultra fast recovery rectifiers rev :a comchip t echnology co., l td. b t aping specification for axial lead diodes l 1 l 2 e t z t e 90 5 b z t e l l 1 - l 2 d o - 2 7 s y m b o l a ( m m ) ( i n c h ) 0 . 0 4 0 ( m a x ) 1 0 . 0 0 . 5 0 5 2 . 4 1 . 5 6 . 0 0 . 4 1 . 0 ( m a x ) 1 . 2 ( m a x ) 0 . 8 ( m a x ) 2 . 0 6 3 0 . 0 5 9 0 . 3 9 4 0 . 0 2 0 0 . 0 4 7 ( m a x ) 0 . 2 3 6 0 . 0 1 6 0 . 0 3 2 ( m a x ) s y m b o l ( m m ) ( i n c h ) w h 7 8 . 0 5 . 0 3 . 0 7 1 0 . 1 9 7 9 5 . 0 5 . 0 3 . 7 4 0 0 . 1 9 7 d o - 2 7 2 5 5 . 0 5 . 0 1 0 . 0 3 9 0 . 1 9 7 l h w standard packaging c a s e t y p e d o - 2 7 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 1 , 2 0 0 1 2 , 0 0 0


▲Up To Search▲   

 
Price & Availability of UF3001-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X