Part Number Hot Search : 
GT20G101 H50N6 39F1G SL887 CD22101 RM214C SSF5508U C5806
Product Description
Full Text Search
 

To Download TIP146T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon pnp darlington power transistor TIP146T description high dc current gain- : h fe = 1000(min)@ i c = - 5a collector-emitter sustaining voltage- : v ceo(sus) = -80v(min) complement to type tip141t applications designed for general purpose amplifier and low frequency switching applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage -80 v v ceo collector-emitter voltage -80 v v ebo emitter-base voltage -5 v i c collector current-continuous -10 a i cm collector current-peak -15 a i b b base current- continuous -0.5 a p c collector power dissipation @t c =25 80 w t j junction temperature 150 t stg storage temperature range -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance, junction to case 1.56 /w isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon pnp darlington power transistor TIP146T electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c = -30ma, i b = 0 -80 v v ce (sat) -1 collector-emitter saturation voltage i c = -5a ,i b = -10ma -2.0 v v ce (sat) -2 collector-emitter saturation voltage i c = -10a ,i b = -40ma -3.0 v v be (sat) base-emitter saturation voltage i c = -10a ,i b = -40ma -3.5 v v be (on) base-emitter on voltage i c = -10a ; v ce = -4v -3.0 v i cbo collector cutoff current v cb = -80v, i e = 0 -1 ma i ceo collector cutoff current v ce = -40v, i b = 0 -2 ma i ebo emitter cutoff current v eb = -5v; i c = 0 -2 ma h fe-1 dc current gain i c = -5a; v ce = -4v 1000 h fe-2 dc current gain i c = -10a; v ce = -4v 500 switching times t d delay time 0.15 s t r rise time 0.55 s t stg storage time 2.5 s t f fall time v cc = -30 v, i c = - 5.0 a, i b1 = -i b2 = -20 ma; t p = 20 s duty cycle 20% 2.5 s isc website www.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP146T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X