Part Number Hot Search : 
SFF10 AY0438 3EDK3 SFF10 AO4240 LX1660 AO4240 C2411
Product Description
Full Text Search
 

To Download SUT041G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t7k001-000 1 SUT041G dual npn bipolar transistor descriptions ? general purpose amplifier ? recommended for led drive application features ? thermally enhanced power pkg ? low saturation: v ce (sat)= 0.5v max ? 2 npn chips in tesop-8 package ordering information type no. marking package code SUT041G sut041 tesop-8 : year & week code absolute maximum ratings(tr1, tr2) (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo 45 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 5 v i c 1 a(dc) collector current i cp * 2 a(pulse) 0.75 w/total p c (ta=25 c) ** 0.55 w/element collector power dissipation p c (tc=25 c) 5 w/total junction temperature t j 150 c storage temperature t stg -55~150 c * : single pulse, tp= 300 ? ** : each terminal mounted on a recommended solder land electrical characteristics(tr1, tr2) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =100 a, i e =0 45 - - v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 40 - - v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 5 - - v collector cut-off current i cbo v cb =45v, i e =0 - - 0.1 a emitter cut-off current i ebo v eb =5v, i c =0 - - 0.1 a dc current gain h fe 1) v ce =1v, i c =100ma 160 - 320 - collector-emitter saturation voltage v ce(sat) i c =500ma, i b =50ma - - 0.5 v transition frequency f t v ce =5v, i c =10ma - 150 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 8 - pf note 1) hfe rank : 160~320 only tesop-8
ksd-t7k001-000 2 SUT041G ? electrical characteristic curves(tr1, tr2) fig. 2 i c - v be fig. 5 i c - v ce fig. 1 p c - t a fig. 6 h fe - i c fig. 3 v ce ( sat ) - i c fig. 4 i c - v ce
ksd-t7k001-000 3 SUT041G co fig. 8 h fe - i c fig. 9 cob - v cb fig. 11 safe operating area ) * * * * fig. 7 h fe - i c fig. 10 f t - i c
ksd-t7k001-000 4 SUT041G outline dimension recommend pcb solder land [unit: mm]
ksd-t7k001-000 5 SUT041G the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SUT041G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X