Part Number Hot Search : 
3005F 4DFT1G OP4006B1 TL406 MC44802 CXP88340 EMI1812 SRUDH
Product Description
Full Text Search
 

To Download SR110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) do-41 features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: do-41 molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 102 sr 103 sr 104 sr 105 sr 106 sr 109 sr 110 sr 115 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0 a v f 0.55 0.70 0.80 0.95 v 0.5 maximum d.c. reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 5 0.1 2.0 ma ma typical junction capacitance (note 2) cj 80 65 28 pf typical thermal resistance (note 1) r ja 90 o c/w operating junction temperature range t j - 65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mount on cu-pad size 5mm x 5mm on p.c.b. 2. measured at 1 mhz and applied reverse voltage of 4.0v d.c. sr102-sr115 1.0amp. schottky barrier rectifiers weight: 0.35 gram http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (sr102 thur sr115) fig.1- forward current derating curve r of e gareva tn er ru c dr aw )a (. 0 25 50 75 100 125 150 175 0 0.25 0.50 0.75 1 lead temperature. ( c) o tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.4- typical reverse characteristics instantaneous reverse current .(ma) 0 20 40 60 80 100 120 140 100 10 1 0.1 0.01 0.001 percent of rated peak reverse voltage. (%) sr105-sr115 sr102-sr104 fig.2- maximum non-repetitive forward surge current current. (a) 1 2 4 6 8 10 20 40 100 60 80 50 40 30 20 10 0 number of cycles at 60hz fig.5- typical junction capacitance junction capacitance.(pf) 0.1 0.4 1 4 10 40 10 20 40 60 100 80 200 400 reverse voltage. (v) sr105-sr106 sr102-sr104 sr109-sr115 100 version: a06 fig.6- typical transient thermal characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 100 10 1 0.1 t, pulse duration. (sec) fig.3- typical forward characteristics instantaneous forward current. (a) 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 0.1 1 10 20 forward voltage. (v) sr105-sr106 sr102-sr104 tj=25 o c pulse width=300 s 1% duty cycle sr109-sr1 10 sr115 sr102-sr115 1.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X