Part Number Hot Search : 
BF9864A NTE10 91381 C4010 713MZV 000M1 2SC2650 MMBZ5
Product Description
Full Text Search
 

To Download SMF50AR100001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 december 25,2012-rev.03 smf5.0a~smf175a 0.115(2.90) 0.106(2.70) 0.044(1.10) 0.031(0.80) 0.043(1.08) 0.038(0.98) 0.008(0.20) 0.004(0.10) 0.145(3.70) 0.137(3.50) 0.030(0.75) 0.017(0.45) 0.075(1.90) 0.067(1.70) surface mount transient voltage suppressor voltage 5.0 to 175 volts 200 watts features ? for surface mounted applications in order to optimize board space. ? ultra thin profile package for space constrained utilization ? package suitable for automated handling ? low inductance ? high temperature soldering : 260 o c/10 seconds at terminals ? lead free in comply with eu rohs ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: jedec do-219ab,molded plastic over passivated junction. ? terminals: solderable per mil-std-750, method 2026 ? polarity: color band denotes positive end (cathode) ? weight: 0.0006 ounce, 0.0173 gram ? standrad packaging : 8mm tape (eia-481) current maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol value units peak pulse power dissipation on t a = 25 o c (notes 1,2,5, fig.1) p ppm 200 watts peak forward surge current per (note 3) i fsm 20 amps peak pulse current on 10/1000s waveform(note 1)fig.2 i ppm see table 1 amps steady state power dissipation (note 4) p m(av) 1.0 watts operating junction and storage temperature range t j ,t stg -55 to +150 o c thermal resistance r ? ja 180 o c notes : 1.non-repetitive c urrent pulse, per fig.3 and derated above t a =25 o c per fig.2 . 2.mounted on 5.0mm 2 c opper pads to eac h terminal. 3.8.3ms s ingle half sine-wave, or equivalent s quare wave, duty c ycle = 4 puls es per minutes maximum. 4.lead temperature at 75 o c =t l . 5.peak puls e power wavef orm is 10/1000 ? s . 6.a transient suppress or is s elected acc ording to the working peak revers e voltage(v rwm ), whic h s hould be equal to or greater than the dc or c ontinuous peak operating voltage level. 1 2 c a t h o d e a n o d e 2 0 1 1 / 6 5 / e u d i r e c t i v e s .
page . 2 december 25,2012-rev .03 s m f 5 . 0 a ~ sm f 1 7 5 a p a r t n u m b e r v r w m ( n o t e 6 ) v b r @ i t i r @ v r w m v c @ i p p m a r k i n g c o d e m i n . m a x . i t v v v m a ? a v a 2 0 0 w t r a n s i e n t v o l t a g e s u p p r e s s o r s m f 5 . 0 a 5 6 . 4 7 1 0 2 0 0 9 . 2 2 1 . 7 h e s m f 6 . 0 a 6 6 . 7 7 . 4 1 0 1 0 0 1 0 . 3 1 9 . 4 h g s m f 6 . 5 a 6 . 5 7 . 2 8 1 0 7 5 1 1 . 2 1 7 . 9 h k s m f 7 . 0 a 7 7 . 8 8 . 6 1 0 5 0 1 2 1 6 . 7 h m s m f 7 . 5 a 7 . 5 8 . 3 9 . 2 1 5 0 1 2 . 9 1 5 . 5 h p s m f 8 . 0 a 8 8 . 9 9 . 8 1 2 5 1 3 . 6 1 4 . 7 h r s m f 8 . 5 a 8 . 5 9 . 4 1 0 . 4 1 1 0 1 4 . 4 1 3 . 9 h t s m f 9 . 0 a 9 1 0 1 1 . 1 1 5 1 5 . 4 1 3 h v s m f 1 0 a 1 0 1 1 . 1 1 2 . 3 1 2 . 5 1 7 1 1 . 8 h x s m f 1 1 a 1 1 1 2 . 2 1 3 . 5 1 2 . 5 1 8 . 2 1 1 h z s m f 1 2 a 1 2 1 3 . 3 1 4 . 7 1 2 . 5 1 9 . 9 1 0 . 1 i e s m f 1 3 a 1 3 1 4 . 4 1 5 . 9 1 1 2 1 . 5 9 . 3 i g s m f 1 4 a 1 4 1 5 . 6 1 7 . 2 1 1 2 3 . 2 8 . 6 i k s m f 1 5 a 1 5 1 6 . 7 1 8 . 5 1 1 2 4 . 4 8 . 2 i m s m f 1 6 a 1 6 1 7 . 8 1 9 . 7 1 1 2 6 7 . 7 i p s m f 1 7 a 1 7 1 8 . 9 2 0 . 9 1 1 2 7 . 6 7 . 2 i r s m f 1 8 a 1 8 2 0 2 2 . 1 1 1 2 9 . 2 6 . 8 i t s m f 2 0 a 2 0 2 2 . 2 2 4 . 5 1 1 3 2 . 4 6 . 2 i v s m f 2 2 a 2 2 2 4 . 4 2 6 . 9 1 1 3 5 . 5 5 . 6 i x s m f 2 4 a 2 4 2 6 . 7 2 9 . 5 1 1 3 8 . 9 5 . 1 i z s m f 2 6 a 2 6 2 8 . 9 3 1 . 9 1 1 4 2 . 1 4 . 8 j e s m f 2 8 a 2 8 3 1 . 1 3 4 . 4 1 1 4 5 . 4 4 . 4 j g s m f 3 0 a 3 0 3 3 . 3 3 6 . 8 1 1 4 8 . 4 4 . 1 j k s m f 3 3 a 3 3 3 6 . 7 4 0 . 6 1 1 5 3 . 3 3 . 8 j m s m f 3 6 a 3 6 4 0 4 4 . 2 1 1 5 8 . 1 3 . 4 j p s m f 4 0 a 4 0 4 4 . 4 4 9 . 1 1 1 6 4 . 5 3 . 1 j r s m f 4 3 a 4 3 4 7 . 8 5 2 . 8 1 1 6 9 . 4 2 . 9 j t s m f 4 5 a 4 5 5 0 5 5 . 3 1 1 7 2 . 7 2 . 8 j v s m f 4 8 a 4 8 5 3 . 3 5 8 . 9 1 1 7 7 . 4 2 . 6 j x s m f 5 1 a 5 1 5 6 . 7 6 2 . 7 1 1 8 2 . 4 2 . 4 j z s m f 5 4 a 5 4 6 0 6 6 . 3 1 1 8 7 . 1 2 . 3 r e s m f 5 8 a 5 8 6 4 . 4 7 1 . 2 1 1 9 3 . 6 2 . 1 r g s m f 6 0 a 6 0 6 6 . 7 7 3 . 7 1 1 9 6 . 8 1 . 8 r k s m f 6 4 a 6 4 7 1 . 1 7 8 . 6 1 1 1 0 3 1 . 7 r m s m f 7 0 a 7 0 7 7 . 8 8 6 1 1 1 1 3 1 . 5 r p s m f 7 5 a 7 5 8 3 . 3 9 2 . 1 1 1 1 2 1 1 . 4 r r s m f 7 8 a 7 8 8 6 . 7 9 5 . 8 1 1 1 2 6 1 . 4 r t s m f 8 5 a 8 5 9 4 . 4 1 0 4 1 1 1 3 7 1 . 3 r v s m f 9 0 a 9 0 1 0 0 1 1 1 1 1 1 4 6 1 . 2 r x s m f 1 0 0 a 1 0 0 1 1 1 1 2 3 1 1 1 6 2 1 . 1 r z s m f 1 1 0 a 1 1 0 1 2 2 1 3 5 1 1 1 7 7 1 s e s m f 1 2 0 a 1 2 0 1 3 3 1 4 7 1 1 1 9 3 0 . 9 s g s m f 1 3 0 a 1 3 0 1 4 4 1 5 9 1 1 2 0 9 0 . 8 s k s m f 1 5 0 a 1 5 0 1 6 7 1 8 5 1 1 2 4 3 0 . 7 s m s m f 1 6 0 a 1 6 0 1 7 8 1 9 7 1 1 2 5 9 0 . 7 s p s m f 1 7 0 a 1 7 0 1 8 9 2 0 9 1 1 2 7 5 0 . 6 s r s m f 1 7 5 a 1 7 5 1 9 8 2 1 4 1 1 2 8 4 0 . 6 s 5
page . 3 fig.1 peak pulse power rating curve fig.2 derating curve fig.3 pulse waveform fig.5 maximum non-repetitive peak forward surge current fig.4 typical junction capacitance td ,pulse width, micro sec t,time,ms number of cycles at 60hz t ,ambient temperature, c a o 0.1 0.1 1.0 non-repetitve pulse waveform shown in figure.3 t=25c a o 1.0 10 10 100 100 1000 10000 p ,peak pulse forward ,kw ppm i ,peak pulse current,% ppm i , peak forward surge current, amperes fsm peak pulse forward (p ) or current (i ) derating in percentage % pp pp 1 00 75 50 25 0 125 150 175 200 25 50 75 100 0 0 1.0 2.0 3.0 4.0 0 50 100 150 ha lf va lue-ipp 2 e-kt td t=25c pulse width (td) is defined as the point where the peak current decayst to 50% of ipp a o tf = 10usec peak value ippm cj,capacitance,pf 1.0 2.0 5.0 10 20 50 100 200 measured a t ze ro bi a s t j =25 c o f= 1.0mhz vsig = 5 0 m vp - p 10,000 1,000 100 10 v(rwm),reversestand-offvoltage,volts measured a t st a n d - o f f vo l t a g e (v ) rwm 50 40 30 20 10 2 4 10 20 40 100 0 1 t =t max 8.3ms single half sine-wave jedec method jj 10/1000 msec waveform as defined by r.e.a. december 25,2012-rev.03 s m f 5 . 0 a ~ sm f 1 7 5 a
page . 4 mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel order information sod-123fl 0.167 (4.25) 0.106 (2.70) 0.031 (0.78) 0.048 (1.22) unit inch(mm) december 25,2012-rev.03 s m f 5 . 0 a ~ sm f 1 7 5 a
page . 5 part no_packing code_version smf5.0a _r1_00001 for example : rb500v-40 _ r2 _ 00001 smf5.0a _r2_00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d december 25,2012-rev.03 s m f 5 . 0 a ~ sm f 1 7 5 a
page . 6 disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. z since panjit uses lot number as the tr acking base, please provide the lot number for tracking when complaining. december 25,2012-rev.03 s m f 5 . 0 a ~ sm f 1 7 5 a


▲Up To Search▲   

 
Price & Availability of SMF50AR100001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X