Part Number Hot Search : 
4N25FR2M 3000L CXD2463 L60S225 B102FL 1008F SFH4605 STM7096N
Product Description
Full Text Search
 

To Download SF2001E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 5 ?2009-2010 by rf monolithics, inc. SF2001E - 7/21/10 electrical characteristics electrical connections characteristic sym notes min typ max units nominal operating frequency f c 1960 mhz passband insertion loss, 1930 -1990 mhz il 2.35 4.0 db amplitude ripple, 1930 -1990 mhz 1.4 2.4 db p-p attenuation referenced to 0 db dc to1850 mhz 20.0 32.0 db 1850 to 1910 mhz 10.0 21.0 db 2010 to 2040 mhz 4.5 10.0 db 2040 to 2070 mhz 20.0 50 db 2070 to 5000 mhz 22.0 29.0 db 5000 to 6000 mhz 10.0 15.0 db vswr, 1930 to 1990 mhz 1.7 2.4 source impedance z s 50 ? load impedance z l 50 ? operating temperature t a -30 +80 c case style sm3030-6 3 x 3 mm nominal footprint lid symbolization (y=year, ww=week s=shift) 652 ywws connection terminals input 2 output 5 ground all others sm3030-6 ? rf filter for mobile communication applications  no matching circuit required  3.0 x 3.0 x 1.3 mm package  complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum input power +10 dbm dc voltage on any non-ground terminal 0 vdc storage temperature range in tape and reel -40 to +85 c maximum soldering profile, 5 cycles/10 seconds maximum 265 c 1960 mhz saw filter SF2001E 1. unless noted otherwise, all specifications apply over the operating temper- ature range with filter soldered to the specified demonstration board with impedance matching to 50 ? and measured with 50 ? network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is dependent on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. caution: electrostatic sensitive device. observe precautions for handling. notes: pb
www.rfm.com e-mail: info@rfm.com page 2 of 5 ?2009-2010 by rf monolithics, inc. SF2001E - 7/21/10 frequency characteristics:
www.rfm.com e-mail: info@rfm.com page 3 of 5 ?2009-2010 by rf monolithics, inc. SF2001E - 7/21/10 reflections functions: s11 vswr s22 vswr
www.rfm.com e-mail: info@rfm.com page 4 of 5 ?2009-2010 by rf monolithics, inc. SF2001E - 7/21/10          6-terminal ceramic surface-mount case 3.0 x 3.0 mm nominal footprint sm3030-6 case top view bottom view case and pcb footprint dimensions case materials dimension mm inches min nom max min nom max a 2.87 3.00 3.13 0.113 0.118 0.123 b 2.87 3.00 3.13 0.113 0.118 0.123 c 1.12 1.25 1.38 0.044 0.049 0.054 d 0.77 0.90 1.03 0.030 0.035 0.040 e 2.67 2.80 2.93 0.105 0.110 0.115 f 1.47 1.60 1.73 0.058 0.063 0.068 g 0.72 0.85 0.98 0.028 0.033 0.038 h 1.37 1.50 1.63 0.054 0.059 0.064 i 0.47 0.60 0.73 0.019 0.024 0.029 j 1.17 1.30 1.43 0.046 0.051 0.056 k 3.20 0.126 l 1.70 0.067 m 1.05 0.041 n 0.81 0.032 o 0.38 0.015 materials solder pad plating 0.3 to 1.0 m gold over 1.27 to 8.89 m nickel lid plating 2.0 to 3.0 m nickel body al 2 o 3 ceramic pb free pcb footprint top view 1 2 3 6 5 4 1 2 3 6 5 4 a bc d j ef gh i 652 ywws
www.rfm.com e-mail: info@rfm.com page 5 of 5 ?2009-2010 by rf monolithics, inc. SF2001E - 7/21/10 ro.3 (max.) 1.4 section a-a 0.3 section b-b 3.35 2.0 4.0 3.35 8.0 b b a r0.5 (typ.) a 5 . 5 1 2 . 0 1 . 7 5 1.5 1.5 tape and reel specifications ?b? quantity per reel inches millimeters 7 178 500 13 330 3000 pin #1 user direction of feed component orientation 1.6 see detail "a" 1 3 . 0 2 0 . 2 2.0 12.0 1 0 0 r e f . " b " r e f .


▲Up To Search▲   

 
Price & Availability of SF2001E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X