Part Number Hot Search : 
1N4002 14000 STPS15 07364 MSK4204 AD1857 KTD20 M400D
Product Description
Full Text Search
 

To Download SB5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb520 ...... SB5100 ?? siyu r ?? low forward voltage drop high current capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any features plastic schottky barrier rectifier 1.0(25.4) min .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) dia dia .052(1.3) .048(1.2) do-27 unit inch mm dachang electronics 21 sb 520 sb 530 30 5.0 150 15 sb 540 20 40 14 28 400 sb 550 sb 580 50 80 35 56 0.5 0.7 v v a v a ma /w pf unit v v r(rms) ? ?? ?? -55 --- +150 v rrm i fm ? if = 5.0a v f ?? 8.3ms??? i fsm ? ir ???? r ja tj, t stg ? vr = 4.0v f = 1.0mhz cj ta = 25 ta = 100 maximum repetitive peak reverse voltage maximum rms voltage ??? maximum dc blocking voltage maximum average forward rectified current maximum forward voltage peak forward surge current 8.3 ms single half sine-wave maximum reverse current typical thermal resistance operating junction and storage temperature range type junction capacitance ?? ta = 25 maximum ratings & electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols v dc 30 20 40 50 80 sb 560 60 42 60 sb 5100 100 70 100 0.85 ???rohs? lead and body according with rohs standard 0.5 5 www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0 0.2 0.4 0.6 0.8 1.0 0.01 0.1 0.2 1 2 10 tj = 25 c 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 100 120 90 60 30 0 150 10mm 10mm sb520 ...... SB5100 sb580 SB5100 sb520 thru sb540 dachang electronics sb550 sb560 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SB5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X