Part Number Hot Search : 
TPCC8106 NMR118C 100HS 11100 16IS752 000856 AHCGN SK14DG30
Product Description
Full Text Search
 

To Download RU1H35Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 www. ruichips .com ru1h 35 q n - channel advanced power mosfet mosfet features pin description applications symbol parameter rating unit common ratings ( t a =25 c unless otherwise noted) v dss drain - source voltage 100 v gss gate - source voltage 2 5 v t j maximum junction temperature 175 c t stg storage temperature range - 55 to 175 c i s diode continuous for ward current t c =25 c 40 a mounted on large heat sink i d p 300 s pulse drain current tested t c =25 c 160 a t c =25 c 40 i d continuous drain current t c =100 c 2 7 a t c =25 c 111 p d maximum power dissipation t c =100 c 56 w r q jc thermal resistance - jun ction to case 1.35 c /w drain - source avalanche ratings e as avalanche energy, single pulsed 22 0 m j ? 100 v/ 40 a, r ds ( on ) = 21 m ( tpy.)@ v gs =10v ? super high dense cell design ? 100% avalanche tested ? lead free and green devices available ( rohs compliant) ? switching application absolute maximum ratings n - channel mosf e t to - 220 to - 220f to - 263 to - 247
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 2 www. ruichips .com ru1h 35 q electrical characteristics ( t a =25 c unless otherwise noted) ru1h 35 q symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - sou rce breakdown voltage v gs =0v, i ds =250 m a 100 v v ds = 100 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 1 0 m a v gs ( th) gate threshold voltage v ds =v gs , i ds =250 m a 2 3 4 v i gss gate leakage current v gs = 2 5 v, v ds =0v 10 0 n a r ds ( on ) drain - source on - state resistance v gs = 10 v, i ds = 16 a 21 25 m w notes : pulse width limited by safe operating area. calculated continuous current based on maximum allowable junction temperature . limited by t jmax , i as = 2 1 a, v dd = 48 v, r g = 50 , starting t j = 25c . pulse test ; p ulse widt h 3 00 m s, duty cycle 2% . guaranteed by design, not subject to production testing . d iode characteristics v sd diode forward voltage i sd = 16 a, v gs =0v 0.8 1. 2 v t rr reverse recovery time 100 ns q rr reverse recovery charge i sd = 16 a, dl sd /dt=100a/ m s 4 3 0 nc dynamic ch aracteristics r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz 2 .8 w c iss input capacitance 2100 c oss output capacitance 250 c rss reverse transfer capacitance v gs =0v, v ds = 25 v, frequency=1.0mhz 115 pf t d ( on ) turn - on delay time 2 2 t r turn - on rise time 76 t d ( off ) turn - off delay time 6 0 t f turn - off fall time v dd = 50 v, r l = 30 w , i ds = 16 a, v gen = 10v, r g = 4.7 w 2 3 ns gate charge characteristics q g total gate charge 4 4 q gs gate - source charge 10 q gd gate - drain charge v ds = 80 v, v gs = 10v, i ds = 16 a 21 nc
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 3 www. ruichips .com ru1h 35 q typical characteristics power dissipation drain current p tot - power ( w) i d - drain current (a) t j - junction temperat ure ( c) t j - junction temperature ( c) safe operation area thermal transient impedance i d - drain current (a) normalized effective transient v ds - drain - source voltage (v) square wave pulse du ration ( sec)
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 4 www. ruichips .com ru1h 35 q typical characteristics output characteristics drain - source on resistance i d - drain current (a) r ds(on) - on resistance ( m ) v ds - drain - source voltage (v) i d - drain current (a) drain - source on resistance gate threshold voltage r ds ( on ) - on - resistance (m ? ) normalized threshold voltage v gs - gate - source voltage (v) t j - junction temperature (c)
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 5 www. ruichips .com ru1h 35 q typical characteristics drain - source on resistance source - drain diode forward normalized on resistance i s - source current (a) t j - junction tempe rature (c) v sd - source - drain voltage (v) capacitance gate charge c - capacitance ( pf ) v gs - gate - source voltage (v) v ds - drain - source voltage (v) q g - gate charge (nc)
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 6 www. ruichips .com ru1h 35 q avalanche test circuit and waveforms switching time test circuit and waveforms
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 7 www. ruichips .com ru1h 35 q ordering and marking information ru1h 35 package (available) q : to 2 47 operatin g temperature range c : - 55 to 1 75 oc assembly material g : green & lead free packaging t : tube
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 8 www. ruichips .com ru1h 35 q package information to - 247 all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min max min max symbol min max min max a 4.850 5.150 0,191 0.200 e 2 3.600 ref 0.142 ref a1 2.200 2.600 0.087 0.102 l 40.900 41.300 1.610 1.626 b 1.000 1.400 0.039 0.055 l1 24.800 25.100 0.976 0.988 b1 2.800 3.200 0.110 0.126 l2 20.300 20.600 0.799 0.811 b2 1.800 2.200 0.071 0.087 7.100 7.300 0.280 0.287 c 0.500 0.700 0.020 0.028 e 5.450 typ 0.215 typ c 1 1.900 2.100 0.075 0.083 h 5.980 ref. 0.235 ref. d 15.450 15.750 0.608 0.620 h 0.000 0.300 0. 000 0.012 e1 3.500 ref. 0.138 ref.
c opyright ruichips semiconductor co . , ltd rev . a C sep ., 2011 9 www. ruichips .com ru1h 35 q customer service worldwide sales and service : sales@ru i chips.com technical s upport : technical@ruichips.com investor relations contacts : investor@ruichips.com marcom contact: marcom@ruichips.com editorial contact : editorial@ruichips.com hr conta c t: hr@ruichips. com legal contact: legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial bui l ding, n o.207 mei hua road fu tian area shen zhen city , chi na tel: ( 86 - 755) 8311 - 5334 f ax : (86 - 755) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU1H35Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X