Part Number Hot Search : 
4R7M10 C1210 LE27AB 04807 DH71004 MAX85 1N5393 014014
Product Description
Full Text Search
 

To Download RCLAMP0531TTCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  protection products 1 www.semtech.com protection products - railclamp ? ? ? ? ? rclamp0531t ultra-low capacitance 1-line esd protection description features dimensions schematic & pin configuration revision 03/07/2011 railclamp is an ultra low capacitance transient voltage suppressor (tvs) designed to protect high speed data interfaces. this device has been specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from over- voltage caused by esd (electrostatic discharge), cde (cable discharge events), and eft (electrical fast transients). the rclamp tm 0531t has a maximum capacitance of only 0.80pf. this allows it to be used on circuits operating in excess of 2.5ghz without signal attenua- tion. they may be used to meet the esd immunity requirements of iec 61000-4-2. the rclamp0531t is in a 2-pin slp1006p2t package measuring 1.0 x 0.6 x 0.4mm. the leads are spaced at a pitch of 0.65mm and feature a lead-free finish. each device will protect one high-speed line operating at 5 volts. it gives the designer the flexibility to protect single lines in applications where arrays are not practi- cal. the combination of small size, low capacitance, and high esd surge capability makes them ideal for use in applications such as cellular phones and digital video interfaces. applications mechanical characteristics ? cellular handsets & accessories ? digital visual interface (dvi) ? fm antenna ? mddi ports ? usb ports ? pci express ? serial ata ? transient protection for data lines to iec 61000-4-2 (esd) 20kv (air), 12kv (contact) iec 61000-4-4 (eft) 40a (tp = 5/50ns) cable discharge event (cde) ? ultra-small package (1.0 x 0.6 x 0.4mm) ? protects one i/o line ? low capacitance: 0.8pf ? low clamping voltage ? low operating voltage: 5.0v ? solid-state silicon-avalanche technology ? slp1006p2t package ? molding compound flammability rating: ul 94v-0 ? marking: marking code + date code ? packaging : tape and reel ? lead finish: nipdau ? pb-free, halogen free, rohs/weee compliant slp1006p2t (bottom view) maximum dimensions (mm) 0.65 0.40 0.60 1.0
2 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t absolute maximum rating electrical characteristics (t=25 o c) g n i t a rl o b m y se u l a vs t i n u ) s 0 2 / 8 = p t ( r e w o p e s l u p k a e pp k p 0 8s t t a w ) s 0 2 / 8 = p t ( t n e r r u c e s l u p k a e pi p p 4a ) r i a ( 2 - 4 - 0 0 0 1 6 c e i r e p d s e ) t c a t n o c ( 2 - 4 - 0 0 0 1 6 c e i r e p d s e v d s e 0 2 - / + 2 1 - / + v k e r u t a r e p m e t g n i t a r e p ot j 5 2 1 + o t 5 5 -c e r u t a r e p m e t e g a r o t st g t s 0 5 1 + o t 5 5 -c r e t e m a r a pl o b m y ss n o i t i d n o cm u m i n i ml a c i p y tm u m i x a ms t i n u e g a t l o v f f o - d n a t s e s r e v e rv m w r 5v e g a t l o v n w o d k a e r b e s r e v e rv r b i t a m 1 =63 . 91 1v t n e r r u c e g a k a e l e s r e v e ri r v m w r c 5 2 = t , v 5 =0 1 0 . 00 0 1 . 0a e g a t l o v g n i p m a l cv c i p p s 0 2 / 8 = p t , a 1 =2 1v e g a t l o v g n i p m a l cv c i p p s 0 2 / 8 = p t , a 4 =0 2v e c n a t i c a p a c n o i t c n u jc j v r z h m 1 = f , v 0 =0 5 . 00 8 . 0f p
3 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t typical characteristics non-repetitive peak pulse power vs. pulse time 0 10 20 30 40 50 60 70 80 90 100 110 0 25 50 75 100 125 150 ambient temperature - t a ( o c) % of rated power or i pp power derating curve clamping voltage vs. peak pulse current normalized capacitance vs. reverse voltage 0.01 0.1 1 10 0.1 1 10 100 pulse duration - tp (us) peak pulse power - p pp (kw) insertion loss s21 usb 2.0 eye pattern with rclamp0531t 0 2 4 6 8 10 12 14 16 012345 peak pulse current - i pp (a) clamping voltage -v c (v) waveform parameters: tr = 8s td = 20s 0.800 0.850 0.900 0.950 1.000 1.050 1.100 012345 reverse voltage (v r ) cj(v r ) / cj(v r =0v) f = 1 mhz 1 2 3 4 5 start . 030 mhz 3 stop 000 . 000 000 mhz ch1 s21 log 6 db / ref 0 db 1: -0.15390 db 800 mhz 2: -0.1480 db 900 mhz 3: 0.01210 db 1.8 ghz 4: 0.09410 db 2.5 ghz 0 db -6 db -12 db -18 db -24 db -30 db -36 db 1 ghz 100 mhz 3 ghz 10 mhz 1 mhz -42 db -48 db
4 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t esd clamping (+8kv contact per iec 61000-4-2) esd clamping (-8kv contact per iec 61000-4-2) note: data is taken with a 10x attenuator note: data is taken with a 10x attenuator
5 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t equivalent circuit diagram device connection options these low capacitance tvs diodes are designed to provide common mode protection for one high-speed line or differential protection for one line pair. the device is bidirectional and may be used on lines where the signal polarity is positive and negative. circuit board layout recommendations for suppres- sion of esd. good circuit board layout is critical for the suppression of esd induced transients. the following guidelines are recommended: z place the tvs near the input terminals or connec- tors to restrict transient coupling. z minimize the path length between the tvs and the protected line. z minimize all conductive loops including power and ground loops. z the esd transient return path to ground should be kept as short as possible. z never run critical signals near board edges. z use ground planes whenever possible. applications information
6 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t rclamp0531t spice model applications information - spice model s r e t e m a r a p e c i p s t 1 3 5 0 p m a l c r r e t e m a r a pt i n u) s v t ( 1 d) s v t ( 2 d s ip m a4 1 - e 1 1 . 24 1 - e 1 1 . 2 v bt l o v6 . 86 . 8 j vt l o v7 . 07 . 0 s rm h o4 . 04 . 0 v b ip m a3 - e 13 - e 1 o j cd a r a f2 1 - e 8 . 02 1 - e 8 . 0 t tc e s9 - e 1 4 5 . 29 - e 1 4 5 . 2 m- -2 0 . 02 0 . 0 n- -1 . 11 . 1 g ev e1 1 . 11 1 . 1 note: spice model is for simulating transient response only.
7 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t outline drawing - slp1006p2t land pattern - slp1006p2t bxn e a1 .000 .001 .002 0.00 0.03 0.05 r 2x l pin 1 id r .002 .004 .006 0.05 0.10 0.15 a inches .026 bsc aaa n e l e .008 .020 dim a min .018 .015 0.30 0.70 0.20 0.50 .003 2 .010 .024 .012 .028 0.08 2 0.25 0.60 0.65 bsc millimeters max 0.55 0.43 dimensions min 0.45 nom .016 .020 max .022 .017 nom 0.37 0.50 0.40 controlling dimensions are in millimeters (angles in degrees). notes: 1. bottom view top view a b c b aaa c seating plane bbb c a b d .035 .039 .043 0.90 1.10 1.00 .004 bbb 0.10 d e a1 this land pattern is for reference purposes only. consult your manufacturing group to ensure your notes: 2. dim y g c millimeters inches (0.85) .055 .012 .022 (.033) 1.40 0.55 0.30 dimensions company's manufacturing guidelines are met. z y (c) g z x .024 0.60 x 1. controlling dimensions are in millimeters (angles in degrees).
8 ? 2011 semtech corp. www.semtech.com protection products rclamp0531t contact information semtech corporation protection products division 200 flynn rd., camarillo, ca 93012 phone: (805)498-2111 fax (805)498-3804 marking code ordering information tape and reel specification railclamp and rclamp are trademarks of semtech corporation. r e b m u n t r a p g n i k r o w e g a t l o v r e p y t q l e e r l e e r e z i s t c t . t 1 3 5 0 p m a l c rv 50 0 0 , 3h c n i 7 notes: 1) marking will also include line matrix date code 2) device is electrically symmetrical 3t e p a t h t d i w ) x a m ( , bd1 de f p0 p2 ptw m m 8 m m 2 . 4 ) 5 6 1 . ( m m 1 . 0 + 5 . 1 m m 0 . 0 - 5 0 0 . + 9 5 . 0 ( ) 0 0 0 . - m m 4 . 0 5 2 . 0 ) 1 3 0 . ( 0 1 . 0 5 7 . 1 m m ) 4 0 0 . 9 6 0 . ( 5 0 . 0 5 . 3 m m ) 2 0 0 . 8 3 1 . ( 0 1 . 0 0 . 4 m m - 0 0 . 7 5 1 . ( ) 4 1 . 0 0 . 4 m m - 0 0 . 7 5 1 . ( ) 4 5 0 . 0 0 . 2 m m ) 2 0 0 . 9 7 0 . ( 2 0 . 0 4 5 2 . 0 ) 6 1 0 . ( m m m m 0 . 8 m m 3 . 0 + m m 1 . 0 - ) 2 1 0 . 2 1 3 . ( 0 a0 b0 k m m 0 1 . 0 - / + 9 6 . 0m m 0 1 . 0 - / + 9 1 . 1m m 0 1 . 0 - / + 6 6 . 0 band location (opposite sprocket holes) 3t 3t 3t


▲Up To Search▲   

 
Price & Availability of RCLAMP0531TTCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X