Part Number Hot Search : 
74LVC 1206B DO330 C9S12 KSD5070 10400 BAT54SW 231600P
Product Description
Full Text Search
 

To Download PLL205-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 1 features generates all clock frequencies for via kt266 chipset. support one pair of differential cpu clocks, one pair of differential push - pull cpu clocks, 3 agp and 10 pci. enhanced pci output drive selectable by i2c. one 48mhz clock and 24_48mhz clock vi a i2c. three 14.318mhz reference clocks. power management control to stop cpu, pci, ref, 24_48mhz, 48mhz and agp clocks. supports 2 - wire i2c serial bus interface with readback. single byte micro - step linear frequency programming via i2c with glitch free sm ooth switching. built - in programmable watchdog timer up to 63 seconds with 1 - second interval. it will generate a low reset output when timer expired. spread spectrum 0.25% center, 0.5% center, 0.75% center, and 0 to - 0.5% downspread. 50% duty cycle with low jitter. available in 300 mil 48 pin ssop. block diagram pin configuration note: ^: 100k internal pull up v: 100k internal pull down #: active low * : bi - directional up latched at power - up power group vdd1: ref(0:1), ref_f, xin, xout vdd2: 4 8mhz or 24_48mhz vdd3: pci(0:8), pci9_e vdd4: agp(0:2) vddl1: cput0, cpuc0, cput_cs, cpuc_cs vddl2: pll core key specifications cpu cycle to cycle jitter: 250ps. pci cycle to cycle jitter: 500ps. pci to pci skew: 500ps. cpu to cpu skew: 175ps. agp to agp skew: 250ps. 48mhz 24_48mhz pd xin xout fs (0:4)* xtal osc pll1 sst control logic vdd1 ref(0:1) vdd4 agp (0:2) pci (0:8) pci9_e vdd3 vdd2 pll2 ? 2 ref_f cput0 cpuc0 cput_cs cpuc_cs vddl1 sdata sclk i2c logic watch dog wdreset# cpuc0 vddl1 cput_cs cpuc_cs gnd cpu_stop#^ pci_stop#^ pd#^ vddl2 gnd sdata vdd3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 PLL205-16 ref0/fs0*^ ref1/fs1*^ ref_f n/c agp_stop#^ gnd cput0 sclk gnd agp2 agp1 agp0 vdd4 wdreset#^ pci4 vdd3 pci3 sel24_48#^/pci0 fs4*^/pci_f gnd 24_48mhz/fs3* ^ 48mhz/fs2*^ vdd2 xout xin gnd vdd1 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 pci1 gnd pci2 pci8 pci7 gnd pci6 pci5 pci9_e/selpci9_e*^
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 2 pin description name number type description vdd1 1 p power supply for ref(0:1), ref_f and crystal oscillator. vdd2 5 p power supply for 48mhz or 24_48mhz. vdd3 15,23 p power supply for pci(0:8), pci9_e. vdd4 25 p power supply for agp(0: 2). vddl1 40 p power supply for cput0, cpuc0, cput_cs and cpuc_cs. vddl2 33 p power supply for pll core. gnd 2,8,12,19,29, 32,37,43 p ground. xin 3 i 14.318mhz crystal input to be connected to one end of the crystal. xout 4 o 14.318mhz crystal output. pd# 34 i pd is asynchronous active low input used to power down the device into a low power state. the internal clocks are disabled and the vco and the crystal are stopped. pci_stop# 35 i when input is low, it will stop pci(0:8) and pci9_e. the enable of the watchdog timer masks the pci_stop action. cpu_stop 36 i when input is low, it will disable cput0, cpuc0, cput_cs and cpuc_cs. agp_stop 44 i when input is low, it will stop agp(0:2). n/c 45 not connected pci(0:8) 10,11,13,14, 16,17,18,20,21 o pci clocks with frequencies defined by frequency table. these pins will be low when pci_stop is low. sel24_48#/pci0 10 b pci clock output. this pin also serves as the select 24mhz (when high) or 48mhz (w hen low) for pin7. pci9_e/selpci9_e 22 b at power up, this pin is an input pin and will determine the operating frequency of pci9_e output. after input sampling, this pin will generate pci output clock. if selpci9_e=1, pci9_e will arrive 2 ns earlier than other pci clocks, if selpci9_e=0, pci9_e will be normal pci output like other pci clock outputs.
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 3 pin descriptions (continued) name number type description fs4*/pci_f 9 b free running pci clock. this pin also serves as the select strap to determine device operating frequency. cput0 42 o true clock of differential pair open drain cpu outputs. this output will be disabled when cpu_stop is low. cpuc0 41 o complementary clock of differential pair open drain cpu outputs. this output will be disabled whe n cpu_stop is low. cput_cs, cpuc_cs 39,38 o differential cpu clock outputs for the chipset. they are push - pull outputs. these outputs will be disabled when cpu_stop is low. agp(0:2) 26,27,28 o agp clocks outputs defined as 2x pci. sdata 31 b sclk 30 i serial data input for serial interface port. ref0/fs0* ref1/fs1* 48mhz/fs2* 24_48mhz/fs3* fs4*/pci_f 48,47,6,7,9 b at power up, these pins are input pins. after input sampling, these pins will generate output clocks. fs(0:4) have interna l pull - up resistor. wdreset# 24 i this pin is an open drain output. will be low at watchdog timer expiration. ref(0:1),ref_f 48,47,46 o 3.3v 14.318mhz clock output.
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 4 power management cpu_stop pci_stop cput_cs cpuc_cs cput0 cpuc0 pci pci_f xtal,vco 1 1 running running running running running running running 0 1 stopped low stopped high stopped high stopped low running running running 1 0 running running running running stopped low running running frequency (mhz) selection table fs4 fs3 fs2 fs1 fs0 c pu agp pci spread spectrum 0 0 0 0 0 156 78 39 0.25% 0 0 0 0 1 154 77 38.5 0.25% 0 0 0 1 0 152 76 38 0.25% 0 0 0 1 1 147 73.5 36.8 0.25% 0 0 1 0 0 144 72 36 0.25% 0 0 1 0 1 142 71 35.5 0.25% 0 0 1 1 0 138 69 34.5 0.25% 0 0 1 1 1 136 6 8 34 0.25% 0 1 0 0 0 124 62 31 0.25% 0 1 0 0 1 122 61 30.5 0.25% 0 1 0 1 0 117 78 39 0.25% 0 1 0 1 1 115 76.7 38.3 0.25% 0 1 1 0 0 113 75.3 37.7 0.25% 0 1 1 0 1 108 72 36 0.25% 0 1 1 1 0 105 70 35 0.25% 0 1 1 1 1 102 68 34 0.25% 1 0 0 0 0 233.3 77.78 38.88 0.25% 1 0 0 0 1 220 73.3 36.6 0.5% 1 0 0 1 0 210 70 35 0.75% 1 0 0 1 1 200 66.6 33.3 0.25% 1 0 1 0 0 190 76 38 0.25% 1 0 1 0 1 180 72 36 0.25% 1 0 1 1 0 170 68 34 0.25% 1 0 1 1 1 150 75 37.5 0.25% 1 1 0 0 0 140 70 35 0.25% 1 1 0 0 1 120 60 30 0.25% 1 1 0 1 0 110 73.3 36.67 0.25% 1 1 0 1 1 66.6 66.6 33.3 0.25% 1 1 1 0 0 200 66.6 33.3 0.25% 1 1 1 0 1 166.6 66.64 33.32 0.25% 1 1 1 1 0 100 66.67 33.33 0.5% 1 1 1 1 1 133.33 66.67 33.33 0. 75%
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 5 frequency (mhz) selection table by group timing divider ratio (cpu:agp) fs4 fs3 fs2 fs1 fs0 cpu agp pci a ( 1: 1 ) 1 1 0 1 1 66.6 66.6 33.3 1 1 1 1 0 100 66.67 33.33 0 1 1 1 1 102 68 34 0 1 1 1 0 105 70 35 0 1 1 0 1 108 72 36 1 1 0 1 0 110 73.3 36.67 0 1 1 0 0 113 75.3 37.7 0 1 0 1 1 115 76.7 38.3 b (1.5 : 1 ) 0 1 0 1 0 117 78 39 1 1 0 0 1 120 60 30 0 1 0 0 1 122 61 30.5 0 1 0 0 0 124 62 31 1 1 1 1 1 133.33 66.67 33.33 0 0 1 1 1 136 68 34 0 0 1 1 0 138 69 34.5 1 1 0 0 0 140 70 35 0 0 1 0 1 142 71 35.5 0 0 1 0 0 144 72 36 0 0 0 1 1 147 73.5 36.8 1 0 1 1 1 150 75 37.5 0 0 0 1 0 152 76 38 0 0 0 0 1 154 77 38.5 b ( 2 : 1 ) 0 0 0 0 0 156 78 39 1 1 1 0 1 166.6 66.64 33.32 1 0 1 1 0 170 68 34 1 0 1 0 1 180 72 36 c ( 2.5 : 1 ) 1 0 1 0 0 190 76 38 1 1 1 0 0 200 66.6 33.3 1 0 0 1 1 200 66.6 33.3 1 0 0 1 0 210 70 35 1 0 0 0 1 220 73.3 36.6 d ( 3 : 1 ) 1 0 0 0 0 233.3 77.78 38.88
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 6 pd# assertion (transition from logic ?1? to logic ?0?) 1. when power - down (pd# ) is sampled low by two consecutive rising edges of cpuc clock, then all clock outputs must be held low on their next high to low transition (except cput which must be driven high with a value of 2 x iref). 2. after the clocks have all been stopped, the inter nal pll stages and the crystal oscillator will all be driven to a low power stopped condition. figure: pd# assertion (transition from logic '1' to logic '0') pd# de - assertion (transition from topic "0" to topic "1") 1. power - down (pd#) pin is taken from low to high transition to return to normal running operation. 2. the crystal oscillator and the two pll stages are released from pd to start - up to normal operation. 3. the cpu pll clocks (differential cpu outputs) are then operating. 4. after the pci clocks are releas ed. 5. following the 48 mhz (dot and usb clocks) and the ref (14.318mhz) clocks are released. figure: pd# de - assertion (transition from logic '0' to logic '1') pcif cput cpuc ref 14.318mhz usb 48mhz pwrdwn# < 3 ms 30 us min. 100us max. pcif cput cpuc ref 14.318mhz usb 48mhz pwrdwn#
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 7 figure: assertion cpu_stop# waveforms cpu_stop# cput cpuc cput_cs cpuc_cs figure: assertion pci_stop# w aveforms pci_stop# pci_f pci(1:8) note: pci_f left free - running after p ci_stop# assertion. note: cpu_stop# assertion will stop all cpu outputs.
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 8 i2c bus configuration setting address assignment a6 a5 a4 a3 a2 a1 a0 r/w 1 1 0 1 0 0 1 _ slave receiver/transmitter provides both slave write and readback functionality data transfer rate standard mode at 100kbits/s serial bits reading the serial bits will be read or sent by the clock driver in the following ord er byte 0 ? bits 7, 6, 5, 4, 3, 2, 1, 0 byte 1 ? bits 7, 6, 5, 4, 3, 2, 1, 0 - byte n ? bits 7, 6, 5, 4, 3, 2, 1, 0 data protocol this serial protocol is designed to allow both blocks write and read from the controller. the bytes must be ac cessed in sequential order from lowest to highest byte. each byte transferred must be followed by 1 acknowledge bit. a byte transferred without acknowledged bit will terminate the transfer. the write or read block both begins with the master sending a slav e address and a write condition (0xd2) or a read condition (0xd3). following the acknowledge of this address byte, in write mode: the command byte and byte count byte must be sent by the master but ignored by the slave, in read mode: the byte count byte wi ll be read by the master then all other data byte . i2c control registers 1. byte 0: functional and frequency select clock register (1=enable, 0=disable) bit pin# default description bit 7 - 0 0 = off, 1 = spread spectrum enable bit 6 - 0 frequency sele ction control bit 1=via i2c, 0=via external jumper bit 5 - 0 0 = normal, 1 = tristate mode for all outputs bit 4 9 0 fs4 ( see frequency selection table ) bit 3 7 0 fs3 ( see frequency selection table ) bit 2 6 0 fs2 ( see frequency selection table ) bit 1 47 0 fs1 ( see frequency selection table ) bit 0 48 0 fs0 ( see frequency selection table )
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 9 2. byte 1: cpu clock register (1=enable, 0=disable) bit pin# default description bit 7 - x inverted power - up latched fs2 value (read only) bit 6 - x in verted power - up latched fs1 value (read only) bit 5 - 1 1 = normal, 0 = pci drive enhanced 25% bit 4 - x inverted power - up latched fs0 value (read only) bit 3 39,38 1 cput_cs, cpuc_cs ( active/inactive ). when disabled, defaults to cput_cs = 0 cpuc_cs = 1 bit 2 42,41 1 cput0, cpuc0 ( active/inactive ). when disabled, defaults to cput0 = 1 cpuc0 = 0 bit 1 22 1 pci9_e ( active/inactive ) bit 0 21 1 pci8 ( active/inactive ) 3. byte 2: pci clock register (1=enable, 0=disable) bit pin# default de scription bit 7 20 1 pci7 ( active/inactive ) bit 6 18 1 pci6 ( active/inactive ) bit 5 17 1 pci5 ( active/inactive ) bit 4 16 1 pci4 ( active/inactive ) bit 3 14 1 pci3 ( active/inactive ) bit 2 13 1 pci2 ( active/inactive ) bit 1 11 1 pci1 ( activ e/inactive ) bit 0 10 1 pci0 ( active/inactive ) 4. byte 3: agp clock register (1=enable, 0=disable) bit pin# default description bit 7 - x inverted power - up latched fs3 value (read only) bit 6 7 1 reserved bit 5 6 1 48mhz ( active/inactive ) bit 4 7 1 24_48mhz ( active/inactive ) bit 3 9 1 pci_f ( active/inactive ) bit 2 28 1 agp2 ( active/inactive ) bit 1 27 1 agp1 ( active/inactive ) bit 0 26 1 agp0 ( active/inactive )
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 10 5. byte 4: linear programming register (1=enable, 0=disable) bit pin# def ault description bit 7 - 0 linear programming sign bit ( 0 is ? + ?, 1 is ? - ? ) bit 6 - 0 linear programming magnitude bit 6 (msb) bit 5 - 0 linear programming magnitude bit 5 bit 4 - 0 linear programming magnitude bit 4 bit 3 - 0 linear programming mag nitude bit 3 bit 2 - 0 linear programming magnitude bit 2 bit 1 - 0 linear programming magnitude bit 1 bit 0 - 0 linear programming magnitude bit 0 (lsb) 6. byte 5: peripheral clock register (1=enable, 0=disable) bit pin# default description bit 7 - x inverted power - up latched fs4 value (read only) bit 6 - 1 reserved ( active/inactive ) bit 5 44 1 agp_stop ( active/inactive ) bit 4 45 1 ref_stop ( active/inactive ) bit 3 46 1 ref_f ( active/inactive ) bit 2 - 1 reserved bit 1 47 1 ref1 ( active /inactive ) bit 0 48 1 ref0 ( active/inactive ) 7. byte 6: reserved register (for external ddr buffer) bit pin# default description bit 7 - 1 reserved bit 6 - 1 reserved bit 5 - 1 reserved bit 4 - 1 reserved bit 3 - 1 reserved bit 2 - 1 reserved b it 1 - 1 reserved bit 0 - 1 reserved
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 11 8. byte 7: reserved register (for external ddr buffer) bit pin# default description bit 7 - 1 reserved bit 6 - 1 reserved bit 5 - 1 reserved bit 4 - 1 reserved bit 3 - 1 reserved bit 2 - 1 reserved bit 1 - 1 r eserved bit 0 - 1 reserved 9. byte 8: watchdog timer / revision id and vendor id register (1=enable, 0=disable) bit pin# default description bit 7 - 0 watchdog timer enable bit. 1=enable, 0=disable bit 6 - 0 revision id bit 2* bit 5 - 0 watchdog time interval bit 5 (msb) revision id bit 1* bit 4 - 0 watchdog time interval bit 4 revision id bit 0* bit 3 - 0 watchdog time interval bit 3 vendor id bit 3* bit 2 - 0 watchdog time interval bit 2 vendor id bit 2* bit 1 - 1 watchdog time interval bit 1 vendor id bit 1* bit 0 - 1 watchdog time interval bit 0 (lsb) vendor id bit 0* note: *: default value at power - up. don?t write into this register, writing into this register can cause malfunction.
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 12 programming of cpu frequency to simplify traditional loop counter setting, the pll205 - 16 device incorporates smart - byte ? technology with a single byte programming via i2c to better optimize clock jitter and spread spectrum performance. detail of pll205 - 16's dual mode frequency programming method is descri bed below: 1. rom - table frequency programming: the pre - defined 32 frequencies found in frequency table can be accessed either through 5 external jumpers or by setting internal i2c register in byte0. 2. fine - step linear frequency programming: cpu frequency can b e programmed via i2c in fine and linear positive or negative stepping around current selected cpu frequency in frequency table. the highest step is either +127 or - 127. other bus frequencies will be changed proportionally with the rate that cpu frequency c hange. the formula is as follow: f cpu = f cpu - rom - table a a (=0.22) * m where : 1. m is magnitude factor defined in i2c byte4.bit (0:6) 2 . (sign bit) of m is defined in i2c byte4.bit 7 3. a is a constant a = 0.22 frequency programming example: 1. p rocedures to program target cpu frequency to 130.0 mhz in group b timing: a. locate the closest cpu frequency from frequency from frequency - rom table: 124.0 b. a = 0.22 c. solve m (linear magnitude factor) in integer: m = (f cpu - f cpu - romtable ) / a = (13 0 - 124) / 0.22 = 27 d. program i2c register: 7 6 5 4 3 2 1 0 0 1 0 0 1 0 0 0 ctr fs4 fs3 fs2 fs1 fs 0 7 6 5 4 3 2 1 0 0 0 0 1 1 0 1 1 sign m6 m5 m4 m3 m2 m1 m0 f cpu = 124.0 + (0.22) * 27 = 129.94 (% of frequency increased = 4.79% ) f agp = 62 * (1 + 4.79%) = 64.97 f pci = 31 * (1 + 4.79%) = 32.48 setting of m = +27 in i2c.byte4 setting of i2c.byte0
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 13 wdt operational flow chart success i2c register loading: fall - back, m, wd - timer, wd - enable i2c register loading: fsel wait for system res ponse fail - after specified wd - timer expired disable wd - enable bit f cpu = target setting system restart @ fall - back frequency fail - after specified wd - timer expired success copy fall - back frequency setting to i2c frequency setti ng disable wd - enable bit f cpu = fall - back frequency setting system restart @ jumper - setting frequency end start end end
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 14 electrical specifications 1. absolute maximum ratings parameters symbol min. max. units supply voltage v dd v ss - 0.5 7 v input voltage, dc v i v ss - 0.5 v dd + 0.5 v output voltage, dc v o v ss - 0.5 v dd + 0.5 v storage temperature t s - 65 150 c ambient operating temperature t a 0 70 c junction temperature t j 115 c esd voltage 2 kv exposure of the device under conditions beyond the limits specified by maximum ratings for extended periods may cause permanent damage to the device and affect product reliability. these conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. 2. dc/ac electrical specifications parameters s ymbol conditions min. typ. max. units input high voltage v ih all inputs except xin 2 v dd +0.3 v input low voltage v il all inputs except xin v ss - 0.3 0.8 v input high current i ih v in = v dd 5 ua input low current i il1 v in =0 with no pull - up resistor - 5 input low current i il2 v in =0 with pull - up resistor - 200 ua i dd c l =0 pf@66mhz, 3.3v 5% i ddl c l =0 pf@133mhz, 3.3v 5% 180 i dd c l =0 pf@66mhz, 2.5v 5% 72 supply current i ddl c l =0 pf@133mhz, 2.5v 5% 100 ma transition time t trans to 1 st crossing of target freq. 3 ms pull - up resistor r pu pin 6,21,35,36,44,45,47,48 120 kohm pull - down resistor r dw pin 7 120 kohm input frequency f i v dd = 3.3v 12 14.318 16 mhz c in logic inputs 5 pf input capacitance c inx xin & xout pins 27 28 45 pf
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 15 2. dc/ac electrical specifications (continued) unless otherwise stated, all power supplies = 3.3v 5%, and ambient temperature range t a = 0 c to 70 c parameters symbol outputs conditions min. typ. max. units cpu measured @ 0.4v ~ 2.0v, c l =10 - 20pf, 2.5v 5% 1.6 ref, 48mhz, 24mhz measured @ 0.4v ~ 2.4v, c l =10 - 20pf 4 output rise time t or pci_f, pci, agp, apic measured @ 0.4v ~ 2.4v, c l =10 - 30pf 2 ns cpu measured @ 2.0 ~ 0.4v, c l =10 - 20pf, 2.5v 5% 1.6 ref, 48mhz, 24mhz measured @ 2.4v ~ 0.4v, c l =10 - 20pf 4 output fall time t of pci_f, pci, agp, apic measured @ 2.4v ~ 0.4v, c l =10 - 30pf 2 ns cpu,apic,ref, 48mhz,24mhz measured @ 1.5v c l =20pf 45 50 55 duty cycle d t pci, agp measured @ 1.5v, c l =20~30pf 40 55 % cpu rising edge @ 1.25v, c l =20pf 175 pci rising edge @ 1.5v, c l =30pf 500 clock skew t skew agp rising edge @ 1.5v, c l =30pf 250 ps cpu measured @ 1.25v 250 jitter(cycle to cycle) j cyc - cyc pci, agp measured @ 1.5v 500 ps frequency stabilization time t fst cpu,pci_f,pci, apic,agp,ref, 48mhz,24mhz assumes full supply voltage reached within 1ms from power - up. short cycle exist prior to frequency stabilization. 3 ms cpu v dd =3.3v(2.5v) 5% 20 pci,agp v dd =3.3v 5% 30 ac output impedance z 0 re f,48mhz,24mhz v dd =3.3v 5% 40 ohm
preliminary pll205 - 16 programm able clock generator for via kt - 266 chipset 47745 fremont blvd., fremont, california 94538 tel (510) 492 - 0990 fax (510) 492 - 0991 rev 11 /21 /01 page 16 package information ordering information phaselink corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. the information furnished by phaselink is believed to be accurate and reliable. however, phaselink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. life support policy : phaselink?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of phaselink corporation. for part ordering, please contact our sales department: 47745 fremont blvd., fremont, ca 94538, usa tel: (510) 492 - 0990 fax: (510) 492 - 0991 part number the order number for this device is a combination of the following: device number, package type and operating temperature range pll205 - 16 x c part number temperatu rature c=commercial m=military i=industral package type x=ssop 0.008 - 0.016 (0.203 - 0.406) 0.620 - 0.630 (15.75 - 16.00) (0.254 - 0.406) 45 0 0.010 - 0.016 0.050 (1.27) min 3 0 -6 0 0.015 (0.381) 0.088 - 0.096 (2.235 - 2.438) 0.097 - 0.104 (2.464 - 2.642) 0.025 0.635 0.400 - 0.410 10.160 - 10.414 0.292 - 0.299 7.417 - 7.595 0.008 - 0.0135 0.203 - 0.343 48pin ssop


▲Up To Search▲   

 
Price & Availability of PLL205-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X