note: all specifications are subject to change without notice. 13-7 13 dimension unit: mm peripheral modules - mini card specifications features pci express mini card interface two uart tx & rx with isolation tf-PER-C21C-a10 ? mini pcie, 2-port isolation rs-232 module, rev. a1.0 mini pcie module with two isolated uart ports system form factor mini card type (30mm x 50.95mm) uart chipset moschip (mcs9922) port number 2 for isolated rs-232 port (only txd and rxd) power requirement + 3.3v operating temperature 32 of ~ 140 of (0 oc ~ 60 oc) PER-C21C packing list ordering information 1701090150 ? rs-232 cable product cd (including quick installation guide) ? PER-C21C ?
|