Part Number Hot Search : 
MB5342 6XS28D TMC261 0SMCJ70A 390MC SZ5A13 2DD1766P R47M1
Product Description
Full Text Search
 

To Download MBRS130-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr120 thru mbr1100 mechanical data case : jedec sod-123fl molded plastic body terminals : s olderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any features maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction low power loss,high efficiency high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension d12 symbols units d110 note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 20 14 20 v rrm v rms v dc i (av) i fsm v f 1.0 25.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 c j t j t stg 80 storage temperature range d13 d15 d14 d16 d18 d17 d19 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 70 49 70 90 63 90 volts volts volts amp amps volts pf c ma c -65 to +150 -65 to +125 -65 to +150 10.0 5.0 0.55 110 0.85 sod-123fl dimensions in inches and (millimeters) 0.9 2 . 0 2 . 7 0 . 2 65 . 1 15 . 0 c a t h o d e b a n d t o p v i e w 0 . 7 0 . 2 5 05 . 1 5 1 . 0 2 . 0 mbrs mbrs mbrs mbrs mbrs mbrs mbrs mbrs mbrs 120-fl 130-fl 140-fl 150-fl 160-fl 170-fl 180-fl 190-fl 1100-fl marking xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes ambient temperature, c mbrs170-mbrs1100 mbrs120-mbrs160 tj=75 c 0.1 1.0 10 100 reverse voltage,volts fig. 5-typical junction capacitance junction capacitance, pf t j =25 c 10 100 1000 2000 30 25 20 15 10 5.0 0 1 10 100 8.3ms single half sine-wave (jedec method) 0.2 0.4 0.6 0.8 1.0 1.1 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle mbrs120-mbrs140 mbrs150-mbrs160 mbrs170-mbrs1100 mbrs120-mbrs140 mbrs120-mbrs1100 mbr120 thru mbr1100 xinghe electronics e?o?? 2 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of MBRS130-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X