Part Number Hot Search : 
STA463C HMP37H 342A138 U74HC373 KBPC10 R1A10 MAX15022 2SC3379
Product Description
Full Text Search
 

To Download MBR2035CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) to-220ab features  pl astic material used carries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier conduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data  cases: jedec to-220ab molded plastic  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 0.08 ounce, 2.24 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 2035 ct mbr 2045 ct mbr 2050 ct mbr 2060 ct mbr 2090 ct mbr 20100 ct mbr 20150 ct units maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 150 v maximum rms voltage v rms 24 31 35 42 63 70 105 v maximum dc blocking voltage v dc 35 45 50 60 90 100 150 v maximum average forward rectified current at t c =135 o c i (av) 20 a peak repetitive forw ard current (rated v r , square wave, 20khz) at tc=135 o c i frm 20 a peak forward surge current, 8. 3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forw ard voltage at (note 2) if=10a, tc=25 o c if=10a, tc=125 o c if=20a, tc=25 o c if=20a, tc=125 o c v f - 0.57 0.84 0.72 0.80 0.70 0.95 0.85 0.85 0.75 0.95 0.85 0.99 0.87 1.23 1.10 v 0.1 0.1 maximum instantaneous re verse current @ tc=25 at rated dc blocking voltage @ tc=125 i r 15 10 5.0 ma ma voltage rate of change, (rated v r ) dv/dt 10,000 v/us typical junction capacitance cj 400 320 pf typical thermal resist ance per leg (note 3) r jc 1.0 2.0 o c/w operating junction temperature range t j -65 to +150 o c storage temperature range t stg -65 to +175 o c notes: 1. 2.0us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance fr om junction to case per leg, with he atsink size (4?x6? x0.25?) al-plate. MBR2035CT-mbr20150ct 20.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
tj=25 c f=1.0mhz vsig=50mvp-p 0 MBR2035CT-mbr2045ct mbr2050ct & mbr20200ct ratings and characteristic curves (MBR2035CT thru mbr20150ct) fig.1- forward current derating curve r ofegareva t ner rucd raw ) a (. 0 051 001 05 0 4 8 12 16 20 case temperature. ( c) o resistive or inductive load fig.2- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 10 100 25 50 0 75 125 100 150 number of cycles at 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous forward current. (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.30.2 0.1 0 1.2 0.1 0.01 1 10 40 forward voltage. (v) tj=25 c 0 tj=150 c 0 MBR2035CT-mbr2045ct mbr2050ct & mbr2060ct mbr20100ct mbr20150ct fig.4- typical reverse characteristics per leg instantaneous reverse current .(ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 MBR2035CT-mbr2045ct mbr2050ct & mbr20100ct mbr20150ct tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.6- typical transient thermal impedance per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction capacitance.(pf) 0.1 1.0 10 100 100 1,000 5,000 reverse voltage. (v) pulse width=300 s 1% duty cycle 200 2,000 500 MBR2035CT-mbr20150ct 20.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MBR2035CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X