Part Number Hot Search : 
7716A MAX3241E 0HF0HG3 APR6016 4AUP1G BA033 MAX11626 YG802C04
Product Description
Full Text Search
 

To Download MAX15014AATX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max15014?ax15017 combine a step-down dc- dc converter and a 50ma, low-quiescent-current low- dropout (ldo) regulator. the ldo regulator is ideal for powering always-on circuitry in automotive applications. the dc-dc converter input voltage range is 4.5v to 40v for the max15015/max15016, and 7.5v to 40v for the max15014/max15017. the dc-dc converter output is adjustable from 1.26v to 32v and can deliver up to 1a of load current. these devices utilize a feed-forward voltage-mode control scheme for good noise immunity in the high-voltage switching environment and offer external compensation allowing for maximum flexibility with a wide selection of inductor values and capacitor types. the switching frequency is internally fixed at 135khz and 500khz, depending on the version chosen. moreover, the switching frequency can be synchronized to an exter- nal clock signal through the sync input. light load effi- ciency is improved by automatically switching to a pulse-skip mode. the soft-start time is adjustable with an external capacitor. the dc-dc converter can be disabled independent of the ldo, thus reducing the quiescent current to 47? (typ). the ldo linear regulators operate from 5v to 40v and deliver a guaranteed 50ma load current. the devices feature a preset output voltage of 5v (max1501_a) or 3.3v (max1501_b). alternatively, the output voltage can be adjusted from 1.5v to 11v by using an external resistive divider. the ldo section also features a reset output with adjustable timeout period. protection features include cycle-by-cycle current limit, hiccup-mode output short-circuit protection, and thermal shutdown. all devices are available in a space-saving, high-power (2.86w), 36-pin tqfn package and are rated for operation over the -40? to +125? automotive temperature range. applications car radios automotive body control modules automotive instrument cluster navigation systems features combined dc-dc converters and low-quiescent- current ldo regulators 1a dc-dc converters operate from 4.5v to 40v (max15015/max15016) or 7.5v to 40v (max15014/max15017) switching frequency of 135khz (max15014/max15016) or 500khz (max15015/max15017) 50ma ldo regulator operates from 5v to 40v independent of the dc-dc converter 47 a quiescent current with dc-dc converter off and ldo on 6 a system shutdown current frequency synchronization input shutdown/enable inputs adjustable soft-start time active-low open-drain r r e e s s e e t t output with programmable timeout delay thermal shutdown and output short-circuit protection space-saving (6mm x 6mm) thermally enhanced 36-pin tqfn package max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ________________________________________________________________ maxim integrated products 1 19-0734; rev 0; 1/07 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. evaluation kit available ordering information part temp range pin- package pkg code max15014 aatx+ -40? to +125? 36 tqfn-ep* t3666-3 max15014batx+ -40? to +125? 36 tqfn-ep* t3666-3 max15015 aatx+ -40? to +125? 36 tqfn-ep* t3666-3 max15015batx+ -40? to +125? 36 tqfn-ep* t3666-3 max15016 aatx+ -40? to +125? 36 tqfn-ep* t3666-3 max15016batx+ -40? to +125? 36 tqfn-ep* t3666-3 max15017 aatx+ -40? to +125? 36 tqfn-ep* t3666-3 max15017batx+ -40? to +125? 36 tqfn-ep* t3666-3 + denotes a lead-free package. * ep = exposed pad.
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v in_sw = v in_ldo = v drain = 14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in_sw, in_ldo, drain, en_sys, en_sw to sgnd ..............................................................-0.3v to +45v in_ldo to in_sw ..................................................-0.3v to +0.3v lx to sgnd ...........................................-0.3v to (v in_sw + 0.3v) lx to pgnd ...........................................-0.3v to (v in_sw + 0.3v) bst to sgnd ..........................................-0.3v to (v in_sw + 12v) bst to lx................................................................-0.3v to +12v pgnd to sgnd .....................................................-0.3v to +0.3v reg, dvreg, sync, reset , ct to sgnd............-0.3v to +12v fb, comp_sw, ss to sgnd....................-0.3v to (v reg + 0.3v) set_ldo, ldo_out to sgnd ..............................-0.3v to +12v c+ to pgnd (max15015/max15016 only)................(v dvreg - 0.3v) to 12v c- to pgnd (max15015/max15016 only) ............-0.3v to (v dvreg + 0.3v) ldo_out output current.................................internally limited switch dc current (drain and lx pins combined) t j = +125?.......................................................................1.9a t j = +150?.....................................................................1.25a reset sink current ..............................................................5ma continuous power dissipation (t a = +70?) 36-pin tqfn (derate 26.3mw/? above +70?) single-layer board .....................................................2105mw 36-pin tqfn (derate 35.7mw/? above +70?) multilayer board ..........................................................2857mw operating temperature range .........................-40? to +125? maximum junction temperature .....................................+150? storage temperature range ............................-60? to +150? lead temperature (soldering, 10s) ................................+300? parameter symbol conditions min typ max units v fb = 1.3v, max15014/max15017 0.7 1.8 system supply current (not switching) i sys no load v fb = 1.3v, max15015/max15016 0.85 1.8 ma v fb = 0v, max15014/max15017 5.6 switching system supply current i sw no load v fb = 0v, max15015/max15016 8.6 ma i ldo_out = 100? 47 63 ldo quiescent current i ldo v en_sys = 14v, v en_sw = 0v i ldo_out = 50ma 130 200 ? system shutdown current i shdn v en_sys = 0v, v en_sw = 0v 6 10 a v en_sysh en_sys = high, system on 2.4 system enable voltage v en_sysl en_sys = low, system off 0.8 v system enable hysteresis 220 mv v en_sys = 2.4v 0.5 2 system enable input current i en_sys v en_sys = 14v 0.6 2 ? buck converter max15014/max15017 7.5 40.0 input voltage range v in_sw max15015/max15016 4.5 40.0 v
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators _______________________________________________________________________________________ 3 parameter symbol conditions min typ max units v in_sw and in_ldo rising, max15014/max15017 6.7 7.0 7.4 undervoltage lockout threshold uvlo th v in_sw and in_ldo rising, max15015/max15016 3.90 4.08 4.25 v max15014/max15017 0.54 undervoltage lockout hysteresis uvlo hyst max15015/max15016 0.3 v minimum output 1.26 output voltage range v out maximum output 32 v output current i out 1a v en_swh e n _s w = hi g h, sw i tchi ng p ow er sup p l y i s on 2.4 en_sw input voltage threshold v en_swl e n _s w = l ow , sw i tchi ng p ow er sup p l y i s off 0.8 v en_sw hysteresis 220 mv v en_sw = 2.4v 0.5 2 switching enable input current i en_sw v en_sw = 14v 0.6 2 ? internal voltage regulator max15014/max15017, v in_sw = 9v to 40v 7.6 8.4 output voltage v reg max15015/max15016, v in_sw = 5.5v to 40v 4.75 5.25 v v i n _ s w = 9.0v to 40v , m ax 15014/m ax 15017 1 line regulation v i n _ s w = 5.5v to 40v , m ax 15015/m ax 15016 1 mv/v load regulation i reg = 0 to 20ma 0.25 v dropout voltage v in_sw = 7.5v (max15014/max15017), v in_sw = 4.5v (max15015/max15016), i reg = 20ma 0.5 v oscillator v sync = 0v, max15014/max15016 122 136 150 frequency range f clk v sync = 0v, max15015/max15017 425 500 575 khz v sync = 0v, v in_sw = 7.5v, max15014 (135khz) 90 98 v sync = 0v, v in_sw = 4.5v, max15016 (135khz) 90 98 v sync = 0v, v in_sw = 4.5v, max15015 (500khz) 90 96 maximum duty cycle d max v sync = 0v, v in_sw = 7.5v, max15017 (500khz) 90 98 % minimum lx low time v sync = 0v 94 ns sync high-level voltage 2.2 sync low-level voltage 0.8 v electrical characteristics (continued) (v in_sw = v in_ldo = v drain = 14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 1)
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 4 _______________________________________________________________________________________ parameter symbol conditions min typ max units max15014/max15016 100 200 sync frequency range f sync max15015/max15017 400 600 khz ramp level shift (valley) 0.3 v error amplifer soft-start reference voltage v ss 1.210 1.235 1.260 v soft-start current i ss v ss = 0v 7 12 17 a fb regulation voltage v fb 1.210 1.235 1.260 v fb input range v fb 0 1.5 v fb input current i fb v fb = 1.244v -250 +250 na comp voltage range i comp = -500? to +500? 0.25 4.5 v open-loop gain 80 db unity-gain bandwidth 1.8 mhz f s y nc = 500kh z, m ax 15015/m ax15017 10 pwm modulator gain f s y nc = 135kh z, m ax 15014/m ax15016 10 v/v current-limit comparator pulse skip threshold ipfm 100 200 300 ma cycle-by-cycle current limit i ilim 1.3 2 2.6 a number of consecutive ilim events to hiccup 7 hiccup timeout 512 clock periods power switch switch on-resistance v bst - v lx = 6v 0.15 0.4 0.80 ? switch gate charge v bst - v lx = 6v 4 nc switch leakage current v in_sw = v in_ldo = v lx = v drain = 40v, v fb = 0v 10 ? bst quiescent current v bst = 40v, v drain = 40v, v fb = 0v, dvreg = 5v 400 600 ? bst leakage current v bst = v drain = v lx = v in_sw = v in_ldo = 40v, en_sw = 0v 1a charge pump (max15015/max15016) c- output voltage low sinking 10ma 0.1 v c- output voltage high relative to dvreg, sourcing 10ma 0.1 v dvreg to c+ on-resistance sourcing 10ma 10 ? lx to pgnd on-resistance sinking 10ma 12 ? ldo input voltage range v in_ldo 540v undervoltage lockout threshold uvlo_ldo th v in_ldo rising 3.90 4.1 4.25 v undervoltage lockout hysteresis uvlo_ldo hyst 0.3 v electrical characteristics (continued) (v in_sw = v in_ldo = v drain = 14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 1)
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators _______________________________________________________________________________________ 5 parameter symbol conditions min typ max units output current i out v in = 6v (note 2) 65 200 ma i ldo_out = 100? 4.90 5 5.06 i ldo_out = 1ma 4.90 5 5.06 6v v in_ldo 40v, i ldo_out = 1ma 4.85 5 5.15 set_ldo = sgnd, max1501_a 1ma i out 50ma, v in_ldo = 14v 4.85 5 5.15 i ldo_out = 100? 3.22 3.3 3.35 i ldo_out = 1ma 3.22 3.3 3.35 6v v in_ldo 40v, i ldo_out = 1ma 3.2 3.3 3.4 output voltage v ldo_out set_ldo = sgnd, max1501_b 1ma i ldo_out 50ma, v in_ldo = 14v 3.2 3.3 3.4 v adjustable output voltage range v adj v set_ldo > 0.25v 1.5 11.0 v i out = 10ma 0.6 v in_ldo = 5v, max1501_a i out = 50ma 0.82 i out = 10ma 0.1 dropout voltage ? v do v in_ldo = 4.0v, max1501_b i out = 50ma 0.4 v startup response time from en_sys high to ldo_out rise, r l = 500 ? , set_ldo = sgnd 400 ? set_ldo reference voltage v set_ldo 1.220 1.241 1.265 v minimum set_ldo threshold (note 3) 185 mv set_ldo input leakage current i set_ldo v set_ldo = 11v 0.5 100 na i out = 10ma, f = 100hz, 500mv p-p , v ldo_out = 5v 78 power-supply rejection ratio psrr i out = 10ma, f = 1mhz, 500mv p-p , v ldo_out = 5v 24 db short-circuit current i sc 125 185 300 ma electrical characteristics (continued) (v in_sw = v in_ldo = v drain = 14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 1)
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 6 _______________________________________________________________________________________ parameter symbol conditions min typ max units reset output reset threshold v reset reset goes high after rising v ldo_out crosses this threshold 90 92.5 95 %v out reset output low voltage v rl (v ldo_out ?v reset ) / i reset = 4k ? 0.4 v reset output high leakage current i rh v reset = 3.3v (for max15_ _ _b), v reset = 5v (for max15_ _ _a) 1 ? reset output minimum timeout period when ldo_out reaches reset threshold, ct = unconnected 50 ? enable to reset minimum timeout period when en_sys goes high, c ldo_out = 10?, i ldo_out = 50ma, v ldo_out = 3.3v, ct = unconnected 650 ? delay comparator threshold (rising) v ct-th 1.220 1.241 1.265 v delay comparator threshold hysteresis v ctth- hyst 100 mv ct charge current i ct-chq v ct = 0v 1.5 2 3 ? ct discharge current i ct-dis 18 ma thermal shutdown thermal shutdown temperature temperature rising +160 c thermal shutdown hysteresis 20 c electrical characteristics (continued) (v in_sw = v in_ldo = v drain = 14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, t a = t j = -40? to +125?, unless otherwise noted. typical values are at t a = +25?.) (note 1) note 1: limits at -40? are guaranteed by design and not production tested. note 2: maximum output current is limited by package power dissipation. note 3: this is the minimum voltage needed at set_ldo for the system to recognize that the user wants an adjustable ldo_out.
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators _______________________________________________________________________________________ 7 system shutdown current vs. temperature temperature ( c) system shutdown current ( a) max15014 toc01 -50 0 50 100 150 0 1 2 3 4 5 6 7 8 9 10 max15016 switching frequency vs. temperature temperature ( c) switching frequency (khz) max15014 toc02 -60 -40 -20 0 20 40 60 80 100 120 140 160 130 131 132 133 134 135 136 137 138 139 140 max15016a switching frequency vs. temperature temperature ( c) switching frequency (kh z ) max15014 toc03 -60 -40 -20 0 20 40 60 80 100 120 140 160 450 460 470 480 490 500 510 520 530 max15015a maximum duty cycle vs. input voltage (max15016a) input voltage (v) maximum duty cycle (%) max15014 toc04 0 5 10 15 20 25 30 35 40 90 91 92 93 94 95 96 97 98 99 100 error amplifier open-loop gain and phase vs. frequency frequency (hz) gain (db) max15014 toc06 phase (degrees) 60 100 140 180 220 260 300 340 -10 0 10 20 30 40 50 60 70 80 90 100 110 0.1 1 10 100 1k 10k 100k 1m 10m gain phase output current limit vs. input voltage input voltage (v) output current limit (a) max15014 toc07 0 1020304050 0 0.5 1.0 1.5 2.0 2.5 t a = 0 c t a = +25 c t a = +85 c t a = +135 c typical operating characteristics (v in_sw = v in_ldo = v drain =14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, see figures 6 and 7, t a = +25?, unless otherwise noted.) 80 84 82 88 86 92 90 94 98 96 100 01015 5 2025303540 maximum duty cycle vs. input voltage (max15015a) max15014 toc05 input voltage (v) maximum duty cycle (%) 2ms/div turn-on/-off waveform en_sw 2v/div 0v 0v v out 2v/div max15014 toc08 i load = 1a 2ms/div turn-on/-off waveform en_sw 2v/div v out 2v/div max15014 toc09 i load = 100ma 0v 0v
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 8 _______________________________________________________________________________________ 10ms/div turn-on/-off waveform increasing v in v in 5v/div v out 2v/div max15014 toc10 i load = 1a 0v 0v 10ms/div turn-on/-off waveform increasing v in v in 5v/div v out 2v/div max15014 toc11 i load = 100ma 0v 0v output voltage vs. temperature temperature ( c) output voltage (v) max15014 toc12 -40 -15 10 35 60 85 110 135 3.20 3.22 3.24 3.26 3.28 3.30 3.32 3.34 3.36 3.38 3.40 i load = 1a i load = 0a efficiency vs. load current load current (ma) efficiency (%) max15014 toc13 0 10 20 30 40 50 60 70 80 90 100 1 10 100 1000 v out = 3.3v v in = 4.5v v in = 7.5v v in = 12v v in = 24v v in = 40v max15016a i ldo_out = 0a efficiency vs. load current (max15014) load current (ma) efficiency (%) max15014 toc15 0 10 20 30 40 50 60 70 80 90 100 1 10 100 1000 v out = 5v v in = 24v v in = 40v v in = 12v v in = 7.5v efficiency vs. load current (max15017a) load current (ma) efficiency (%) max15014 toc16 0 10 20 30 40 50 60 70 80 90 100 1 10 100 1000 v out = 5v v in = 24v v in = 40v v in = 12v v in = 7.5v typical operating characteristics (continued) (v in_sw = v in_ldo = v drain =14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, see figures 6 and 7, t a = +25?, unless otherwise noted.) 0 30 20 10 40 50 60 70 80 90 100 110 100 1000 efficiency vs. load current (max15015a) max15014 toc14 load current (ma) efficiency (%) v out = 3.3v v in = 7.5v v in = 4.5v v in = 12v v in = 24v v in = 40v 200 s/div load-transient response v out ac-coupled 100mv/div i load 500ma/div max15014 toc17 v in = 12v, i out = 0.25a to 1a max15015a 0 200 s/div load-transient response v out ac-coupled 100mv/div i load 500ma/div 0 max15014 toc18 v in = 4.5v, i out = 0.25a to 1a max15015a
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators _______________________________________________________________________________________ 9 typical operating characteristics (continued) (v in_sw = v in_ldo = v drain =14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, see figures 6 and 7, t a = +25?, unless otherwise noted.) 2 s/div lx voltage and inductor current v lx 5v/div 0v 0v inductor current 200ma/div max15014 toc19 i load = 40ma max150_ _ 2 s/div lx voltage and inductor current v lx 5v/div 0v inductor current 100ma/div max15014 toc20 i load = 160ma 2 s/div lx voltage and inductor current v lx 5v/div inductor current 500ma/div max15014 toc21 i load = 1a 0v 0 100 50 200 150 350 300 250 400 300 500 400 600 700 800 900 1000 minimum lx pulse width vs. load current max15014 toc22 load current (ma) lx pulse width (ns) v out = 3.3v ldo quiescent current vs. temperature temperature ( c) ldo quiescent current ( a) max15014 toc23 -50 -25 0 25 50 75 100 125 0 10 20 30 40 50 60 70 no load i load = 100 a max15015b output voltage vs. temperature temperature ( c) ldo output voltage (v) max15014 toc24 -40 -15 10 35 60 85 110 135 4.85 4.90 4.95 5.00 5.05 5.10 i load = 50ma i load = 1ma i load = 10ma max15015a output voltage vs. temperature temperature ( c) ldo output voltage (v) max15014 toc25 -40 -15 10 35 60 85 110 135 3.23 3.24 3.25 3.26 3.27 3.28 3.29 3.30 3.31 i load = 50ma i load = 10ma i load = 1ma max15015b
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 10 ______________________________________________________________________________________ typical operating characteristics (continued) (v in_sw = v in_ldo = v drain =14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, see figures 6 and 7, t a = +25?, unless otherwise noted.) 10ms/div turn-on/-off waveform toggling en_sys en_sys 2v/div v ldo_out 1v/div max15014 toc31 0v 0v max15015b r load = 660 ? 10ms/div turn-on/-off waveform increasing v in v in 5v/div v ldo_out 2v/div max15014 toc32 i load = 50ma 0v 0v dropout voltage vs. load current load current (ma) dropout voltage (mv) max15014 toc26 0 1020304050 0 100 200 300 400 500 600 700 800 900 t a = -40 c t a = +25 c t a = +85 c t a = +135 c v in = 5v, i load = 0 to 50ma max15015a power-supply rejection ratio frequency (hz) psrr (db) max15014 toc27 -80 -70 -60 -50 -40 -30 -20 -10 0 10 0.1k 1k 10k 100k 1m 10m i ldo_out = 1ma i ldo_out = 10ma i ldo_out = 50ma 2ms/div turn-on/-off waveform toggling en_sys en_sys 2v/div v out 2v/div max15014 toc28 i load = 50ma 0v 0v 10ms/div turn-on/-off waveform toggling en_sys en_sys 2v/div v out 2v/div max15014 toc29 r load = 1k ? 0v 0v 10ms/div turn-on/-off waveform toggling en_sys en_sys 2v/div v ldo_out 1v/div max15014 toc30 max15015b r load = 66 ? 0v 0v
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 11 typical operating characteristics (continued) (v in_sw = v in_ldo = v drain =14v, v en_sys = v en_sw = 2.4v, v reg = v dvreg , v sync = v set_ldo = v sgnd = v pgnd = 0v, c reg = 1?, c in_sw = 0.1?, c in_ldo = 0.1?, c ldo_out = 10?, c drain = 0.22?, see figures 6 and 7, t a = +25?, unless otherwise noted.) 100 s/div load-transient response v ldo_out ac-coupled 100mv/div i load 20ma/div max15014 toc36 0 10ms/div ldo turn-on/-off waveform with increasing v in v in 2v/div v ldo_ou 2v/div max15014 toc33 i load = 5ma 0v 0v 10ms/div turn-on/-off waveform increasing v in v in 5v/div v ldo_out 1v/div max15014 toc34 0v 0v max15015b r load = 66 ? 10ms/div turn-on/-off waveform increasing v in v in 5v/div v ldo_out 1v/div max15014 toc35 0v 0v max15015b r load = 660 ? 1ms/div input-voltage step response v in 20v/div v ldo_out ac-coupled 100mv/div max15014 toc37 0v max15015b i load = 1ma 400ns/div residual switching noise on the ldo output v ldo_out 10mv/div max15014 toc38 dc-dc load = 1a
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 12 ______________________________________________________________________________________ pin description pin max15014/ max15017 max15015/ max15016 name function 1, 2, 3, 9, 12, 14, 16, 19, 24, 26, 27, 30, 35 1, 2, 3, 9, 12, 14, 16, 19, 24, 26, 27, 30, 35 n.c. no connection. not internally connected. leave unconnected or connect to sgnd. 23, 28 i.c. internally connected. leave unconnected. 44 reset active-low reset output. when the rising v ldo_out voltage crosses the reset threshold, reset goes high after an adjustable delay. pull up reset to ldo_out with at least 4k ? . reset is an active-low open-drain output. 5 5 sgnd signal ground connection. connect sgnd and pgnd together at one point near the input bypass capacitor negative terminal. 66ct reset timeout delay capacitor connection. ct is pulled low during reset. when out of reset, ct is pulled up to an internal 3.6v rail with a 2? current source. when the rising ct voltage reaches the trip threshold (typically 1.24v), reset is deasserted. when en_sys is low or in thermal shutdown, ct is low. 7 7 en_sw switching regulator enable input (active high). if en_sw is high and en_sys is high, the switching power supply is enabled. en_sw is internally pulled down to sgnd through a 0.5? current sink. 8 8 en_sys active-high system enable input. connect en_sys high to turn on the system. the ldo is active if en_sys is high; once en_sys is high, the switching regulator can be turned on if en_sw is high. en_sys is internally pulled down to sgnd through a 0.5? current sink. 10 10 set_ldo ldo feedback input/output voltage setting. connect set_ldo to sgnd to select the preset output voltage (5v or 3.3v). connect set_ldo to an external resistor- divider network for adjustable output operation. 11 11 ldo_out linear regulator output. bypass with at least 10? low-esr capacitor from ldo_out to sgnd. in the 5v ldo versions (a), the ldo operates in dropout below 6v down to the uvlo trip point. 13 13 in_ldo ldo input voltage. the input voltage range for the ldo extends from 5v to 40v. bypass with a 0.1? ceramic capacitor to sgnd. 15 15 bst high-side gate driver supply. connect bst to the cathode of the bootstrap diode and to the positive terminal of the bootstrap capacitor. 17, 18 17, 18 lx source connection of internal high-side switch. connect both lx pins to the inductor and the cathode of the freewheeling diode. 20, 21 20, 21 drain drain connection of the internal high-side switch. connect both drain inputs together. 22 22 pgnd power ground connection. connect the input bypass capacitor negative terminal, the anode of the freewheeling diode, and the output filter capacitor negative terminal to pgnd. connect pgnd to sgnd together at a single point near the input bypass capacitor negative terminal.
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 13 pin description pin max15014/ max15017 max15015/ max15016 name function 23 c- charge-pump flying capacitor negative connection (max15015/max15016 only) 25 25 dvreg gate drive supply for the high-side mosfet driver. connect to reg and to the anode of the bootstrap diode for max15014/max15017. connect to reg for max15015/max15016. ?8c+ charge-pump flying capacitor positive connection (max15015/max15016 only). connect to the positive terminal of the external pump capacitor and to the anode of the bootstrap diode. 29 29 sync oscillator synchronization input. sync can be driven by an external clock to synchronize the switching frequency. connect sync to sgnd when not used. 31 31 comp error amplifier output. connect comp to the compensation feedback network. 32 32 fb feedback regulation point. connect to the center tap of a resistive divider from converter output to sgnd to set the output voltage. the fb voltage regulates to the voltage present at ss (1.235v). 33 33 ss soft-start and reference output. connect a capacitor from ss to sgnd to set the soft-start time. see the applications information section to calculate the value of the c ss capacitor. 34 34 reg inter nal reg ul ator o utp ut. 5v outp ut for the m ax 15015/m ax 15016 and 8v outp ut for the m ax 15014/m ax 15017. byp ass to s g n d w i th at l east a 1f cer am i c cap aci tor . 36 36 in_sw supply input connection. connect to in_ldo and an external voltage source from 4.5v to 40v. en_sw and en_sys must be high and in_sw must be above its uvlo threshold for operation of the switching regulator. ep exposed pad. the exposed pad must be electrically connected to sgnd. for an effective heatsinking, solder the exposed pad to a large copper plane.
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 14 ______________________________________________________________________________________ detailed description the max15014?ax15017 combine a voltage-mode buck converter with an internal 0.5 ? power mosfet switch and a low-quiescent-current ldo regulator. the buck converter of the max15015/max15016 has a wide input voltage range of 4.5v to 40v. the max15014/max15017? input voltage range is 7.5v to 40v. fixed switching frequencies of 135khz and 500khz are available. the internal low r ds_on switch allows for up to 1a of output current, and the output voltage can be adjusted from 1.26v to 32v. external compensation and voltage feed-forward simplify loop compensation design and allow for a wide variety of l and c filter components. all devices offer an automatic switchover to pulse-skipping (pfm) mode, providing low quiescent current and high efficiency at light loads. under no load, pfm mode operation reduces the cur- rent consumption to 5.6ma for the max15014/ max15017 and 8.6ma for the max15015/max15016. in shutdown (dc-dc and ldo regulator off), the supply current falls to 6?. additional features include a pro- grammable soft-start, cycle-by-cycle current limit, hiccup-mode output short-circuit protection, and thermal shutdown. the ldo linear regulator operates from 5v to 40v and delivers a guaranteed 50ma load current. the devices feature a preset output voltage of 5.0v (max1501_a) or 3.3v (max1501_b). alternatively, the output voltage can be adjusted from 1.5v to 11v using an external resistive divider. the ldo section also features a reset output with adjustable timeout period. enable inputs and uvlo the max15014?ax15017 feature two logic inputs, en_sw (active-high) and en_sys (active-high) that can be used to enable the switching power supply and the ldo_out outputs. when v en_sw is higher than the threshold and en_sys is high, the switching power sup- ply is enabled. when en_sys is high, the ldo is active. when en_sys is low, the entire chip is off (see table 1). max15015/max15016 pass element delay comparator v ref ref_ilim v ref tsd v ref i ss prereg shdn level shift reg_ldo high-side current sense dvreg logic overload management thermal shdn mux v int ramp in s/w + - + - + - ref_pfm clk overl + - ldo_out set_lod ct drain bst lx reset 185mv pgnd v int pclk v ref v intok v reg_en uvlo_ldo uvlo_sw enable ldo 0.925 x v ref vreg_ ok pfm en pfm vreg_ok v int v int v int vint - + v int in_ldo v int - + uvlo_ldo tsd shdn uvlo_sw tsd shdn v ref 2 a out_ldo - + en_sys in_sw in_ldo pclk sclk dvreg ssa + - e/a + - - + + 0.3v clk - cpwm en osc v refok 4.1v v intok v refok 7.0v or 4.1v v intok ref v int v refok dvreg c+ c- reg en_sw ss fb comp sync sgnd figure 1. max15015/max15016 simplified block diagram
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 15 the max15014?ax15017 provide undervoltage lock- out (uvlo). the uvlo monitors the input voltage (v in_ldo ) and is fixed at 4.1v (max15015/max15016) or 7v (max15014/max15017). internal linear regulator (reg) reg is the output terminal of a 5v (max15015/ max15016), or 8v (max15014/max15017) ldo which is powered from in_sw and provides power to the ic. connect reg externally to dvreg to provide power for the high-side mosfet gate driver. bypass reg to sgnd with a ceramic capacitor (c reg ) of at least 1?. place the capacitor physically close to the max15014 max15017 to provide good bypassing. during normal operation, reg is intended for powering up only the internal circuitry and should not be used to supply power to external loads. max15014/max15017 pass element delay comparator v ref ref_ilim v ref tsd v ref i ss prereg shdn reg_ldo high-side current sense dvreg logic overload management thermal shdn mux v int ramp in s/w + - + - + - ref_pfm clk overl + - ldo_out set_lod ct drain bst lx reset 185mv pgnd v int v ref v intok v reg_en uvlo_ldo uvlo_sw enable ldo 0.925 x v ref vreg_ ok pfm en pfm vreg_ok v int v int v int vint - + v int in_ldo v int - + uvlo_ldo tsd shdn uvlo_sw tsd shdn v ref 2 a out_ldo - + en_sys in_sw in_ldo pclk sclk ssa + - e/a + - - + + 0.3v clk - cpwm en osc v refok 4.1v v intok v refok 7.0v or 4.1v v intok ref v int v refok reg en_sw ss fb comp sync sgnd ilim figure 2. max15014/max15017 simplified block diagram en_sys en_sw ldo regulator dc-dc switching converter low low off off low high off off high low on off high high on on table 1. enable inputs configuration
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 16 ______________________________________________________________________________________ soft-start and reference (ss) ss is the 1.235v reference bypass connection for the max15014?ax15017 and also controls the soft-start period. at startup, after input voltage is applied at in_sw, in_ldo and the uvlo thresholds are reached, the device enters soft-start. during soft-start, 14? is sourced into the capacitor (c ss ) connected from ss to sgnd causing the reference voltage to ramp up slowly. when v ss reaches 1.244v, the output becomes fully active. set the soft-start time (t ss ) using following equation: where v ss = soft-start reference voltage = 1.235v (typ), i ss = soft-start current = 14 x 10 -6 a (typ), t ss is in sec- onds and c ss is in farads. internal charge pump (max15015/max15016) the max15015/max15016 feature an internal charge pump to enhance the turn-on of the internal mosfet, allowing for operation with input voltages down to 4.5v. connect a flying capacitor (c f ) between c+ and c-, a boost diode from c+ to bst, as well as a bootstrap capacitor (c bst ) between bst and lx to provide the gate drive voltage for the high-side n-channel dmos switch. during the on-time, the flying capacitor is charged to v dvreg . during the off-time, the positive ter- minal of the flying capacitor (c+) is pumped to two times v dvreg and charge is dumped onto c bst to provide twice the regulator voltage across the high-side dmos driver. use a ceramic capacitor of at least 0.1? for c bst and c f located as close as possible to the device. gate drive supply (dvreg) dvreg is the supply input for the internal high-side mosfet driver. the power for dvreg is derived from the output of the internal regulator (reg). connect dvreg to reg externally. to filter the switching noise, the use of an rc filter (1 ? and 0.47?) from reg to dvreg is recommended. in the max15015/max15016, the high-side drive supply is generated using the inter- nal charge pump along with the bootstrap diode and capacitor. in the max15014/ max15017, the high-side mosfet driver supply is generated using only the boot- strap diode and capacitor. error amplifier the output of the internal error amplifier (comp) is avail- able for frequency compensation (see the compensation design section). the inverting input is fb, the noninverting input ss, and the output comp. the error amplifier has an 80db open-loop gain and a 1.8mhz gbw product. see the typical operating characteristics for the gain and phase vs. frequency graph. oscillator/synchronization input (sync) with sync connected to sgnd, the max15014 max15017 use their internal oscillator and switch at a fixed frequency of 135khz and 500khz. the max15014/ max15016 are the 135khz options and max15015/ max15017 are the 500khz options. for external syn- chronization, drive sync with an external clock from 400khz to 600khz (max15015/max15017) or 100khz to 200khz (max15014/max15016). when driven with an external clock, the device synchronizes to the rising edge of sync. pwm comparator/voltage feed-forward an internal ramp generator clocked by the internal oscillator is compared against the output of the error amplifier to generate the pwm signal. the maximum amplitude of the ramp (v ramp ) automatically adjusts to compensate for input voltage and oscillator frequency changes. this causes the v in_sw / v ramp to be a constant 10v/v across the input voltage range of 4.5v to 40v (max15015/ max15016) or 7.5v to 40v (max15014/ max15017) and the sync frequency range of 400khz to 600khz (max15015/ max15017) or 100khz to 200khz (max15014/max15016). output short-circuit protection (hiccup mode) the max15014?ax15017 protect against an output short circuit by utilizing hiccup-mode protection. in hic- cup mode, a series of sequential cycle-by-cycle current-limit events cause the part to shut down and restart with a soft-start sequence. this allows the device to operate with a continuous output short circuit. during normal operation, the current is monitored at the drain of the internal power mosfet. when the current limit is exceeded, the internal power mosfet turns off until the next on-cycle and a counter increments. if the counter counts seven consecutive current-limit events, the device discharges the soft-start capacitor and shuts down for 512 clock periods before restarting with a soft-start sequence. each time the power mosfet turns on and the device does not exceed the current limit, the counter is reset. ldo regulator the ldo regulator operates over an input voltage from 5v to 40v, and can be enabled independently of the dc-dc converter section. its quiescent current is as low as 47? with a load current of 100?. all devices t vc i ss ss ss ss =
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 17 feature a preset output voltage of 5v (max1501_a) or 3.3v (max1501_b). alternatively, the output voltage can be adjusted using an external resistive-divider net- work connected between ldo_out, set_ldo, and sgnd. see figure 5. reset output the reset output is typically connected to the reset input of a microprocessor (?). a ?? reset input starts or restarts the ? in a known state. the max15014 max15017 supervisory circuits provide the reset logic to prevent code-execution errors during power-up, power-down, and brownout conditions. reset changes from high to low whenever the monitored volt- age drops below the reset threshold voltage. once the monitored voltage exceeds its respective reset threshold voltage(s), reset remains low for the reset timeout period, then goes high. the reset timeout period is adjustable with an external capacitor (c ct ) connected to ct. thermal-shutdown protection the max15014?ax15017 feature thermal shutdown protection which limits the total power dissipation in the device and protects it in the event of an extended ther- mal fault condition. when the die temperature exceeds +160?, an internal thermal sensor shuts down the part, turning off the dc-dc converter and the ldo regulator, and allowing the ic to cool. after the die temperature falls by 20?, the part restarts with a soft-start sequence. applications information setting the output voltage connect a resistive divider (r3 and r4, see figures 6 and 7) from out to fb to sgnd to set the output volt- age. choose r3 and r4 so that dc errors due to the fb input bias current do not affect the output-voltage setting precision. for the most common output-voltage settings (3.3v or 5v), r3 values in the 10k ? range are adequate. select r3 first and calculate r4 using the following equation: where v fb = 1.235v. inductor selection three key inductor parameters must be specified for operation with the max15014?ax15017: inductance value (l), peak inductor current (i peak ), and inductor saturation current (i sat ). the minimum required induc- tance is a function of operating frequency, input-to-out- put voltage differential, and the peak-to-peak inductor current ( ? i p-p ). higher ? i p-p allows for a lower inductor value while a lower ? i p-p requires a higher inductor value. a lower inductor value minimizes size and cost and improves large-signal and transient response, but reduces efficiency due to higher peak currents and higher peak-to-peak output voltage ripple for the same output capacitor. on the other hand, higher inductance increases efficiency by reducing the ? i p-p . resistive losses due to extra wire turns can exceed the benefit gained from lower ? i p-p levels especially when the inductance is increased without also allowing for larger inductor dimensions. a good compromise is to choose ? i p-p equal to 40% of the full load current. calculate the inductor using the following equation: v in and v out are typical values so that efficiency is opti- mum for typical conditions. the switching frequency (f sw ) is internally fixed at 135khz (max15014/ max15016) or 500khz (max15015/max15017) and can vary when synchronized to an external clock (see the oscillator/synchronization input (sync) section). the ? i p-p , which reflects the peak-to-peak output rip- ple, is worst at the maximum input voltage. see the output-capacitor selection section to verify that the worst-case output ripple is acceptable. the inductor current (i sat ) is also important to avoid current run- away during continuous output short circuit. select an inductor with an i sat specification higher than the maximum peak current limit of 2.6a. input-capacitor selection the discontinuous input current of the buck converter causes large input ripple currents and therefore the input capacitor must be carefully chosen to keep the input voltage ripple within design requirements. the input voltage ripple is comprised of ? v q (caused by the capacitor discharge) and ? v esr (caused by the esr of the input capacitor). the total voltage ripple is the sum of ? v q and ? v esr . calculate the input capaci- tance and esr required for a specified ripple using the following equations: l vvv vf i out in out in sw p p = ? ? () ? r r v v out fb 4 3 1 = ? ? ? ? ? ? ?
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 18 ______________________________________________________________________________________ where c in is the sum of c drain and additional decou- pling capacitance at the buck converter input, i out_max is the maximum output current, d is the duty cycle, and f sw is the switching frequency. the max15014?ax15017 include uvlo hysteresis and soft-start to avoid chattering during turn-on. however, use additional bulk capacitance if the input source impedance is high. use enough input capaci- tance at lower input voltages to avoid possible under- shoot below the undervoltage lockout threshold during transient loading. output-capacitor selection the allowable output voltage ripple and the maximum deviation of the output voltage during load steps deter- mine the output capacitance (c out ) and its equivalent series resistance (esr). the output ripple is mainly composed of ? v q (caused by the capacitor discharge) and ? v esr (caused by the voltage drop across the esr of the output capacitor). the equations for calculating the peak-to-peak output voltage ripple are: normally, a good approximation of the output voltage rip- ple is ? v ripple = ? v esr + ? v q . if using ceramic capaci- tors, assume the contribution to the output voltage ripple from esr and the capacitor discharge to be equal to 20% and 80%, respectively. ? i p-p is the peak-to-peak inductor current (see the input-capacitor selection section) and f sw is the converter? switching frequency. the allowable deviation of the output voltage during fast load transients also determines the output capaci- tance, its esr, and its equivalent series inductance (esl). the output capacitor supplies the load current during a load step until the controller responds with a greater duty cycle. the response time (t response ) depends on the closed-loop bandwidth of the converter (see the compensation design section). the resistive drop across the output capacitor? esr, the drop across the capacitor? esl ( ? v esl ), and the capacitor discharge causes a voltage droop during the loadstep. use a combination of low-esr tantalum/aluminum elec- trolytic and ceramic capacitors for better transient load and voltage ripple performance. non-leaded capaci- tors and capacitors in parallel help reduce the esl. keep the maximum output voltage deviation below the tolerable limits of the electronics being powered. use the following equations to calculate the required esr, esl, and capacitance value during a load step: where i step is the load step, t step is the rise time of the load step, t response is the response time of the con- troller and f c is the closed-loop crossover frequency. compensation design the max15014?ax15017 use a voltage-mode control scheme that regulates the output voltage by comparing the error amplifier output (comp) with an internal ramp to produce the required duty cycle. the output lowpass lc filter creates a double pole at the resonant frequency, which has a gain drop of -40db/decade. the error amplifier must compensate for this gain drop and phase shift to achieve a stable closed-loop system. the basic regulator loop consists of a power modulator, an output feedback divider, and a voltage error amplifier. the power modulator has a dc gain set by v in / v ramp , with a double pole and a single zero set by the output inductance (l), the output capacitance (c out ), and its esr. the power modulator incorporates a voltage feed-forward feature, which automatically adjusts for vari- ations in the input voltage resulting in a dc gain of 10. esr v i c it v esl vt i t esr step out step response q esl step step response c = = = ? ? ? ? ? 1 3 ? ? ?? v i cf v esr i q pp out sw esr p p = = ? ? 8 ? i vv v vf l and d v v pp in out out in sw out in ? = ? = () esr v i i c id vf esr out max pp in out max qsw = + = ? ? ? ? _ _ 2
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 19 the following equations define the power modulator: the switching frequency is internally set at 500khz for max15015/max15017 and can vary from 400khz to 600khz when driven with an external sync signal. the switching frequency is internally set at 135khz for max15014/max15016 and can vary from 100khz to 200khz when driven with an external sync signal. the crossover frequency (fc), which is the frequency when the closed-loop gain is equal to unity, should be set to around 1/10 of the switching frequency or below. the crossover frequency occurs above the lc double- pole frequency, and the error amplifier must provide a gain and phase bump to compensate for the rapid gain and phase loss from the lc double pole, which exhibits little damping. this is accomplished by utilizing a type 3 compensator that introduces two zeroes and three poles into the con- trol loop. the error amplifier has a low-frequency pole (f p1 ) near the origin so that tight voltage regulation at dc can be achieved. the two zeroes are at: and and the higher frequency poles are at: and the compensation design primarily depends on the type of output capacitor. ceramic capacitors exhibit very low esr, and are well suited for high-switching- frequency applications, but are limited in capacitance value and tend to be more expensive. aluminum elec- trolytic capacitors have much larger esr but can reach much larger capacitance values. compensation when f c < f zesr this is usually the case when a ceramic capacitor is selected. in this case, f zesr occurs after f c . figure 3 shows the error amplifier feedback as well as its gain response. f z1 is set to 0.5 to 0.8 x f lc and f z2 is set to f lc to com- pensate for the gain and phase loss due to the double pole. to achieve a 0db crossover with -20db/decade slope, poles f p2 and f p3 are set above the crossover fre- quency f c . the values for r3 and r4 are already determined in the setting the output voltage section. the value of r3 is also used in the following calculations. since f z2 < f c < f p2 , then r3 >> r6, and r3 + r6 can be approximated as r3. now we can calculate c6 for zero f z2 : c fr lc 6 1 23 = f r cc cc p3 1 25 78 78 = + f rc p2 1 266 = f rr c z2 1 2366 = + () f rc zi = 1 257 g v v f lc f c esr mod dc in ramp lc out zesr out _ == = = 10 1 2 1 2 gain (db) v out ref r3 comp r6 r5 c6 r4 frequency closed-loop gain ea gain f z1 f z2 f c f p2 f p3 c8 ea c7 figure 3. error amplifier compensation circuit (closed-loop and error-amplifier gain plot) for ceramic capacitors
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 20 ______________________________________________________________________________________ f c occurs between f z2 and f p2 . in this region, the com- pensator gain (g ea ) at f c is due primarily to c6 and r5. therefore, g ea (f c ) = 2 x f c x c6 x r5 and the modula- tor gain at f c is: since g ea (f c ) x g mod (f c ) = 1, r5 is calculated by: the frequency of f z1 is set to 0.5 x f lc and now we can calculate c7: f p2 is set at 1/2 the switching frequency (f sw ). r6 is then calculated by: note that if the crossover frequency has been chosen as 1/10 of the switching frequency, then f p2 = 5xf c . the purpose of f p3 is to further attenuate the residual switching ripple at the comp pin. if the esr zero (f zesr ) occurs in a region between f c and f sw / 2, then f p3 can be used to cancel it. this way, the bode plot of the loop gain plot will not flatten out soon after the 0db crossover, and will maintain its -20db/decade slope up to 1/2 of the switching frequency. if the esr zero well exceeds f sw /2 (or even f sw ), f p3 should in any case be set high enough not to erode the phase margin at the crossover frequency. for example, it can be set between 5 x f c and 10 x f c . the value for c8 is calculated from: compensation when f c > f zesr for larger esr capacitors such as tantalum and alu- minum electrolytic, f zesr can occur before f c . if f zesr < f c , then f c occurs between f p2 and f p3 . f z1 and f z2 remain the same as before however, f p2 is now set equal to f zesr . the output capacitor? esr zero frequency is higher than f lc but lower than the closed- loop crossover frequency. the equations that define the error amplifier? poles and zeros (f z1 , f z2 , f p2 , and f p3 ) are the same as before. however, f p2 is now lower than the closed-loop crossover frequency. figure 4 shows the error amplifier feedback as well as its gain response for circuits that use higher-esr output capac- itors (tantalum or aluminum electrolytic). again, starting from r3, calculate c6 for zero f z2 : and then place f p2 to cancel the esr zero. r6 is calcu- lated as: if the value obtained here for r6 is not considerably smaller than r3, then recalculate c6 using (r3 + r6) in place of r3. then use the new value of c6 to obtain a better approximation for r6. the process can be further iterated, and convergence is ensured as long as f lc < f zesr . r c esr c out 6 6 = c fr lc 6 1 23 = c c crf p 8 7 275 1 3 = ? () r cf sw 6 1 2605 = (. ) c rf lc 7 1 05 2 5 = . r flc cg c out mod dc 5 2 6 = _ gf g flc mod c mod dc c out () () _ = 2 2 gain (db) v out ref r3 comp r6 r5 c6 r4 frequency closed-loop gain ea gain f z1 f z2 f c f p2 f p3 c8 ea c7 figure 4. error amplifier compensation circuit (closed-loop and error-amplifier gain plot) for higher esr output capacitors
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 21 the error amplifier gain between f p2 and f p3 is approxi- mately equal to r5 / (r6 || r3). the esr zero frequency f zesr might not be very much higher than the double-pole frequency f lc , therefore the value of r5 can be calculated as: c7 can still be calculated as: f p3 is set at 5xf c . therefore, c8 is calculated as: setting the ldo linear regulator output voltage the max15014?ax15017 ldo regulator features dual mode ? operation: it can operate in either a preset voltage mode or an adjustable mode. in preset voltage mode, internal trimmed feedback resistors set the internal linear regulator to 3.3v or 5v (see the selector guide ). select preset voltage mode by connecting set_ldo to ground. in adjustable mode, select an output voltage between 1.5v and 11v using two external resistors connected as a voltage-divider to set_ldo (see figure 5). set the output voltage using the following equation: where v set_ldo = 1.241v and the recommended value for r2 is around 50k ? . setting the reset timeout delay the reset timeout period is adjustable to accommo- date a variety of ? applications. adjust the reset timeout period by connecting a capacitor (c ct ) between ct and sgnd. where v ct-th = delay comparator threshold (rising) = 1.241v (typ), i ct-thq = ct charge current = 2 x 10 -6 a (typ), t rp is in seconds and c ct is in farads. connect ct to ldo_out to select the internally fixed timeout period. c ct must be low-leakage-type capaci- tor. ceramic capacitors are recommended; do not use capacitors lower than 200pf to avoid the influence of parasitic capacitances. capacitor selection and regulator stability for stable operation over the full temperature range and with load currents up to 50ma, use a 10? (min) output capacitor (c ldo_out ) with a maximum esr of 0.4 ? . to reduce noise and improve load-transient response, sta- bility, and power-supply rejection, use larger output capacitor values. some ceramic dielectrics such as z5u and y5v exhibit very large capacitance and esr varia- tion with temperature and are not recommended. with x7r or x5r dielectrics, 15? should be sufficient for operation over their rated temperature range. for higher- esr tantalum capacitors (up to 1 ? ), use 22? or more to maintain stability. to improve power-supply rejection and transient response use a minimum 0.1? capacitor between in_ldo and sgnd. power dissipation the max15014?ax15017 are available in a thermally enhanced package and can dissipate up to 2.86w at t a = +70?. when the die temperature reaches +160?, the part shuts down and is allowed to cool. after the die cools by 20?, the device restarts with a soft-start. the power dissipated in the device is the sum of the power dissipated in the ldo, power dissi- pated from supply current (p q ), transition losses due to switching the internal power mosfet (p sw ), and the t cv i rp ct ch ct thq = ? ? tt vv r r out set ldo =+ ? ? ? ? ? ? _ 1 1 2 c c crf p 8 7 275 1 3 = ? c rf lc 7 1 05 2 5 = . r rr rr f gf c mod dc lc 5 36 36 2 2 = + _ max15014 max15017 ldo_out set_ldo r2 r1 sgnd in_ldo v in_ldo figure 5. setting the output voltage using a resistive divider dual mode is a trademark of maxim integrated products, inc.
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 22 ______________________________________________________________________________________ power dissipated due to the rms current through the internal power mosfet (p mosfet ). the total power dissipated in the package must be limited such that the junction temperature does not exceed its absolute max- imum rating of +150? at maximum ambient tempera- ture. calculate the power lost in the max15014 max15017 using the following equations: the power loss through the switch: r on is the on-resistance of the internal power mosfet (see the electrical characteristics ). the power loss due to switching the internal mosfet: t r and t f are the rise and fall times of the internal power mosfet measured at lx. the power loss due to the switching supply current (i sw ): the power loss due to the ldo regulator: the total power dissipated in the device will be: p total = p mosfet + p sw + p q + p ldo pv v i ldo in ldo ldo out ldo out = ? () ___ pv i qinswsw = _ p vi t t f sw in out r f sw = + () 4 pi r i d iiii ii i ii i d v v mosfet rms mosfet on rms mosfet pk pk dc dc pk out pp dc out pp out in = = ++ ? ? ? ? ? ? =+ = ? = ? ? () () _ _ 2 3 2 2 22 ? ? max15015 max15016 sgnd sgnd set_ldo 0.47 f c reg 1 ? pgnd pgnd r5 c7 dvreg r4 r3 c- c+ fb comp c in_sw c drain c in_ldo en_sys en_sw reg sync ss c ss r6 c6 ct c f v in 5v to 40v reset ldo_out c ct d2 c bst 10k ? c ldo_out v out2 at 50ma lx bst c out v out1 at 1a l in_sw drain d1 in_ldo c8 v in 4.5v to 40v figure 6. max15015/max15016 typical application circuit (4.5v to 40v input operation)
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 23 max15014 max15017 sgnd sgnd set_ldo 0.47 f c reg 1 ? pgnd pgnd r5 c7 dvreg r4 r3 fb comp c in_sw c drain c in_ldo en_sys en_sw reg sync ss c ss r6 c6 ct v in 7.5v to 40v reset ldo_out c ct d2 c bst 10k ? c ldo_out v out2 at 50ma lx bst c out v out1 at 1a l in_sw drain d1 in_ldo c8 v in 7.5v to 40v figure 7. max15014/max15017 typical application circuit (7.5v to 40v input-voltage operation)
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators 24 ______________________________________________________________________________________ 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 + tqfn max15014?ax15017 top view set_ldo ldo_out n.c. in_ldo n.c. bst n.c. lx lx n.c. drain drain pgnd c- (i.c.) n.c. dvreg n.c. n.c. n.c. reg n.c. sync ss fb comp in_sw n.c. n.c. n.c. reset sgnd ct en_sw en_sys n.c. c+ (i.c.) *ep = exposed pad. ep* ( ) max15014/max15017 pin configuration ldo output part switching frequency (khz) dc-dc minimum input voltage (v) charge pump 5v 3.3v adjustable output max15014a 135 7.5 x x max15014b 135 7.5 x x max15015a 500 4.5 x x x max15015b 500 4.5 x x x max15016a 135 4.5 x x x max15016b 135 4.5 x x x max15017a 500 7.5 x x max15017b 500 7.5 x x selector guide chip information process: bicmos/dmos
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators ______________________________________________________________________________________ 25 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) qfn thin.eps
max15014?ax15017 1a, 4.5v to 40v input buck converters with 50ma auxiliary ldo regulators maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 26 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2007 maxim integrated products is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > a utomotive p ower and battery m anagement max15014, max15015, max15016, max15017 1a, 4.5v to 40v input buck c onverters with 50ma auxiliary ldo regulators automotive buck r egulators with 50ma low i q ldo r egulators power always-on circuits and operate from cold crank through load dump quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-17 of 17 m ax15014 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is MAX15014AATX+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15014batx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis MAX15014AATX+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15014batx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis m ax15015 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max15015evkit rohs/lead-free: see data sheet max15015aatx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15015batx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15015batx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15015aatx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis m ax15016 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max15016batx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis
max15016batx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15016aatx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15016aatx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis m ax15017 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max15017aatx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15017aatx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15017batx+ thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis max15017batx+t thin qfn;36 pin;37 mm dwg: 21-0141h (pdf) use pkgcode/variation: t3666+3 * -40c to +125c rohs/lead-free: lead free materials analysis didn't find what you need? next day product selection assistance from applications engineers parametric search applications help quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -0 7 3 4 ; rev 0 ; 2 0 0 7 -0 2 -0 9 t his page las t modified: 2 0 0 7 -0 3 -0 5 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX15014AATX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X