Part Number Hot Search : 
MC33349 MAX2740 ROCHI BYV26BZ FM340 KA78M20R HA13421A 3021F
Product Description
Full Text Search
 

To Download LG3202402-DWN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5.7", 320 x 240 dots + white led backlight 320 x 240 dots lcd panel segment driver led backlight 8.0 0.2v dd 10.0 max. input voltage v -0.3 + 0.3 v electrical characteristics j9 m signal generator v symbol m v v dd power ee v o circuit j11 cp d0-d3 /dispoff fg v ss lp storage temp. operating temp. block diagram lcd driving voltage input high voltage input low voltage supply current flm item 320 leda ledk to lsi j10 x 4 ( v -30 -20 = -22.0v v ee i ee - v dd o x 3 driver common ta=25 c v v ih v dd i il t t stg opr i condition = 5.0v test -- dd -- -- 4.0 240 -- 22.6 -- =5v 0.25v ) min. 0.8v 0 -- dd dd -- 6.0 -- typ. v 80 70 dd absolute maximum ratings lg3202402-dw supply voltage(lcd) supply voltage(logic) item -0.3 -0.3 min. symbol dd dd v v - v - v o ss 30.0 7.0 max. n dot pitch ( w x h ) v 0.36 x 0.36 mm pin connections (cn1/cn2/cn3) 0.33 x 0.33 approx. 220 data bus line no connection (j10 close and input voltage for lcd driving j9 open) or external m signal (j9 display data latch pulse display data shift pulse scan start-up pulse h: display on l: display off frame ground operating voltage for lcd power supply for logic power supply for led backlight power supply for led backlight led backlight specifications (ta=25 close and j10 open) note: only cn1 is with pin15 and pin16 terminals ee 12 v -22v o fgnd leda ledk forward voltage forward current led color item 15 16 13 14 v i f +5v 0v -- -- v symbol f dot size ( w x h ) d1 d2 d0 symbol cp ss lp dd nc (m) /dispoff flm d3 4 ma v 10 11 8 9 v v 7 5 6 v v ma unit dd c c 1 2 3 pin weight h/l >l 3.3~5v >l 0v h h _ _ -- h/l h gnd level h/l h/l h/l v ma unit c) 150 white -- 3.1 typ. max. 3.3 g mm function 122.0 x 92.0 160.0 x 109.0 x 13.0 nominal dimensions without dc-dc converter mechanical data viewing area ( w x h ) module size ( w x h x t ) v unit v item mm mm unit


▲Up To Search▲   

 
Price & Availability of LG3202402-DWN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X