product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 1 of 7 rev. 3 z outside dimension U 0.500.3 6.80.4 4.40 0.05 +0 date code 2.35max. 2.30 2.54 0.40 4.60 1008 xxx -0.05 z turn on / turn off time output t on input t off 90% 10% 1 4 3 2 4 3 normally open 1 form a z absolute maximum ratings ta = 2 5 emitter input detector output reverse voltage ???????????? 5.0v output breakdown voltage ??????? 100v continuous forward current ?????... 50ma continuous load current ?????? 150ma peak forward current ?????????? 1a power dissipation ?????????? 500mw power dissipation ?????????? 100mw derate linearly from 25 ????? 1.3mw/ general characteristics isolation test voltage ?????? 1500vacrms storage temperature range ?? -40 to +125 operating temperature range ? -40 to +85 isolation resistance vio=500v ta = 2 5 ???????? R 10 10 ? junction temperature ????????? 100 total power dissipation ??????? 500mw derate linearly from 25 ????? 2.5mw/ soldering temperature 2mm from case 10 sec ???????? 260 unit U mm tolerance U 0.2mm
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 2 of 7 rev. 3 z electro-optical characteristics ta = 2 5 parameter symbol conditions min. typ. max. unit. emitter input forward voltage v f i f =10ma 1.2 1.5 v operation input current if on v l =20v i l =100ma t=10ms 2.0 ma recovery input current if off v l =20v i l Q 5 a 0.2 ma detector output output breakdown voltage v b i b =50 a 100 v output off-state leakage it off v t =100v i f =0ma 0.2 1 a i/o capacitance c iso i f =0 f=1mhz 6 pf on resistance r on i l =100ma i f =10ma 6 8 turn-on time t on 0.3 2.0 ms turn-off time t off i f =10ma v l =20v t=10ms i l =100ma 0.3 1.0 ms z schematic and wiring diagrams schematic output configuration load connection wiring diagrams 2 1 3 4 1a ac/dc - v 2 in i f 1 l i 3 4 l v (ac,dc) load i 3 l 4 load v l (ac,dc)
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 3 of 7 rev. 3 z data curve load current vs. ambient temperature allowable ambient temperature U -40 to +85 on resistance vs. ambient temperature across terminals 3 and 4 pin led current 5ma continuous load current 150ma dc load current ma -40 -20 0 20 40 60 80 100 30 0 60 90 150 180 210 120 on resistance ? 0 4 8 12 16 20 80 60 40 20 0 -20 -40 ambient temperature ta ambient temperature ta turn on time vs. ambient temperature load voltage 100v dc led current U 5ma continuous load current 150ma dc turn off time vs. ambient temperature load voltage 100v dc led current U 5ma continuous load current 150ma dc turn off time ms 0 0.4 0.6 0.8 1.0 1.2 20 -20 -40 0 40 60 80 turn off time ms 80 60 20 040 -40 -20 0 1.2 0.4 0.6 0.8 1.0 ambient temperature ta ambient temperature ta
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 4 of 7 rev. 3 led operate current vs. ambient temperature load voltage 100v dc continuous load current 150ma dc led turn off current vs. ambient temperature load voltage 100v dc continuous load current 150ma dc led operate current ma 9 1 . 5 1 1 . 3 1 5 1 3 1 1 7 1 2 3 5 4 6 led turn off current ma . 3 1 . 5 1 3 1 1 5 1 7 1 9 1 1 3 2 4 5 6 ambient temperature ta ambient temperature ta led dropout voltage vs. ambient temperature led current 5 to 50ma voltage vs. current characteristics of output at mosfet portion measured portion across terminals 3 and 4 pin ambient temperature 25 led dropout voltage v 9 1 7 1 5 1 3 1 1 . 5 1 . 3 1 6 n b 1 1 / : 2 / 2 6 1 n b 4 1 n b 3 1 n b 2 1 n b 2 / 4 2 / 6 2 / 8 2 / : 2 1 1 . 2 9 1 . 2 6 1 . 2 3 1 . : 1 . 7 1 . 4 1 2 9 1 d v s s f o u ! n b 4 1 1 / 6 7 1 2 6 1 2 3 1 : 1 w p m u b h f ! w 2 3 2 / 6 3 / 6 . 3 . 2 . 3 / 6 . 2 / 6 . 1 / 6 ambient temperature ta
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 5 of 7 rev. 3 led forward current vs. turn on time across terminals 3 and 4 pin load voltage 100v dc continuous load current 150ma dc ambient temperature 25 off state leakage current across terminals 3 and 4 pin ambient temperature 25 turn on time ms 0 10 030 20 50 40 1.0 0.5 2.0 1.5 60 off state leakage current 60 -12 10 20 04080100 -3 -6 -9 10 10 10 led forward current ma load voltage v led forward current vs. turn off time across terminals 3 and 4 pin load voltage 100v dc continuous load current 150ma dc ambient temperature 25 applied voltage vs. output capacitance across terminals 3 and 4 pin frequency 1mhz ambient temperature 25 turn off time ms 50 10 030 20 40 60 0 1.0 0.5 2.0 1.5 2.5 output capacitance pf 0 50 40 30 20 10 50 10 030 20 40 60 led forward current ma applied voltage v
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 6 of 7 rev. 3 z using methods examples of resistance value to control led forward current if ssr-mosfet output if=2ma e 1 r 2 4 3 e r 3.3v approx. 720 ? 5v approx. 1.5k ? 12v approx. 4.5k ? 15v approx. 6.0k ? 24v approx. 9.5k ? 1 led forward current must be more than 2ma at e min. 2 led forward current must be less than 50ma at e max. f n j o / f n b y /
product specification date 05/02/2011 no.62m00016 cosmo electronics corporation solid state relay - mosfet output kcp1008 sheet 7 of 7 rev. 3 z using methods regulate the spike voltage generated on the inductive load as follows 3 2 1 4 load 2 1 r-c snubber 3 load 4
|