Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download IXDA20N120AS11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2011 ixys all rights reserved 1 - 5 20110118a ixda 20n120as ixys reserves the right to change limits, test conditions and dimensions. i c25 = 38 a v ces = 1200 v v ce(sat) typ = 2.4 v high voltage igbt short circuit soa capability square rbsoa features ? npt igbt - low saturation voltage - positive temperature coeffcient for easy paralleling ? to-263 package - smd assembly - industry standard outline applications ? drives ? power supplies - switched mode power supplies - uninterruptible power supplies igbt symbol conditions maximum ratings v ces t vj = 25c to 150c 1200 v v ges 20 v i c25 i c90 t c = 25c t c = 90c 38 25 a a i cm v cek v ge = 15 v; r g = 82 w ; t vj = 125c rbsoa, clamped inductive load; l = 100 h 35 v ces a t sc (scsoa) v ce = v ces ; v ge = 15 v; r g = 82 w ; t vj = 125c non-repetitive 10 s p tot t c = 25c 200 w symbol conditions characteristic values (t vj = 25 c, unless otherwise specifed) min. typ. max. v ce(sat) i c = 20 a; v ge = 15 v; t vj = 25c t vj = 125c 2.4 2.6 3.0 v v v ge(th) i c = 0.6 ma; v ge = v ce 4.5 6.5 v i ces v ce = v ces ; v ge = 0 v; t vj = 25c t vj = 125c 0.8 0.8 ma ma i ges v ce = 0 v ; v ge = 20 v 200 na t d(on) t r t d(off) t f e on e off inductive load; t vj = 125c v ce = 600 v; i c = 20 a v ge = 15 v; r g = 82 w 100 75 500 70 3.1 2.4 ns ns ns ns mj mj c ies q gon v ce = 25 v; v ge = 0 v; f = 1 mhz v ce = 600 v; v ge = 15 v; i c = 18 a 1000 70 pf nc r thjc 0.63 k/w tab 3 h 1 tab
? 2011 ixys all rights reserved 2 - 5 20110118a ixda 20n120as ixys reserves the right to change limits, test conditions and dimensions. component symbol conditions maximum ratings t vj t stg -55...+150 -55...+125 c c symbol conditions characteristic values min. typ. max. weight 2 g c2 a a1 c l e w 2x e l1 d 3 2 1 3x b2 e1 3x b h d1 supplier option l2 4 m i n m ax m i n m ax a 4.06 4.83 0.160 0.190 a 1 b 0.51 0.99 0.020 0.039 b2 1.14 1.40 0.045 0.055 c 0.40 0.74 0.016 0.029 c 2 1.14 1.40 0.045 0.029 d 8.38 9.40 0.330 0.370 d1 8.00 8.89 0.315 0.350 e 9.65 10.41 0.380 0.410 e 1 6.22 8.20 0.245 0.323 e h 14.61 15.88 0.575 0.625 l 1.78 2.79 0.070 0.110 l1 1.02 1.68 0.040 0.066 l2 1.02 1.52 0.040 0.060 w t y p. 0.02 0.040 t y p. 0.0008 0.0016 a ll d i m en si on s c onfo r m w i th and/o r a r e w i th i n j e d ec s tanda r d. di m . m illi m e t er i n c h es 2,54 bs c t y p. 0.10 t y p. 0.004 0,100 bs c
? 2011 ixys all rights reserved 3 - 5 20110118a ixda 20n120as ixys reserves the right to change limits, test conditions and dimensions. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 5 10 15 20 25 30 35 40 0 10 20 30 40 50 60 70 80 90 0 5 10 15 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 5 10 15 20 25 30 35 40 13v 11v 15v 5 6 7 8 9 10 11 12 0 5 10 15 20 25 30 35 13v 11v 15v 9v 9v v ce [v] i c [a] q g [nc] t j = 25c i c [a] v ce [v] t j = 125c v ge =17v i c [a] v ge [v] v ce = 20 v t j = 25c v ge [v] v ce = 600 v i c = 25 a v ge = 17v fig. 1 typ. output characteristics fig. 2 typ. output characteristics fig. 3 typ. transfer characteristics fig. 4 typ. turn on gate charge
? 2011 ixys all rights reserved 4 - 5 20110118a ixda 20n120as ixys reserves the right to change limits, test conditions and dimensions. 0 10 20 30 40 0 1 2 3 4 5 6 7 0 20 40 60 80 100 120 140 0 10 20 30 40 0 1 2 3 4 5 0 100 200 300 400 500 0.00001 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 0 50 100 150 200 250 300 350 0 1 2 3 4 0 400 800 1200 1600 0 50 100 150 200 250 300 350 0 4 8 12 0 80 160 240 single pulse v ce = 600v v ge = 15v r g = 82 t j = 125c 0 200 400 600 800 1000 1200 1400 0 5 10 15 20 25 30 35 40 e on t d(on) t r e off t d(off) t f e on t d(on) t r e off t d(off) t f i c [a] i c [a] e on [mj] t [ns] t [ns] r g [ ] v ce [v] t [s] i cm [a] z thjc [k/w] e off [mj] v ce = 600v v ge = 15v r g = 82 t j = 125c e off [mj] t [ns] t [ns] v ce = 600v v ge = 15v i c = 20a t j = 125c e on [mj] r g [ ] v ce = 600v v ge = 15v i c = 20a t j = 125c r g = 82 t j = 125c v cek < v ces fig. 5 typ. turn on energy and switching times versus collector current fig. 7 typ. turn on energy and switching times versus gate resistor fig.8 typ. turn off energy and switching times versus gate resistor fig. 9 reverse biased safe operating area rbsoa fig. 10 typ. transient thermal impedance fig. 6 typ. turn off energy and switching times versus collector current t vj = 125c v r = 600 v t vj = 125c i f = 30 a v r = 600 v


▲Up To Search▲   

 
Price & Availability of IXDA20N120AS11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X