Part Number Hot Search : 
74355 EE08780 KD70F120 KD70F120 EE08780 DMN20 2200323 5KE100A
Product Description
Full Text Search
 

To Download IL317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data rev. 00 three-terminal adjustable output positive voltage regulators the IL317 is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5 a over an output voltage range of 1.2 v to 37 v. these voltage regulator is exceptionally easy to use and require only two external resistors to set the output voltage. further, it employ internal current limiting, thermal shutdown and safe area compensation, making them essentially blow-out proof. the IL317 serve a wide variety of applications to make a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the IL317 series can be used as a precision current requlator. output current in excess of 1.5 ampere output adjustable between 1.2 v and 37 v internal thermal overload protection internal short - circuit current limiting constant with temperature output transistor safe-area compensation floating operation for high voltage applications standard 3-lead transistor packages eliminates stocking many fixed maximum ratings rating symbol value unit input - output voltage differential vi - vo 40 vdc power dissipation and thermal characteristics pd internally limited operating junction temperature rang tj -0 to +150 c storage junction temperature rang tstg -65 to +150 c IL317 r1 o ** 1 m f adjust r2 in * 0.1 m f vout vin IL317 * = c in is required if regulator is located an apprecia ble distance from power supply filter. ** = c o is not needed for stability ; however, is does improve transient response. vout v r r r adj i = + + * 1251 2 1 2 .( ) since i adj is controlled to less then 100 m a, the error associated with this term is negligible in most applications. standard application
IL317 rev. 00 electrical characteristics (vi-vo= 5.0v, io = 0.5 a, tj = tlow to thigh (see note 1); imax = 1.5 a and pmax = 20 w unless otherwise noted) characteristic symbol min typ max unit line regulation (ta=+25 c) 3.0v vi - vo 40 v regline - 0.01 0.04 % /v load regulation(tj=+25 c) 10ma io imax, vin 5v vin 3 5 v regload - - 5.0 0.1 25 0.5 mv % /vo thermal regulation (ta=+25 c) 20 ms pulse - - 0.03 0.07 % /w adjustment pin current iadj - 50 100 m a adjustment pin current change 2.5 vi - vo 40 v 10ma il imax, pd pmax d iadj - 0.2 5.0 m a reference voltage (note 4) 3.0 vi - vo 40 v 10ma il imax, pd pmax vref 1.2 1.25 1.3 v line regulation (note 3) 3.0 v vi - vo 40 v regline - 0.02 0.07 % /v load regulation (note 3) 10ma io imax, vin 5v vin 3 5 v regload - - 20 0.3 70 1.5 mv % /v temperature stability (tlow tj ttigh) ts - 0.7 - minimum load current to maintain regulation (vi - vo = 40 v) ilmin - 3.5 10 ma maximum output current vi - vo 15 v , p 20 w vi - vo = 40 v, p 20w, ta=+25 c imax 1.5 0.15 2.2 0.4 - - a rms nose , % of vo ta=+25 c, 10 hz f 10 khz n - 0.003 - % /vo ripple rejection, vo = 10 v, f = 120 hz (note 5) without cadj cadj = 10 m f rr - 66 65 80 - - db long-term stability, tj = thigh (note 6) ta=+25 c for endpoint measurements s - 0.3 1.0 % /1.0 k hrs. thermal resistance junction to case r q jc - 5.0 - c/w notes: (1) tlow = 0 c , thigh = +125 c (2) imax = 0.5 a , pmax (3) load and line regulation are specified at constant junction tempereture. changes in vo due to heating effects must be taken into account separately. pulse testing with low duty cycle is used. (4) selected devices with tightened tolerance reference voltage available. (5) cadj , when used, connected between the adjustment pin and ground. (6) since long - term stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot to lot.
IL317 rev. 00 to-220ab pkg outline dimensions
IL317 rev. 00
IL317 rev. 00 to-263-3l pkg outline dimensions


▲Up To Search▲   

 
Price & Availability of IL317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X