Part Number Hot Search : 
AOB411L FW300B1 EMIF0 NTE0505M AK9844F 5330H1 CA500 FW300B1
Product Description
Full Text Search
 

To Download HLG-120-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-fg:1.88kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh hlg-120-12 a specification model dc voltage rated current rated power output voltage adj. range note.5 current adj. range line regulation load regulation setup, rise time note.7 hold up time (typ.) voltage range note.4 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current ( .) typ leakage current safety standards note.6 working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current over voltage over temperature can be adjusted by internal potentiometer or through output cable 2500ms, 50ms / 115vac ; b type 2500ms, 200ms at 95% load 230vac / 115vac at full load 230vac 16ms at full load 230vac / 115vac 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.98/115vac, pf>0.95/230vac (please refer to "power factor cha racteristic" curve) 1.4a / 115vac 0.6a / 230vac cold start 75a/230vac <0.75ma / 240vac 95 ~ 108% compliance to en55015, en55022 (cispr22) class b, en61000-3-2 clas s c ( 50% load) ; en61000-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en61547, en55024, lig ht industry level (surge 4kv), criteria a -40 ~ +70 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 5g 12min./1cycle, period for 72min. each along x, y, z axes 192.2 khrs min. mil-hdbk-217f (25 ) 220*68*38.8mm (l*w*h) 1.12kg; 12pcs/14.4kg/0.74cuft 120w single output switching power supply universal ac input / full rangebuilt-in active pfc function protections: short circuit / over current / over voltage / over temperature cooling by free air convection ocp point adjustable through output cable or internal potentiometer ip67 / ip65 design for indoor or outdoor installations three in one dimming function (1~10vdc or pwm signal or resistance) suitable for led lighting and street lighting applications compliance to worldwide safety regulations for lighting 5 years warranty (note.9) suitable for dry / damp / wet locations high efficiency up to 94% features : h l g - 1 2 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 85 10 (rth2) protection type : shut down o/p voltage, recovers automatically afte r temperature goes down short circuit 14 ~ 17v 18 ~ 21v 23 ~ 27v 28 ~ 34v 34 ~ 38v 41 ~ 46v 54 ~ 60v 47 ~ 53v 59 ~ 65v 92% 92% 93.5% 94% 94% 94% 94% 94% 94% 2.5% 5 ~ 10a 2.0% 4 ~ 8a 1.0% 3 ~ 6a 1.0% 2.5 ~ 5a 1.0% 2 ~ 4a 1.0% 1.7 ~ 3.4a 1.0% 1.2 ~ 2.5a 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 2.0% 1.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.1 ~ 2.3a 0.5% 0.5% 1.0% 1.4 ~ 2.9a 0.5% 0.5% 12v 15v 20v 24v 30v 36v 48v 10a 8a 6a 5a 4a 3.4a 2.5a 120w 120w 120w 120w 120w 122.4w 120w 150mvp-p 150mvp-p 13.5 ~ 17v 150mvp-p 17 ~ 22v 150mvp-p 22 ~ 27v 200mvp-p 27 ~ 33v 200mvp-p 33 ~ 40v 200mvp-p 43 ~ 53v 10.8 ~ 13.5v 54v 2.3a 124.2w 200mvp-p 49 ~ 58v 42v 2.9a 121.8w 200mvp-p 38 ~ 46v hlg-120-12 hlg-120-15 HLG-120-20 HLG-120-24 hlg-120-30 hlg-120-36 hlg-120-48 hlg-120-54 hlg-120-42 f m m 110 selv ip65 ip67 a : ip65 rated. output voltage and constant current level can be adjusted thr ough internal potentiometer. b : ip67 rated. constant current level adjustable through output cable w ith 1~10vdc or 10v pwm signal or resistance. blank : ip67 rated. cable for i/o connection. 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltages. please check the static c haracteristics for more details. 5. type a only. 6. safety and emc design refer to en60598-1, cns15233, gb7000.1, fcc part 18. 7. length of set up time is measured at cold first start. turning on/off the powe r supply may lead to increase of the set up time. 8. the power supply is considered as a component that will be operated in combi nation with final equipment. since emc performance will be affected by t he complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 9. refer to warranty statement. protection type : constant current limiting, recovers automatical ly after fault condition is removed constant current limiting, recovers automatically after fault con dition is removed protection type : shut down o/p voltage with auto-recovery or re-power o n to recovery d (option) : ip67 rated. timer dimming function, contact mean well for deta ils. emc immunity emc emission ul8750, csa c22.2 no. 250.0-08, en61347-1, en61347-2-13 independ ent ip65 or ip67, j61347-1, j61347-2-13 approved ; design refer to ul60950-1, tuv en60950-1
mechanical specification case no.994a unit:mm ip67 rated. cable for i/o connection. 300 20 300 20 fg (green/yellow) fg (green/yellow) sjtw 14awg 2c sjtw 14awg 2c 38.8 sjtw 18awg 3c sjtw 18awg 3c 220 220 196 196 ac/l(brown) ac/l(brown) ac/n(blue) ac/n(blue) 12 12 9.6 9.6 9.4 9.4 9.4 9.4 34.2 34.2 68 68 4.2 4pl 4.2 4pl 300 20 300 20 +v(red) +v(red) -v(black) -v(black) ip65 rated. output voltage and constant current level can be adjusted thr ough internal (can access by removing the rubber stopper on the case.) potentiometer. 38.8 vo adj. io adj. 300 20 38.8 sjtw 18awg 3c 220 196 12 9.6 9.4 9.4 34.2 68 4.2 4pl 300 20 +v(red) dim+(blue) -v(black) dim-(white) fg (green/yellow) ac/l(brown) ac/n(blue) b type:(hlg-120-_b) sjtw 18awg 2c sjtw 14awg 2c 98 98 98 t case t case t case 34 34 34 t case: max. case temperature. t case: max. case temperature. t case: max. case temperature. a type:(hlg-120-_a) blank:(hlg-120) 120w single output switching power supply h l g - 1 2 0 s e r i e s file name:hlg-120-spec 2012-03-01
derating curve static characteristics ambient temperature ( ) load (%) -40 -25 -10 0 15 30 50 60 70 20 40 60 80 100 input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 264 100 90 80 70 60 50 40 load (%) (horizontal) dim+ (b type) dim- fosc : 100khz detection circuit emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o.v.p. & o.l.p. pfc circuit pfc control block diagram o.l.p. o.t.p. pwm d type(option):(hlg-120-_d) 300 20 fg (green/yellow) sjtw 14awg 2c 38.8 sjtw 18awg 3c 220 196 ac/l(brown) ac/n(blue) 12 9.6 9.4 9.4 34.2 68 4.2 4pl 300 20 +v(red) -v(black) 98 t case 34 t case: max. case temperature. ip67 rated. timer dimming function, contact mean well for details. 120w single output switching power supply h l g - 1 2 0 s e r i e s file name:hlg-120-spec 2012-03-01
70 74 78 82 86 90 94 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 230vac 115vac 0 .7 8 0 .8 0 0 .8 2 0 .8 4 0 .8 6 0 .8 8 0 .9 0 0 .9 2 0 .9 4 0 .9 6 0 .9 8 1 .0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 3 0 v a c 1 1 5 v a c power factor characteristic efficiency vs load (48v model) hlg-120 series possess superior working efficiency that up to 94% can be re ached in field applications. load efficiency (%) pf load constant current mode there are two major kinds of led drive method "direct drive" and "with led driv er". a typical led power supply may either work in "constant voltage mode (cv) or c onstant current mode (cc)" to drive the leds. mean well's led power supply with cv+ cc characteristic can b e operated at both cv mode (with led driver, at area (a) and cc m ode (direct drive, at area (b). driving methods of led module typical led power supply i-v curve vo(%) 100 50 50 100 io (%) constant voltage area constant current area (a) (b) (120w) 120w single output switching power supply h l g - 1 2 0 s e r i e s file name:hlg-120-spec 2012-03-01
dimming connection diagram for turning the lighting fixture on/off : using a switch and relay can turn on/off the lighting fixture. using the built-in dimming function on b-type model can't turn the lighti ng fixture totally dark. please refer to the connection method below to achieve 0% brightness of the lighting fixture connecting to the led power s upply unit. 1.output constant current level can be adjusted through output cable by c onnecting a or 1~10vdc or 10v pwm signal between dim+ and dim-. resistance 2.the led lighting fixture can be turned on/off by the switch. hlg-120 dimming operation reference resistance value for output current adjustment (typical ) built-in 3 in 1 dimming function, ip67 rated. output constant current lev el can be adjusted through output cable by connecting a resistance or 1 ~ 10vdc or 10v pwm signal between dim+ and dim-. please do not connect "dim-" to "-v". n fg l relay blue brown green/ yellow ac/l ac/n hlg-120 b type dim+ dim- v(-) v(+) blue white black red switch adjuster 0~100k ohms resistance 1~10v dc voltage 10v pwm signal led lighting fixture +v(red) dim+(blue) -v(black) dim-(white) fg (green/yellow) ac/l(brown) ac/n(blue) 102%~108% 60k 60% 10k 10% 20k 20% 30k 30% 40k 40% 50k 50% 70k 70% 80k 80% 90k 100k open 90% 100% resistance value percentage of rated current 102%~108% 102%~108% 10v pwm signal for output current adjustment (typical): frequency ra nge :100hz ~ 3khz 60% 1v 4v 7v 2v 5v 8v 3v 6v 9v 10v 10% 20% 30% 40% 50% 70% 80% open open 90% 100% dimming value percentage of rated current 1 ~ 10v dimming function for output current adjustment (typical) 60% 60% 10% 10% 20% 20% 30% 30% 40% 40% 50% 50% 70% 70% 80% 80% 90% 90% 100% 100% duty value percentage of rated current 120w single output switching power supply h l g - 1 2 0 s e r i e s file name:hlg-120-spec 2012-03-01
waterproof connector waterproof connector can be assembled on the output cable of hlg-120 to ope rate in dry/wet/damp or outdoor environment. hlg-120 i/p o/p led lamp ac source cable joiner junction box(option ) pin configuration (female) pin configuration (female) size size m12 m15 4-pin 5a/pin m12-04 order no. order no. 10a max. suitable current suitable current 5-pin 5a/pin m12-05 10a max. 2-pin 12a/pin m15-02 12a max. up to four wires can be connected through this cable joiner bysoldering or clamping by tools. 66 26 20 25 cj04-2 suitable for 18awg~22awg cj04-1 suitable for 14awg~16awg o/p wires led lamp hlg-120 waterproof connection cj04 cable joiner can be purchased independently for user's own assembl y. mean well order no. : cj04-1, cj04-2. optional junction box available for , please contact meaw well for deta ils. a / blank - type fg (green/yellow) ac/l(brown) ac/n(blue) +v(red) -v(black) 150 20 3- pf 1/2" 86 76 5 10 sjtw 14awg 2c 38.8 35 2- 5 61 32 8.5 8.5 6 196 358 150 20 3- pf 1/2" sjtw 18awg 3c 68 120w single output switching power supply h l g - 1 2 0 s e r i e s file name:hlg-120-spec 2012-03-01


▲Up To Search▲   

 
Price & Availability of HLG-120-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X