Part Number Hot Search : 
U200008 YB18T5 2SC44 220MC SLLS690C 32F100 SMAJ50A 1M250
Product Description
Full Text Search
 

To Download E3Z-D61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 photoelectric sensor with built-in amplifier e3z photoelectric sensor with built-in amplifier with new connector options e3z compact sensor offers long sensing distance and superior noise-immunity d photo-ic provides long s ensing distance: 15 m and 10 m for through-beam, 4 m for retroreflective, and 1 m for diffuse. d integrated photo-ic improves noise immunity to interference from inverters and other inductive loads. d new injection molding technology assures ip67 rating to withstand water and dust. d switch-selectable, light -on/dark-on operation. d m8 connector-ready and 2 m, pre-wired models. d npn or pnp output models available. ordering in f ormation j sensors stock note : shaded models are normally stocked. sensing method light source appearance connection method sensing distance model g g p p g npn output pnp output through-beam ir/red pre-wired 15 m (ir) 1 0 ( r e d ) e3z-t61(a) e3z-t81(a) g / connector ( ) 10 m (red) ( s e e n o t e 1 ) e3z-t66(a) e3z-t86(a) pigtail 3 pin (m8) ( s ee n o t e 1 . ) e3z--t61(a)--m5j e3z--t81(a)--m5j pigtail 4 pin (m8) e3z--t61(a)--m3j e3z--t81(a)--m3j pigtail 4 pin (m12) e3z--t61(a)--m1j e3z--t81(a)--m1j polarized f l i red (see note 2.) pre-wired 100 mm to 4 m 1 0 0 3 e3z-r61 e3z-r81 retroreflective ( ) connector 100 mm to 3 m ( s e e n o t e 3 ) e3z-r66 e3z-r86 pigtail 3 pin (m8) ( s ee n o t e 3 . ) e3z--r61--m5j e3z--r81--m5j pigtail 4 pin (m8) e3z--r61--m3j e3z--r81--m3j pigtail 4 pin (m12) e3z--r61--m1j e3z--r81--m1j diffuse f l i ir pre-wired 5to100mm ( i d i ) E3Z-D61 e3z-d81 reflective connector (wide view) e3z-d66 e3z-d86 pigtail 3 pin (m8) e3z--d61--m5j e3z--d81--m5j pigtail 4 pin (m8) e3z--d61--m3j e3z--d81--m3j pigtail 4 pin (m12) e3z--d61--m1j e3z--d81--m1j pre-wired 1m e3z-d62 e3z-d82 connector e3z-d67 e3z-d87 pigtail 3 pin (m8) e3z--d62--m5j e3z--d82--m5j pigtail 4 pin (m8) e3z--d62--m3j e3z--d82--m3j pigtail 4 pin (m12) e3z--d62--m1j e3z--d82--m1j note: 1. model numbers that end with (a) are red led versions. 2. the reflector is sold separately. select the reflector model most suited to the application. 3. sensing distance can be extended to 4 meters when the e39-r1s reflector is used. the sensing distance is 3 meters when the e39-r1 reflector is used.
2 photoelectric sensor with built-in amplifier e3z j accessories (order separately) stock note : shaded models are normally stocked. slit for through-beam models (e3z--t jj ) order a slit for each emitter and receiver. slit width sensing distance (typical) minimum sensing object (typical) model 0.5 mm dia. 50 mm 0.5 mm dia. e39-s65a 1mmdia. 200 mm 1mmdia. e39-s65b 2mmdia. 800 mm 2mmdia. e39-s65c 0.5 10 mm 1m 0.7 mm dia. e39-s65d 1 10 mm 2.2 m 1.2 mm dia. e39-s65e 2 10 mm 5m 2.4 mm dia. e39-s65f j reflectors for retroreflective models stock note : shaded models are normally stocked. name sensing distance (typical) model reflector 100 mm to 3 m e39-r1 100 mm to 4 m e39-r1s 100 mm to 5 m e39-r2 100 mm to 2.5 m e39-r9 100 mm to 3.5 m e39-r10 miniature reflector 50 mm to 1.5 m e39-r3 tape reflector 150 mm to 700 mm e39-rs1 p 150 mm to 1.1 m e39-rs2 150 mm to 1.4 m e39-rs3 note: the actual sensing distance may be r educed to approximately 70% of the typical s ensing distance when using a reflector other than the e39-r1 or the e39-r1s.
3 photoelectric sensor with built-in amplifier e3z j mounting brackets stock note : shaded models are normally stocked. appearance description model l-bracket, horizontal e39-l104 l-bracket, vertical e39-l44 open top, 20 angle adjustability e39-l43 protected top 5 angle adjustability e39-l144 compact vertical protective cover bracket e39-l142 vertical protective cover bracket e39-l98 appearance description model adjustable height and angle bracket for sensors; horizontal mounting rotates every 45 degrees mounted to the aluminum frame rails of conveyors, easily adjustable e39-l93fh adjustable height and angle bracket for sensors; vertical mounting rotates every 45 degrees e39-l93fv adjustable height and angle bracket for sensors; fixed horizontal base mounting e39-l93h adjustable height and angle bracket for sensors; fixed vertical base mounting e39-l93v adjustable height and angle bracket for sensors; free range of x and y axis posi- tioning; no base included for vertical post e39-l93xy note: if a through-beam model is used, order two mounting brackets ? one for the emitter and one for the receiver.
4 photoelectric sensor with built-in amplifier e3z j m8 connectors appearance cable type model straight 2 m (6.56 ft) four-wire type xs3f-m421-402-a g 5 m (16.40 ft) y p xs3f-m421-405-a right angle 2 m (6.56 ft) xs3f-m422-402-a g g 5 m (16.40 ft) xs3f-m422-405-a straight 2 m (6.56 ft) three--wire type y96e--m833sd2 g 5 m (16.40 ft) y p y96e--m833sd5 right angle 2 m (6.56 ft) y96e--m833rd2 g g 5 m (16.40 ft) y96e--m833rd5 j m12 connectors appearance cable type model straight 2 m (6.56 ft) four-wire type y96e--44sd2 g 5 m (16.40 ft) y p y96e--44sd5 right angle 2 m (6.56 ft) y96e--44rd2 g g 5 m (16.40 ft) y96e--44rd5
5 photoelectric sensor with built-in amplifier e3z specifications item sensing method through-beam polarized retroreflective diffuse reflective npn output e3z-t61/t66 (a) (note 3) e3z-r61/r66 E3Z-D61/d66 e3z-d62/d67 pnp output e3z-t81/t86 (a) (note 3) e3z-r81/r86 e3z-d81/d86 e3z-d82/d87 sensing distance 15 m 10 m (a) (note 3) 100 mm (4 m note 1) (when using e39-r1s) 100 mm (3 m note 2) (when using e39-r1) white paper (100 100 mm): 100 mm white paper (300 300 mm): 1m standard sensing object opaque: 12 mm (dia. min.) opaque: 75 mm (dia. min.) --- hysteresis --- 20% max. of setting distance directional angle both emitter and re- ceiver: 3 to 15 2to10 --- light source (wave length) infrared led (870 nm) red led (660 nm) infrared led (860 nm) power supply voltage 12 to 24 vdc 10% including 10% (p-p) max. ripple current consumption emitter: 15 ma receiver: 20 ma 30 ma max. control output 100 ma max. at 26.4 vdc, open collector output (residual voltage: 2 v max.) < 10 ma (residual voltage: 1 v max.) l-on/d-on, switch selectable circuit protection load short-circuit, re- versed power supply protection, and output reverse protection reversed power supply connection, out put short-circuit, and mutual interference protection, and output reverse protection response time 1msmax. sensitivity adjustment one-turn potentiometer ambient illumination incandescent lamp 3,000 ? max. i l l u m i n a t i o n (receiver side) sunlight 10,000 ? max. ambient operating -- 2 5 cto55 c(--13 f to 131 f) temperature storage -- 4 0 cto70 c(--40 f to 158 f) with no icing or condensation ambient h i d i operating 35% to 85% humidity storage 35% to 95% with no condensation insulation resistance 20 m ? min. at 500 vdc dielectric strength 1,000 vac, 50/60 hz for 1 min vibration resistance 10 to 55 hz, 1.5-mm double amplitude or 300 m/s 2 for 2 hours each in x, y, and z axes shock resistance destruction 500 m/s 2 3 times each in x, y, and z axes enclosure rating ip67 (iec60529) 1200 psi washdown (nema ics5, annex f) approvals ce connection method 2 m cable or m8 connector indicator operation indicator (orange) stability indicator (green) emitter has power indicator (orange) only weight ( p a c k e d pre-wiredcable(2m) approx. 120 g (4.2 oz) approx. 65 g (2.3 oz) ( packed state) connector approx. 30 g (1.1 oz) approx. 20 g (0.7 oz) material case: pbt (polybutylene terephthalate); lens: denatured polyallylate accessories instruction manual (order reflector and mounting bracket separately.) note: 1. sensing distance can be extended up t o 4 meters when the e39-r1s reflector is used. 2. sensing distance can be extended up to 3 meters when the e39-r1 reflector is used. 3. sensing distance is 10 meters when using t he (a) versions (visible red led, 660 nm).
6 photoelectric sensor with built-in amplifier e3z nomenclature diffuse-reflective models e3z-d6 j stability indicator (green) operation selector operation indicator (orange) sensitivity adjuster through-beam models e3z-t6 j receiver retroreflective models e3z-r6 j operation j output circuits model e3z-t61/-t66/-r61/-r66/-d61/-d66/-d62/-d67 npn output through-beam receiver retroreflective model diffuse reflective model through-beam emitter operation indicator stability indicator main circuit orange green 100 ma max. load (relay) brown black blue control output 12 to 24 vdc 0v power indicator (orange) main circuit 12 to 24 vdc brown blue model e3z-t81/-t86/-r86/-d81/-d86/-d82/-d87 pnp output through-beam receiver retroreflective model diffuse reflective model through-beam emitter operation indicator stability indicator main circuit orange green brown black blue control output 12 to 24 vdc 100 ma max. 0v load (relay) power indicator (orange) main circuit 12 to 24 vdc brown blue connector pin arrangement pin 2 is open. pins 2, 4 are open. j timing charts incident on operation indicator (orange) output transistor load (relay) interrupted off on off operate reset (between blue and black) incident on operation indicator (orange) output transistor load (relay) interrupted off on off operate reset (between blue and black) dark-on (d-on) operation light-on (l-on) operation
7 photoelectric sensor with built-in amplifier e3z j m8 connector pin--out (4--pin) (3--pin) wire colors brown white blue black xs3f-m421-402-a xs3f-m421-405-a xs3f-m422-402-a xs3f-m422-405-a wire colors brown blue black y96e--m833sd2 y96e--m833rd2 y96e--m833sd5 y96e--m833rd5 classification wire color connector pin no. description dc brown 1 power supply (+v) white 2 pin 2 is not used. blue 3 power supply (0 v) black 4 output note: the through-beam emitter does not use pins 2 and 4. j m12 connector pin--out (4--pin) wire colors brown white blue black y96e--44sd2 y96e--44rd2 y 96e--44sd5 y 96e--44rd5 classification wire color connector pin no. description dc brown 1 power supply (+v) white 2 pin 2 is not used. blue 3 power supply (0 v) black 4 output note: the through-beam emitter does not use pins 2 and 4.
8 photoelectric sensor with built-in amplifier e3z engineering data j parallel operating range (typical) through-beam models e3z-t j 1(t j 6) distance y (mm) through-beam models e3z-t j 1(t j 6) and slit distance y (mm) retroreflective models e3z-r j 1(r j 6) and reflector distance y (mm) distance x (m) 2-dia. slit 1-dia. slit slit: 0.5 x 10 slit: 2 x 10 e39-rs1 e39-rs2 e39-rs3 e39-r3 e39-r1 e39-r1s e39-r2 slit: 1 x 10 distance x (m) distance x (m) parallel operating range (typical) e3z-t j a receiver output vs. distance (typical) e3z-t j a j operating range (typical) distance y (mm) distance y (mm) white drawing paper sus (glossy surface) black carbon diffuse reflective models e3z-d j 1(d j 6) diffuse reflective models e3z-d j 2(d j 7) distance x (mm) distance x (m) sus (glossy surface) white drawing paper black carbon
9 photoelectric sensor with built-in amplifier e3z j excess gain ratio vs. distance (typical) through-beam models e3z-t j 1(t j 6) excess gain ratio distance x (m) distance x (m) retroreflective models e3z-r j 1(r j 6) and reflector diffuse reflective models e3z-d j 1(d j 6) distance x (mm) diffuse reflective model e3z-d j 2(d j 7) distance x (m) e39-r3 e39-r1 e39-r1s e39-r2 excess gain ratio excess gain ratio excess gain ratio sensing target: 100 x 100 mm white paper sensing target: 300 x 300 mm white paper j sensing target size vs. sensing distance (typical) distance (mm) distance (m) black paper white paper black paper side length (one side) of sensing target: d (mm) side length (one side) of sensing target: d (mm) diffuse reflective models e3z-d j 1(d j 6) diffuse reflective models e3z-d j 2(d j 7) white paper sus (glossy surface) sus (glossy surface)
10 photoelectric sensor with built-in amplifier e3z dimensions unit: mm (inch) j sensors through-beam (pre-wired models) through-beam (connector models) optical axis lens power indicator (orange) vinyl-insulated round cable with two conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m emitter operation selector sensing adjuster optical axis lens receiver optical axis lens power indicator (orange) m8 connector emitter operation selector sensing adjuster optical axis lens receiver m8 connector power indicator (orange) power indicator (orange) stability indicator (green) stability indicator (green) vinyl-insulated round cable with three conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m two, m3 two, m3 two, m3 two, m3 retroreflective models (pre-wired models) retroreflective models (connector models) two, 7-dia. lenses operation selector sensing adjuster optical axis stability indicator (green) vinyl-insulated round cable with three conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m two, m3 emitter receiver power indicator (orange) m8 connector power indicator (orange) operation selector sensing adjuster stability indicator (green) two, 7-dia. lenses receiver optical axis emitter two, m3 20 (0.79) 10.8 (0.43) 31 (1.22) e3z-t61 e3z-t81 e3z-t66 e3z-t86 e3z-r61 e3z-r81 diffuse reflective models (pre-wired models) E3Z-D61 e3z-d62 e3z-d81 e3z-d82 e3z-r66 e3z-r86 diffuse reflective models (connector models) e3z-d66 e3z-d67 e3z-d86 e3z-d87 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67) note: length of pigtails: 03. m
11 photoelectric sensor with built-in amplifier e3z unit: mm (inch) j slits e39-s65d e39-s65e e39-s65f side a material sus301 stainless steel model e39-s65a e39-s65b e39-s65c 0.5 dia. 1.0 dia. 2.0 dia. side a material sus301 stainless steel model e39-s65d e39-s65e e39-s65f 0.5 1.0 2.0 e39-s65a e39-s65b e39-s65c 32.2 (1.27) 32.2 (1.27) 10.4 (0.41) 10.4 (0.41) 15.5 (0.61) 15.5 (0.61) material surface: acrylic resin backside: abs resin two, 3.5 dia. j reflectors e39-r1 e39-r1s 40.3 (1.59) 59.9 (2.36) 7.5 (0.30) 5.2 (2.05) 2.7 (0.11) 34 (1.34) 1.6 (0.06) e39-r2 material surface: acrylic resin backside: abs resin four, 3.5 dia. 80.8 (3.18) 74.5 (2.93) 59.9 (2.36) 52 (2.05) 1.6 (0.06) 7.5 (0.30) 34 (1.34) 7 (0.28) 6.5 (0.26) 7 7 8 2.7 (0.11) e39-r9 42.3 (1.67) 21 15 25 (0.98) 35.4 (1.39) 8 (0.31) 3.5 (0.14) 5.5 (0.22) material reflecting surface: acrylic resin back: abs resin 30.9 (1.22) 4 (0.16) 8 (0.31)
12 photoelectric sensor with built-in amplifier e3z e39-r10 material reflecting surface: acrylic resin back: abs resin 61.4 (2.42) 30.4 (1.20) 5 (0.20) 8(0.31) 10 (0.39) 30 (1.18) 40 (1.57) 51.6 (2.03) 3.5 (0.14) 5.5 (0.22) 47 (1.85) j miniature reflector two, m3 sus304 stainless steel adhesive tape side two, 3.2 dia. material surface: acrylic resin backside: abs resin e39-r3 41.8 (1.65) 25.4 (1.00) 22.5 (0.89) 34.8 (1.37) 38 (1.50) 34 (1.34) 22.9 (0.90) 16 (0.63) 10.1 (0.40) 1.2 19.3 3.4 2.6 1.2 10 18.45 7 3.4 4.5 6 3.4 29 (1.14) 0.2 0.2 11 14 13.7 (0.54) 20 (0.79) j tape reflectors e39-rs2 e39-rs3 adhesive tape side adhesive tape side adhesive tape side material: acrylic resin material: acrylic resin material: acrylic resin e39-rs1 35 (1.38) 40 (1.57) 35 (1.38) 0.6 (0.02) 80 (3.15) 70 (2.76) 0.6 (0.02) 0.6 (0.02) 10 (0.39)
13 photoelectric sensor with built-in amplifier e3z j mounting brackets with mounting bracket (e3z-d62) e39-l43 with mounting bracket (e3z-d62) material: sus304 stainless steel material: sus304 stainless steel e39-l104 two, 3.2 dia. two, m3 29 (1.14) 13.7 (0.54) 13.7 (0.54) 7 (0.28) 29 (1.14) 16 (0.63) 39 (1.54) 8.8 (0.35) 38.3 (1.51) 1.2 (0.05) 25.4 (1.00) optical axis 37.8 two, m3 four, 3.2 dia. optical axis 13 (0.51) 3.5 (0.14) 30 (1.18) 3.5 (0.14) 7.5 (0.3) 15 (0.59) 25.4 (1.00) 40 (1.57) 30 (1.18) 3.5 (0.14) 3.5 (0.14) 40 (1.57) 15 (0.59) 7.5 (0.3) 25.4 (1.00) 1.2 (0.05) unit: mm (inch) 31 (1.22) 20 (0.79) 13 (0.51) e39-l44 material: sus304 stainless steel with mounting bracket (e3z-d62) optical axis two, m3 3.2 dia. 16.2 (0.64) 8.7 (0.34) 1.2 (0.05) 9 (0.35) 18 (0.71) 23.2 (0.91) 31.2 (1.23) 36 (1.42) 36 (1.42) 31.2 (1.23) 23.2 (0.91) 25.4 (1.00) 8.7 (0.34) 16.2 (0.64) 18 (0.71) 9 (0.35) 20 (0.79) 35.3 (1.39) 31 (1.22) 14.1 (0.56) 10.8 (0.43)
14 photoelectric sensor with built-in amplifier e3z material: sus304 stainless steel 25 (0.98) 23 (0.91) 14.2 (0.56) 38.5 (1.52) 1.5 (0.06) 25.4 (1.00) optical axis 2-50 5 21 20 (0.79) 10.5 (0.41) 12.3 (0.48) 3.5 (0.14) 25.4 (1.00) 7.3 (0.28) with sensor (example: e3z-l61) e39-l144 material: sus304 stainless steel 15.8 (0.62) 14 (0.55) 8.7 (0.34) 7 22 (0.87) 55 (0.22) 37 (1.46) 1.5 (0.06) 14 (0.55) 25.4 (1.00) 15.3 (0.60) 4.5 4.5 4.0 7.8 12 (0.47) 5.0 6.9 (0.27) 28 (1.10) 14 optical axis four 3.4 dia. 4.5 with sensor (example: e3z-l61) e39-l142
15 photoelectric sensor with built-in amplifier e3z unit: mm (inch) e39-l93fh 215 (8.46) 183 (7.20) 48 (1.89) 15 15 8 54 30 6 59 (2.32) 188 (7.40) ?12 45 22.5 26 50 (1.97) 35 2--?6.6 26 20.7 48 e39-l93f v 208 (8.19) 176 (6.93) 15 15 8 48 24 12 53 (2.09) 181 (7.13) ?12 48 (1.89) 22.5 29 53 (2.09) 35 2--?6.6 50 26.1 20.7
16 photoelectric sensor with built-in amplifier e3z e39-l93h 216 (8.50) 184 (7.24) 15 15 8 54 30 8 59 (2.32) 189 (7.44) ?12 48 (1.89) 45 32 34 2--?6.6 14 26.1 20.7 27 10 e39-l93v 208 (8.19) 176 (6.93) 15 15 8 44 20 10 49 (1.93) 181 (7.13) ?12 48 (1.89) 8 15 46 2--?6.6 48 (1.89) 26.1 20.7 32 24
17 photoelectric sensor with built-in amplifier e3z unit: mm (inch) e39-l93xy 197 (7.76) 189 (7.44) 15 15 40 (1.51) 165 8 ?12 20 35 15 170 (6.69) 8 21 26 24 48 213 (8.39) ?12 22 11 note: the e39-l93xy consists of a vertical post, x-y joint, 2 nuts, 2 bolts and sensor mounting attachment. there is no base for the bot- tom of the vertical post. e39-l98 material: sus304 stainless steel mounting holes two, m6 56 dia. (2.2) screw provided 61 (2.4) 16 (0.63) 56 (2.2) 34 (1.34) 20 (0.79) (1.73 | 0.01) 25.4 (1.00) 35.3 (5.33)
18 photoelectric sensor with built-in amplifier e3z j m8 connector cordsets (3--pin) straight y96e--m833sd2 y96e--m833sd5 right angle y96e--m833rd2 y96e--m833rd5 ? .39? ref [10.00mm] m8x1 [4.06mm] .16? ref [31.00mm] 1.22? ref .75? ref [19.05mm] length [18.25mm] .72? ref [10.00mm] ? .39? ref m8x1 [26.50mm] 1.04? ref [4.06mm] .16? ref .75? ref [19.05mm] length straight xs3f-m421-402-a (l=2 m) xs3f-m421-405-a (l=5 m) right angle xs3f-m422-402-a (l=2 m) xs3f-m422-405-a (l=5 m) j m8 connector cordsets (4--pin) 4 (0.16) dia. 9dia. (0.35) 21.5 (0.85) 31.4 (1.24) 50 (1.97) 30 20.5 (0.81) 23.1 (0.91) 4 (0.16) dia. 50 (1.97) 9(0.35)dia. 2.15 0.5 3.4 1.95 30 5 5 j m12 connector cordsets (4--pin) straight y96e--44sd2 (l=2 m) y96e--44sd5 (l=2 m) right angle y96e--44rd2 (l=2 m) y96e--44rd5 (l=2 m) 14.7 (0.58) 14.7 (0.58) 46.74 (1.84) 31.24 (1.23) m12 thread m12 thread gold/palladium/ nickel--plated brass contaccts 1--brown+v 4 -- black output 3--blue0v 2 -- white not used gold/palladium/ nickel--plated brass contaccts
19 photoelectric sensor with built-in amplifier e3z precautions to ensure safe sensor operation, please follow the following precautions: j wiring power supply voltage make sure that the power supply to the sensor is within the rated voltage range. load short-circuiting do not short-circuit the load, or the sensor may be damaged. polarity correct polarity wiring is required to prevent damage to the sensor. connection without load do not connect power supply t o the sensor with no load connected, or the internal elements may explode or burn. j operating environment do not use the sensor in locations with explosive or flammable gas. j settings power reset time the sensor is ready to operate 100 ms after the sensor is turned on. if the load and sensor are connected to independent power supplies respectively, be sure to turn on the sensor before turning the load on. j connections m8 metal connector ? turn off power before disconnecting the sensor. ? remove the connector cover before connecting or discon- necting the metal connector. ? secure the connector cover by hand. do not use any pliers, or the connector may be damaged. ? the proper tightening torque range is between 0.3 and 0.4 n s m. be sure to tighten the connector securely in order to maintain the the specified degree of protection and to keep the connector from loosening due to vibration. j mounting use m3 screws to mount the sensor and tighten each screw to a maximum torque of 0.53 n s m. e3z- jjj e39-l104 mounting bracket (sold separately)
20 photoelectric sensor with built-in amplifier e3z j adjustment slits for through-beam models (e39-s 65a/b/c/d/e/f) sold separately hook protruding portion lower indented portion upper indented mounting portion sensor slit mounting method 1. hook the upper protruding portion of the slit to the upper indented mounting portion of the sen- sor and adjust the position of the slit so that the slit will be in parallel to the lens side of the sensor. 2. press the lower protruding portion of the slit onto the indented mounting portion of the sensor until the slit snaps in. mounting condition side view front view removal method 1. press the upper portion of the slit. 2. disconnect the lower protruding portion of the slit from the sensor and remove the slit.
21 photoelectric sensor with built-in amplifier e3z certain terms and conditions of sale 1 offer; acceptance . these terms and conditions (these ?terms?) are deemed part of all catalogs, manuals or other documents, whether electronic or in writing, relating to the sale of goods or services (collectively, the ?goods?) by omron electronics llc and its subsidiary companies (?selle r?). seller hereby objects to any terms or conditions proposed in buyer?s purchase order or other documents which are in- consistent with, or in addition to, these terms. please contact your omron repre- sentative to confirm any additional terms for sales from your omron company. 2 prices . all prices stated are current, subject to change without notice by seller. buyer agrees to pay the price in effect at time of shipment. 3 discounts . cash discounts, if any, will apply only on the net amount of invoices sent to buyer after deducting tr ansportation charges, tax es and duties, and will be al- lowed only if (i) the invoice is paid according to seller?s payment terms and (ii) buy- er has no past due amounts owing to seller. 4 orders . seller will accept no order less than $200 net billing. 5 governmental approvals . buyer shall be responsible for, and shall bear all costs involved in, obtaining any government approvals required for the importation or sale of the goods. 6 taxes . all taxes, duties and other governmental charges (other than general real property and income taxes), including any interest or penalties thereon, imposed directly or indirectly on seller or required to be collected directly or indirectly by sell- er for the manufacture, production, sale, delivery, importation, consumption or use of the goods sold hereunder (including customs duties and sales, excise, use, turn- over and license taxes) shall be charged to and remitted by buyer to seller. 7 financial . if the financial position of buyer at any time becomes unsatisfactory to seller, seller reserves the right to stop shipments or require satisfactory security or payment in advance. if buyer fails to make payment or otherwise comply with these terms or any related agreement, seller may (without liability and in addition to other remedies) cancel any unshipped portion of goods sold hereunder and stop any goods in transit until buyer pays all amounts, including amounts payable hereun- der, whether or not then due, which are owing to it by buyer. buyer shall in any event remain liable for all unpaid accounts. 8 cancellation; etc . orders are not subject to rescheduling or cancellation unless buyer indemnifies seller fully against all costs or expenses arising in connection therewith. 9 force majeure . seller shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including ear thquakes, fires, floods, strikes or other labor disputes, shortage of labor or materials, accidents to machinery, acts of sabo- tage, riots, delay in or lack of transportation or the requirements of any government authority. 10 shipping; delivery . unless otherwise expressly agreed in writing by seller: a. shipments shall be by a carrier selected by seller; b. such carrier shall act as the agent of buyer and delivery to such carrier shall constitute delivery to buyer; c. all sales and shipments of goods shall be fob shipping point (unless other- wise stated in writing by seller), at which point title to and all risk of loss of the goods shall pass from seller to buyer, provided that seller shall retain a se- curity interest in the goods until the full purchase price is paid by buyer; d. delivery and shipping dates are estimates only. e. seller will package goods as it deems proper for protection against normal handling and extra charges apply to special conditions. 11 claims . any claim by buyer against seller for shortage or damage to the goods occurring before delivery to the carrier must be presented in writing to seller within 30 days of receipt of shipment and include the original transportation bill signed by the carrier noting that the carrier received the goods from seller in the condition claimed. 12 warranties . (a) exclusive warranty. seller?s exclusive warranty is that the goods will be free from defects in materi als and workmanship for a period of twelve months from the date of sale by seller (or such other period expressed in writing by seller). seller disclaims all other warranties, express or implied. (b) limitations. seller makes no warranty or representation, express or implied, about non--infringement, merchantability or fitness for a particular purpose of the goods. buyer acknowledges that it alone h as determined that the goods will suitably meet the requirements of their intended use. seller further disclaims all warranties and responsibility of any type for claims or expenses based on infringement by the goods or otherwise of any intellectual property right. (c) buyer remedy. seller?s sole obligation hereunder shall be to replace (in the form originally shipped with buyer responsible for labor charges for removal or replacement thereof) the non--complying good or, at seller?s election, to repay or credit buyer an amount equal to the purchase price of the good; provided that in no event shall seller be responsible for warranty, repair, indemnity or any other claims or expenses regarding the goods unless seller?s analysis confirms that the goods were properly handled, stored, installed and maintained and not subject to contamination, abuse, misuse or inappropriate modification. return of any goods by buyer must be approved in writing by seller before shipment. seller shall not be liable for the suitability or unsuitabil- ity or the results from the use of goods in combination with any electrical or electronic components, ci rcuits, system assemblies or any other materials or substances or environments. any advice, recommendations or information given orally or in writing, are not to be construed as an amendment or addition to the above warranty. 13 damage limits; etc . seller shall not be liable for special, indi- rect or consequential damages, loss of profits or produc- tion or commercial loss in any way connected with the goods, whether such claim is based in contract, warranty, negligence or strict liability. further, in no event shall liability of seller exceed the individual price of the good on which liability is asserted. 14 indemnities . buyer shall indemnify and hold harmless seller, its affiliates and its employees from and against all liabilities, losses, claims, costs and expenses (including attorney?s fees and expenses) related to any claim, investigation, litigation or proceeding (whether or not seller is a party) which arises or is alleged to arise from buyer?s acts or omissions under these terms or in any way with respect to the goods. without limiting the foregoing, buyer (at its own expense) shall indemnify and hold harmless seller and defend or settle any action brought against seller to the extent that it is based on a claim that any good made to buyer specifications infringed intellectual property rights of another party. 15 property; confidentiality . the intellectual property embodied in the goods is the exclusive property of seller and its affiliates and buyer shall not attempt to duplicate it in any way without the written permission of seller. notwithstanding any charges to buyer for engineering or tooling, all engineering and tooling shall remain the exclusive property of seller . all information and materials supplied by seller to buyer relating to the goods are confidential and proprietary, and buyer shall limit distribution thereof to its trusted employees and strictly prevent disclosure to any third party. 16 miscellaneous . (a) waiver. no failure or delay by seller in exercising any right and no course of dealing between buyer and seller shall operate as a waiver of rights by seller. (b) assignment. buyer may not assign its rights hereunder without seller?s written consent. (c) amendment. these terms constitute the entire agreement between buyer and seller relating to the goods, and no provision may be changed or waived unless in writing signed by the parties. (d) severability. if any provision hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision. (e) setoff. buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. (f) as used herein, ?including? means ?including without limitation?. certain precautions on specifications and use 1. suitability of use . seller shall not be responsible for conformity with any stan- dards, codes or regulations which apply to the combination of the good in the buyer?s application or use of the good. at buyer?s request, seller will provide applicable third party certification documents identifying ratings and limitations of use which apply to the good. this information by itself is not sufficient for a complete determination of the suitability of the good in combination with the end product, machine, system, or other app lication or use. the following are some examples of applications for which particular attention must be given. this is not intended to be an exhaustive list of all possible uses of this good, nor is it intended to imply that the uses listed may be suitable for this good: (i) outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. (ii) energy control systems, combus tion systems, railroad systems, aviation systems, medical equipment , amusement machines, v ehicles, safety equip- ment, and installations subject to separate industry or government regulations. (iii) systems, machines and equipment tha t could present a risk to life or prop- erty. please know and observe all prohibitions of use applicable to this good. never use the product for an appl ication involving serious risk to life or property without ensuring that the system as a whole has been designed to address the risks, and that the seller?s product is properly rated and installed for the intended use within the overall equipment or system. 2. programmable products. seller shall not be responsible for the user?s program- ming of a programmable good, or any consequence thereof. 3. performance data . performance data given in this catalog is provided as a guide for the user in determining suitability and does not constitute a warranty. it may represent the result of seller?s test conditions, and the user must corre- late it to actual application requirements. actual performance is subject to the seller?s warranty and limitations of liability. 4. change in specifications . product specifications and accessories may be changed at any time based on improvements and other reasons. it is our prac- tice to change part numbers when published ratings or features are changed, or when significant construction changes are made. however, some specifications of the good may be changed without any notice. when in doubt, special part numbers may be assigned to fix or establish key specifications for your applica- tion. please consult with your seller?s representative at any time to confirm actual specifications of purchased good. 5. errors and omissions. the information in this catalog has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors, or omissions.
22 photoelectric sensor with built-in amplifier e3z cat. no. e308--e3--3 10/04 specifications s ubject to change without notice. printed in u.s.a. omron electronics llc oneeastcommercedrive schaumburg, il 60173 note: dimensions shown are in millimeters. t o convert millimeters to inches divide by 25.4. 847-843--7900 omron canada, inc. 885 milner avenue 416-286-6465 r omron on--line global -- http://www.omron.com usa -- http://www.omron.com/oei canada -- http://www.omron.com.ca toronto, ontario m1b 5v8 for us technical support or other inquiries: 800-556--6766 complete ?terms and conditions of sale? for product purchase and use are on omron?s website at www.omron.com/oei -- under the ?about us? tab in the legal matters section.


▲Up To Search▲   

 
Price & Availability of E3Z-D61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X