Part Number Hot Search : 
HEF45 HA178M06 FJX3015R L1010 HMC43210 D7220D KMOC3051 1N4763AP
Product Description
Full Text Search
 

To Download DPF600-9617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  international safety standard approvals vde0805/en60950/iec950 ul1950 file no. e136005 csa c22.2 no. 950 file no. lr41062c certificate no. 606090 tv patent no. 5446366 output specifications voltage set point -49vdc 245mvdc with 2a load applied total regulation main output 5.0% full load to no load rise time at turn-on 0.5s, max. transient response main output 5.0% max. dev., 50% to 100% 1ms recovery step at 1.0a/s to 1.0% ripple and noise main output 750mv pk-pk, (0hz to 30mhz) auxiliary output 100mv pk-pk overvoltage protection latching main output -55v to -60v latching 5.7v to 6.5v output power limit 750w short circuit protection non-latching auto-recovery current sharing 10%, 3v droop from 15% to 100% input specifications input voltage range 85 to 264vac input frequency range 47hz to 63hz input surge current 230vac, cold start @ 25c 35a max. input surge 300vac 20ms safety ground 120vac, 60hz 0.2ma leakage current 230vac, 50hz 0.4ma input current 90vac, 600w 7.35a rms max. 220vac 2.84a rms max. input fuse non-replaceable 15a power factor 0.99 120vin, >66% load dpf600 series dual output [ 2 year warranty ] ? 600w front end ? en61000-3-2 compliant ? hot pluggable ? n+1 redundancy ? full set of status signals ? en55022, en55011 conducted emissions level b ? ul, tv, csa and babt approvals the dpf600 is a 600w universal input ac/dc front end power supply in a fully enclosed hot pluggable case with built-in fan, front panel with handle, iec input connector, on/off switch and din output signal connector. providing dual 49v and 5v outputs with a full set of status signals, the dpf600 is designed as a slot-in front end for distributed power systems. the dpf600 provides 600w of output power and is fully compliant with en61000-3-2. standard features include current sharing and full protection against overvoltage, overload and short circuit. remote or local system monitoring is possible via a full set of status signals that include fan fail, dc good, remote inhibit and current monitoring. the dpf600, with full international safety approval and the ce mark, meets conducted emissions en55022 level b. the dpf600 is designed for use as a front end in medium power communication applications adopting distributed power architecture. the dpf600 can be used in conjunction with our complete range of 3 to 200w dc/dc converters to fully configure a distributed power system. specification all specifications are typical at nominal input, full load at 25 c unless otherwise stated page 1 emc characteristics radiated emissions en55022/11, fcc part 15 level a conducted emissions en55022/11, fcc part 15 level b harmonic current emm. en61000-3-2 compliant electrical fast en61000-4-4 level 3 transients/bursts surge susceptibility en61000-4-5 level 3 general specifications hold-up time 120vac, 60hz fl 20ms @ 600w efficiency 100vin, load >66% rated 82% min. isolation voltage input/output 3000vac input/chassis 1500vac switching frequency 50khz approvals and en60950, ul1950, babt standards csa c22.2 no. 950 weight 6.9kg (15ibs) mtbf 500,000 hours demonstrated environmental specifications thermal performance operating ambient 0c to +50c non-operating -40c to +85c 50c to 70c ambient derate to 50% cooling built-in fan relative humidity non-condensing 5% to 85% rh altitude operating 10,000 feet max. non-operating 40,000 feet max. vibration 5hz to 500hz 2.4g rms peak
output output current ripple total model number voltage min max regulation -49v (3) 0a (4) 12a 750mv 5.0% DPF600-9617 +5v 0.2a 10a 50mv 5.0% notes 1 fan fail and power good are open collector signals. 2 all signals are referenced to earth ground, as is the 5v output. 3 the main output is floating. 4 49.5v at minimum current. mating connectors signal 48-pin female din connector main output icon connectors (elcon p/n: 259-28-00100) input iec status and control signals (1,2) fan fail h asserted in event of a failure power good l asserted when the output voltage is within specification inhibit l inhibits the main output when this pin is open or low current monitor provides an analog voltage reflection of the main output current


▲Up To Search▲   

 
Price & Availability of DPF600-9617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X