Part Number Hot Search : 
PCA8521 ME3220 001544 AP2305AN 25105 NJU7774 200000 F11H20C1
Product Description
Full Text Search
 

To Download DF100AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sanrex ? three phase rectifier bridge module ( low profile of 17mm height) i f(av) = 100a, v rrm = 800- 1800v sanrex three phase rectifier bridge module DF100AC series is designed for applications requiring low profile converter- inverter circuit designs. thanks to the 17mm flat case height design , the DF100AC series can be connected with igbt or mosfet modules at the same 17mm case height. this advantage typically reduces the needed parts and manufacturing cost. it also enables level parallel connections for larger capacity, contributes reducing stray inductance, improving high efficiency and reliability. features * low case height of 17mm * enable easy parallel connection * very low forward voltage drop * high surge current capability * rohs compliance typical applications * welding and plasma cutting machines * battery chargers * power supplies * motor controls < maximum ratings > tj = 25 c (unless otherwise noted) symbol item DF100AC80 DF100AC160 DF100AC180 unit v rrm repetitive peak reverse voltage 800 1600 1800 v v rsm non-repetitive peak reverse voltage 960 1700 1900 v symbol item conditions ratings unit i f(av) average forward current three phase, full wave, t c = 106c 100 a i fsm surge forward current 1cycle, 60hz, peak value, non- repetitive 1300 a i 2 t i 2 t (for fusing) value for one cycle surge current 7000 a 2 s t j junction temperature -40 to +150 c t stg storage temperature -40 to +125 c v iso isolation voltage (r.m.s.) a.c. 1 minute 2500 v mounting m5 recommended 1.5-2.5 2.7 mounting torque terminal m5 recommended 1.5-2.5 2.7 n m mass typical value 130 g sanrex 50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 web : www.sanrex .com DF100AC series internal schematic diagram isolated packa g e
sanrex ? three phase rectifier bridge modules DF100AC series < electrical characteristics > tj= 25 c (unless otherwise noted) ratings symbol item conditions min. typ. max. unit i rrm repetitive peak reverse current v r = v rrm, t j = 150c 15.0 ma v fm forward voltage drop i f = 100a, inst. measurement 1.20 v r th(j-c) thermal resistance junction to case 0.2 c/w sanrex 50 seaview blvd. port washington, ny 11050-4618 ph.(516)625-1313 fax(516)625-8845 web : www.sanrex.co m may 2007 ? 4th. * dimensions in millimeters (1mm=0.0394?)


▲Up To Search▲   

 
Price & Availability of DF100AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X