Part Number Hot Search : 
IDT7226 1C330M 36041 A1005 3DD130 A5201 87759 RP730060
Product Description
Full Text Search
 

To Download DAC1405D650HW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 1. general description the dac1405d650 is a high-speed 14-bit dual channel digital-to-analog converter (dac) with selectable 2 ? , 4 ? or 8 ? interpolating filters optimi zed for multi-carrier wireless transmitters. thanks to its digital on-chip modulation, the dac1405d650 allows the complex i and q inputs to be converted up from baseband to if. the mixing frequency is adjusted via a serial peripheral inte rface (spi) with a 32-bit numerically controlled oscillator (nco) and the phase is controlled by a 16-bit register. two modes of operation are available: separate data ports or a single interleaved high-speed data port. in the interleaved mode, the input data stream is demultiplexed into its original i and q data and then latched. the dac1405d650 also includes a 2 ? , 4 ? and 8 ? clock multiplier which provides the appropriate internal clocks and an internal regulator to adjust the output full-scale current. 2. features and benefits dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating rev. 05 ? 2 july 2012 product data sheet ? dual 14-bit resolution ? imd3: 80 dbc; f s = 640 msps; f o =96mhz ? 650 msps maximum update rate ? acpr: 71 dbc; 2 carriers wcdma; f s = 614.4 msps; f o = 96 mhz; pll on ? selectable 2 ? , 4 ? or 8 ? interpolation filters ? typical 0.95 w power dissipation at 4 ? interpolation ? input data rate up to 160 msps ? power-down and sleep modes ? very low noise cap-free integrated pll ? differential scalable output current from 1.6 ma to 22 ma ? 32-bit programmable nco frequency ? on-chip 1.29 v reference ? dual port or interleaved data modes ? external analog offset control (10-bit auxiliary dacs) ? 1.8 v and 3.3 v power supplies ? internal digital offset control ? lvds compatible clock ? inverse (sin x) / x function ? two?s complement or binary offset data format ? fully compatible spi port ? 3.3 v cmos input buffers ? industrial temperature range from ? 40 ? c to +85 ? c
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 2 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 3. applications ? wireless infrastructure: lte, wim ax, gsm, cdma, wcdma, td-scdma ? communication: lmds/mmds, point-to-point ? direct digital synthesis (dds) ? broadband wireless systems ? digital radio links ? instrumentation ? automated test equipment (ate) 4. ordering information table 1. ordering information type number package name description version DAC1405D650HW htqfp100 plastic thermal enhanced thin quad flat package; 100 leads; body 14 ? 14 ? 1 mm; exposed die pad sot638-1
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 3 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 5. block diagram fig 1. block diagram 14 14 001aah069 dac1405d650 fir1 2 2 fir1 fir2 2 2 fir2 fir3 2 2 fir3 nco cos sin clock generator/ pll complex modulator latch q latch i clkp reset_n dac aux. dac aux. dac dac reference bandgap offset control 10-bit gain control 10-bit offset control 10-bit gain control 10-bit offset control sclk scs_n sdio sdo clkn q0 to q13 dual port/ interleaved data modes i0 to i13 spi auxan gapout auxap ioutan vires ioutap ioutbn ioutbp auxbn auxbp mixer + ++ + a b + ? mixer mixer mixer x sin x x sin x
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 4 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 6. pinning information 6.1 pinning fig 2. pin configuration DAC1405D650HW v dda(3v3) v dda(3v3) auxap auxbp auxan auxbn agnd agnd v dda(1v8) v dda(1v8) v dda(1v8) v dda(1v8) agnd gapout clkp vires clkn d.n.c. agnd reset_n v dda(1v8) scs_n d.n.c. sclk d.n.c. sdio tm1 sdo i11 q2 i10 q3 i9 q4 i8 q5 i7 tm0 v dd(io)(3v3) gndio i13 i12 q6 tm3 v dd(io)(3v3) gndio q0 q1 i6 q7 v ddd(1v8) agnd dgnd v dda(1v8) i5 agnd i4 v dda(1v8) i3 agnd i2 v dda(1v8) v ddd(1v8) agnd dgnd v dda(1v8) i1 agnd i0 ioutan v ddd(1v8) ioutap dgnd agnd tm2 n.c. dgnd agnd q11 v dda(1v8) q10 agnd q9 v dda(1v8) q8 agnd dgnd v ddd(1v8) q13/seliq q12 dgnd v ddd(1v8) v dda(1v8) ioutbp ioutbn agnd v dda(1v8) agnd v ddd(1v8) agnd 001aah075 1 2 3 4 5 6 7 8 9 10 11 12 13 14 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 56 55 54 53 52 51 15 16 17 18 19 61 60 59 58 57 26 27 28 29 30 31 32 33 34 35 36 37 38 39 45 46 47 48 49 50 10 0 99 98 97 96 95 94 93 92 91 90 89 88 87 81 80 79 78 77 76 40 41 42 43 44 86 85 84 83 82 agnd
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 5 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 6.2 pin description table 2. pin description symbol pin type [1] description v dda(3v3) 1 p analog supply voltage 3.3 v auxap 2 o auxiliary dac b output current auxan 3 o complementary auxiliary dac b output current agnd 4 g analog ground v dda(1v8) 5 p analog supply voltage 1.8 v v dda(1v8) 6 p analog supply voltage 1.8 v agnd 7 g analog ground clkp 8 i clock input clkn 9 i complement ary clock input agnd 10 g analog ground v dda(1v8) 11 p analog supply voltage 1.8 v d.n.c. 12 - do not connect d.n.c. 13 - do not connect tm1 14 i/o test mode 1 (to connect to dgnd) tm0 15 i/o test mode 0 (to connect to dgnd) v dd(io)(3v3) 16 p input/output buffers supply voltage 3.3 v gndio 17 g input/output buffers ground i13 18 i i data input bit 13 (msb) i12 19 i i data input bit 12 i11 20 i i data input bit 11 i10 21 i i data input bit 10 i9 22 i i data input bit 9 i8 23 i i data input bit 8 i7 24 i i data input bit 7 i6 25 i i data input bit 6 v ddd(1v8) 26 p digital supply voltage 1.8 v dgnd 27 g digital ground i5 28 i i data input bit 5 i4 29 i i data input bit 4 i3 30 i i data input bit 3 i2 31 i i data input bit 2 v ddd(1v8) 32 p digital supply voltage 1.8 v dgnd 33 g digital ground i1 34 i i data input bit 1 i0 35 i i data input bit 0 (lsb) v ddd(1v8) 36 p digital supply voltage 1.8 v dgnd 37 g digital ground tm2 38 - test mode 2 (to connect to dgnd) dgnd 39 g digital ground
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 6 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating v ddd(1v8) 40 p digital supply voltage 1.8 v q13/seliq 41 i q data input bit 13 (msb)/select iq in interleaved mode q12 42 i q data input bit 12 dgnd 43 g digital ground v ddd(1v8) 44 p digital supply voltage 1.8 v q11 45 i q data input bit 11 q10 46 i q data input bit 10 q9 47 i q data input bit 9 q8 48 i q data input bit 8 dgnd 49 g digital ground v ddd(1v8) 50 p digital supply voltage 1.8 v q7 51 i q data input bit 7 q6 52 i q data input bit 6 q5 53 i q data input bit 5 q4 54 i q data input bit 4 q3 55 i q data input bit 3 q2 56 i q data input bit 2 q1 57 i q data input bit 1 q0 58 i q data input bit 0 (lsb) gndio 59 g input/output buffers ground v dd(io)(3v3) 60 p input/output buffers supply voltage 3.3 v tm3 61 i/o test mode 3 (to connect to dgnd) sdo 62 o spi data output sdio 63 i/o spi data input/output sclk 64 i spi clock scs_n 65 i spi chip select (active low) reset_n 66 i general reset (active low) d.n.c. 67 - do not connect vires 68 i/o dac biasing resistor gapout 69 i/o bandgap input/output voltage v dda(1v8) 70 p analog supply voltage 1.8 v v dda(1v8) 71 p analog supply voltage 1.8 v agnd 72 g analog ground auxbn 73 o auxiliary dac b output current auxbp 74 o complementary auxiliary dac b output current v dda(3v3) 75 p analog supply voltage 3.3 v agnd 76 g analog ground v dda(1v8) 77 p analog supply voltage 1.8 v agnd 78 g analog ground v dda(1v8) 79 p analog supply voltage 1.8 v agnd 80 g analog ground table 2. pin description ?continued symbol pin type [1] description
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 7 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating [1] p = power supply g = ground i = input o = output. [2] h = heatsink (exposed die pad to be soldered) v dda(1v8) 81 p analog supply voltage 1.8 v agnd 82 g analog ground v dda(1v8) 83 p analog supply voltage 1.8 v agnd 84 g analog ground ioutbn 85 o complementary dac b output current ioutbp 86 o dac b output current agnd 87 g analog ground n.c. 88 - not connected agnd 89 g analog ground ioutap 90 o dac a output current ioutan 91 o complementary dac a output current agnd 92 g analog ground v dda(1v8) 93 p analog supply voltage 1.8 v agnd 94 g analog ground v dda(1v8) 95 p analog supply voltage 1.8 v agnd 96 g analog ground v dda(1v8) 97 p analog supply voltage 1.8 v agnd 98 g analog ground v dda(1v8) 99 p analog supply voltage 1.8 v agnd 100 g analog ground agnd h [2] g analog ground table 2. pin description ?continued symbol pin type [1] description
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 8 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 7. limiting values 8. thermal characteristics [1] in compliance with jedec test board, in free air. table 3. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit v dd(io)(3v3) input/output supply voltage (3.3 v) ? 0.5 +4.6 v v dda(3v3) analog supply voltage (3.3 v) ? 0.5 +4.6 v v dda(1v8) analog supply voltage (1.8 v) ? 0.5 +3.0 v v ddd(1v8) digital supply voltage (1.8 v) ? 0.5 +3.0 v v i input voltage pins clkp, clkn, vires and gapout referenced to agnd ? 0.5 +3.0 v pins i13 to i0, q13 to q0, sdo, sdio, sclk, scs_n and reset_n re ferenced to gndio ? 0.5 +4.6 v v o output voltage pins ioutap, ioutan, ioutbp, ioutbn, auxap, auxan, auxbp and auxbn referenced to agnd ? 0.5 +4.6 v t stg storage temperature ? 55 +150 ? c t amb ambient temperature ? 45 +85 ? c t j junction temperature - 125 ? c table 4. thermal characteristics symbol parameter conditions typ unit r th(j-a) thermal resistance from junction to ambient [1] 19.8 k/w r th(j-c) thermal resistance fr om junction to case [1] 7.7 k/w
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 9 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 9. characteristics table 5. characteristics v dda(1v8) = v ddd(1v8) = 1.8 v; v dda(3v3) = v dd(io)(3v3) = 3.3 v; agnd, dgnd and gndio shorted together; t amb = ? 40 ? c to +85 ? c; typical values measured at t amb = 25 ? c; r l = 50 ? ; i o(fs) = 20 ma; maximum sample ra te; pll on unless otherwise specified. symbol parameter conditions test [1] min typ max unit v dd(io)(3v3) input/output supply voltage (3.3 v) i 3.0 3.3 3.6 v v dda(3v3) analog supply voltage (3.3 v) i 3.0 3.3 3.6 v v dda(1v8) analog supply voltage (1.8 v) i 1.7 1.8 1.9 v v ddd(1v8) digital supply voltage (1.8 v) i 1.7 1.8 1.9 v i dd(io)(3v3) input/output supply current (3.3 v) f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco on i-513 ma i dda(3v3) analog supply current (3.3 v) f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco on i - 48 52 ma i ddd(1v8) digital supply current (1.8 v) f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco on i-270309ma i dda(1v8) analog supply current (1.8 v) f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco on i-330358ma i ddd digital supply current for x / (sin x) function only i - 67 - ma p tot total power dissipation f o = 19 mhz; f s = 320 msps; 4 ? interpolation; nco off; dac b off c - 0.53 - w f o = 19 mhz; f s = 320 msps; 4 ? interpolation; nco off c - 0.82 - w f o = 19 mhz; f s = 320 msps; 4 ? interpolation; nco on c - 0.94 - w f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco off c - 0.95 - w f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco on; all v dd i - 1.18 1.4 w f o = 19 mhz; f s = 640 msps; 8 ? interpolation; nco low power on c - 1.07 - w power-down mode full power-down; all v dd i - 0.08 0.13 w dac a and dac b sleep mode; 8 ? interpolation; nco on i - 0.88 - w
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 10 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating clock inputs (clkp and clkn) [2] v i input voltage clkp; or clkn ? v gpd ? <50mv c [3] 825 - 1575 mv v idth input differential threshold voltage ? v gpd ? < 50 mv c [3] ? 100 - +100 mv r i input resistance d - 10 - m ? c i input capacitance d - 0.5 - pf digital inputs (i0 to i13, q0 to q13) v il low-level input voltage c gndio - 1.0 v v ih high-level input voltage c2.3-v dd(io)(3v3) v i il low-level input current v il = 1.0 v i - 60 - ? a i ih high-level input current v ih = 2.3 v i - 80 - ? a digital inputs (sdo, sdio, sclk, scs_n and reset_n) v il low-level input voltage c gndio - 1.0 v v ih high-level input voltage c2.3-v dd(io)(3v3) v i il low-level input current v il = 1.0 v i - 20 - na i ih high-level input current v ih = 2.3 v i - 20 - na analog outputs (ioutap, ioutan, ioutbp and ioutbn) i o(fs) full-scale output current register value = 00h c - 1.6 - ma default register c - 20 - ma v o output voltage compliance range c 1.8 - v dda(3v3) v r o output resistance d - 250 - k ? c o output capacitance d - 3 - pf n dac(mono) dac monotonicity guaranteed d - 8 - bit ? e o offset error variation c - 6 - ppm/ ? c ? e g gain error variation c - 18 - ppm/ ? c reference voltage output (gapout) v o(ref) reference output voltage t amb = 25 ? c i 1.24 1.29 1.34 v ? v o(ref) reference output voltage variation c-117- ppm/ ? c i o(ref) reference output current external voltage 1.25 v d - 40 - ? a table 5. characteristics ?continued v dda(1v8) = v ddd(1v8) = 1.8 v; v dda(3v3) = v dd(io)(3v3) = 3.3 v; agnd, dgnd and gndio shorted together; t amb = ? 40 ? c to +85 ? c; typical values measured at t amb = 25 ? c; r l = 50 ? ; i o(fs) = 20 ma; maximum sample ra te; pll on unless otherwise specified. symbol parameter conditions test [1] min typ max unit
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 11 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating analog auxiliary outputs ( auxap, auxan, auxbp and auxbn) i o(aux) auxiliary output current differential outputs i - 2.2 - ma v o(aux) auxiliary output voltage compliance range c 0 - 2 v n dac(aux)mono auxiliary dac monotonicity guaranteed d - 10 - bit input timing (see figure 10) f data data rate dual-port mode input c - - 160 mhz t w(clk) clk pulse width c 1.5 - t data ? 1.5 ns t h(i) input hold time c 1.1 - - ns t su(i) input set-up time c 1.1 - - ns output timing f s sampling frequency c - - 650 msps t s settling time to ? 0.5 lsb d - 20 - ns nco frequency range; f s = 640 msps f nco nco frequency register value = 00000000h d - 0 - mhz register value = ffffffffh d - 640 - mhz f step step frequency d - 0.149 - hz low-power nco frequency range; f dac = 640 mhz f nco nco frequency register value = 00000000h d - 0 - mhz register value = f8000000h d - 620 - mhz f step step frequency d - 20 - mhz dynamic performance; pll on sfdr spurious-free dynamic range f data = 80 mhz; f s =320 msps; bw=f data / 2 f o = 35 mhz at 0 dbfs c - 84 - dbc f data = 80 mhz; f s =640 msps; bw=f data / 2 f o = 4 mhz at 0 dbfs i - 77 - dbc f o = 19 mhz at 0 dbfs i - 76 - dbc f data = 160 mhz; f s =640 msps; bw=f data / 2 f o = 70 mhz at 0 dbfs c - 84 - dbc sfdr rbw restricted bandwidth spurious-free dynamic range f s = 640 msps; f o = 96 mhz at 0 dbfs 2.51 mhz ? f offset ? 2.71 mhz; b= 30 khz i- ? 93 ? 86 dbc 2.71 mhz ? f offset ? 3.51 mhz; b= 30 khz i- ? 92 - dbc 3.51 mhz ? f offset ? 4 mhz; b=30 khz i ? 93 ? 88 dbc 4 mhz ? f offset ? 40 mhz; b=1mhz i- ? 85 ? 72 dbc table 5. characteristics ?continued v dda(1v8) = v ddd(1v8) = 1.8 v; v dda(3v3) = v dd(io)(3v3) = 3.3 v; agnd, dgnd and gndio shorted together; t amb = ? 40 ? c to +85 ? c; typical values measured at t amb = 25 ? c; r l = 50 ? ; i o(fs) = 20 ma; maximum sample ra te; pll on unless otherwise specified. symbol parameter conditions test [1] min typ max unit
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 12 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating [1] d = guaranteed by design; c = guaranteed by c haracterization; i = 100 % industrially tested. [2] clkp and clkn inputs are at differential lvds levels. an external differential resistor with a value of between 80 ? and 120 ? should be connected across t he pins (see figure 8). [3] ? v gpd ? represents the ground potential difference voltage. this is the voltage that results from current flowing through the finite r esistance and the inductance between the receiver and the driver circuit ground voltages. [4] imd3 rejection with ? 6 dbfs/tone. imd3 third-order intermodulation distortion f o1 =49mhz; f o2 =51mhz; fs = 320 msps; 4 ? interpolation c [4] -82- dbc f o1 =95mhz; f o2 =97mhz; fs = 320 msps; 4 ? interpolation c [4] -80- dbc f o1 =95mhz; f o2 =97mhz; fs = 640 msps; 8 ? interpolation i [4] 67 80 - dbc f o1 = 152 mhz; f o2 =154mhz; fs = 640 msps; 8 ? interpolation c [4] -77- dbc acpr adjacent channel power ratio f data =76.8mhz; f s = 614.4 msps; f o =96mhz 1 carrier; bw = 5 mhz i - 72 - db 2 carriers; bw = 10 mhz c - 71 - db 4 carriers; bw = 20 mhz c - 69 - db f data = 153.6 mhz; f s = 614.4 msps; f o =115.2mhz 1 carrier; bw = 5 mhz c - 70 - db 2 carriers; bw = 10 mhz c - 70 - db 4 carriers; bw = 20 mhz c - 67 - db f data = 153.6 mhz; f s = 614.4 msps; f o = 153.6 mhz 1 carrier; bw = 5 mhz c - 69 - db 2 carriers; bw = 10 mhz c - 69 - db 4 carriers; bw = 20 mhz c - 66 - db nsd noise spectral density f s = 640 msps; 8 ? interpolation; f o = 19 mhz at 0 dbfs noise shaper disable c - ? 154 - dbm/hz noise shaper enable c - ? 157 - dbm/hz table 5. characteristics ?continued v dda(1v8) = v ddd(1v8) = 1.8 v; v dda(3v3) = v dd(io)(3v3) = 3.3 v; agnd, dgnd and gndio shorted together; t amb = ? 40 ? c to +85 ? c; typical values measured at t amb = 25 ? c; r l = 50 ? ; i o(fs) = 20 ma; maximum sample ra te; pll on unless otherwise specified. symbol parameter conditions test [1] min typ max unit
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 13 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10. application information 10.1 general description the dac1405d650 is a dual 14-bit dac operat ing at up to 650 msps. each dac consists of a segmented architecture, comprising a 6-bit thermometer sub-dac and an 8-bit binary weighted sub-dac. with an input data rate of up to 160 mhz, and a maximum output sampling rate of 650 msps, the dac1405d650 allo ws more flexibility for wide bandwidth and multi-carrier systems. combined with its quadrature modulator and its 32-bit nco, the dac1405d650 simplifies the frequency selection of the syst em. this is also possible because of the 2 ? , 4 ? and 8 ? interpolation filters that remove undesired images. two modes are available for the digital input. in the dual-port mode, each dac uses its own data input line and in the interleaved mode, both dacs use the same data input line. each dac generates two complementary current outputs on pins ioutap/ioutan and ioutbp/ioutbn. this provides a full-scale output current (i o(fs) ) up to 20 ma. an internal reference is available for the reference current which is externally adjustable using pin vires. there are also some em bedded features to prov ide an analog offset correction (auxiliary dacs) and digital offset control as well as fo r gain adjustment. all the functions can be set via an spi interface. the dac1405d650 operates at both 3.3 v and 1.8 v each of which has separate digital and analog power supplies. the digital input is 3.3 v compliant and the clock input is lvds compliant. 10.2 serial interface (spi) 10.2.1 protocol description the dac1405d650 serial interface is a synchronous serial communication port allowing easy interfacing with many industry microprocessors. it provides access to the registers that define the operating modes of the chip in both write and read modes. this interface can be configured as a 3-wire ty pe (sdio as bidirectional pin) or a 4-wire type (sdio and sdo as unidirectional pin, in put and output port respectively). in both configurations, sclk acts as the serial clock, and scs_n acts as the serial chip select bar. if several dac1405d650 devices are connected to an application on the same spi-bus, only a 3-wire type can be used. each read/write operation is sequenced by the scs_n signal and enabled by a low assertion to drive the chip with 1 to 4 bytes, depending on the cont ent of the instruction byte (see table 7).
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 14 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating in table 7 below n1 and n0 indicate the numb er of bytes transferred after the instruction byte. a[4:0]: indicates which register is being addresse d. in the case of a multiple transfer, this address concerns the first register after which the next registers follow directly in a decreasing order according to table 9 ?register allocation map?. 10.2.2 spi timing description the spi interface can operate at a frequency of up to 15 mhz. the spi timing is shown in figure 4. r/w indicates the mode access, (see table 6): fig 3. spi protocol 001aaj812 reset_n scs_n sclk sdio sdo (optional) r/w n1 n0 a4 a3 a2 a1 a0 d7 d6 d5 d4 d3 d2 d1 d0 d7 d6 d5 d4 d3 d2 d1 d0 table 6. read or write mode access description r/w description 0 write mode operation 1 read mode operation table 7. number of bytes to be transferred n1 n0 number of bytes 0 0 1 byte transferred 0 1 2 bytes transferred 1 0 3 bytes transferred 1 1 4 bytes transferred
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 15 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating the spi timing characteristics are given in table 8. 10.2.3 detailed descriptions of registers an overview of the details for all registers is provided in table 9. fig 4. spi timing diagram table 8. spi timing characteristics symbol parameter min typ max unit f sclk sclk frequency - - 15 mhz t w(sclk) sclk pulse width 30 - - ns t su(scs_n) scs_n set-up time 20 - - ns t h(scs_n) scs_n hold time 20 - - ns t su(sdio) sdio set-up time 10 - - ns t h(sdio) sdio hold time 5 - - ns t w(reset_n) reset_n pulse width 30 - - ns 001aaj813 50 % t w(reset_n) t su(scs_n) t su(sdio) t h(sdio) t h(scs_n) t w(sclk) 50 % reset_n scs_n sclk sdio 50 % 50 %
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 16 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating table 9. register allocation map address register name r/w bit definition default b7 b6 b5 b4 b3 b2 b1 b0 bin hex dec 0 00h common r/w 3w_spi spi_rst clk_sel - mode_ sel coding ic_pd gap_pd 10000000 80 128 1 01h txcfg r/w nco_on nco_lp_ sel inv_sin_ sel modulation[2:0] interpol ation[1:0] 10000111 87 135 2 02h pllcfg r/w pll_pd - pll_div_ pd pll_div[1:0] pll_phase[1:0] pll_pol 00010000 10 16 3 03h freqnco_lsb r/w freq_nco[7:0] 01100110 66 102 4 04h freqnco_lisb r/w freq_nco[15:8] 01100110 66 102 5 05h freqnco_uisb r/w freq_nco[23:16] 01100110 66 102 6 06h freqnco_msb r/w freq_nco[31:24] 00100110 26 38 7 07h phinco_lsb r/w ph_nco[7:0] 00000000 00 0 8 08h phinco_msb r/w ph_nco[15:8] 00000000 00 0 9 09h dac_a_cfg_1 r/w dac_a_pd dac_a_ sleep dac_a_offset[5:0] 00000000 00 0 10 0ah dac_a_cfg_2 r/w dac_a_gain_ coarse[1:0] dac_a_gain_fine[5:0] 01000000 40 64 11 0bh dac_a_cfg_3 r/w dac_a_gain_ coarse[3:2] dac_a_offset[11:6] 11000000 c0 192 12 0ch dac_b_cfg_1 r/w dac_b_pd dac_b_ sleep dac_b_offset[5:0] 00000000 00 0 13 0dh dac_b_cfg_2 r/w dac_b_gain_ coarse[1:0] dac_b_gain_fine[5:0] 01000000 40 64 14 0eh dac_b_cfg_3 r/w dac_b_gain_ coarse[3:2] dac_b_offset[11:6] 11000000 c0 192 15 0fh dac_cfg r/w - - - - - - minus_ 3db noise_ shper 00000000 00 0 26 1ah dac_a_aux_msb r/w aux_a[9:2] 10000000 80 128 27 1bh dac_a_aux_lsb r/w aux_a_pd - - - - - aux_a[1:0] 00000000 00 0 28 1ch dac_b_aux_msb r/w aux_b[9:2] 10000000 80 128 29 1dh dac_b_aux_lsb r/w aux_b_pd - - - - - aux_b[1:0] 00000000 00 0
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 17 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.2.4 registers detailed description please refer to table 9 for a register overview and their default values. in the following tables, all the values emphasized in bold are the default values. table 10. common register (a ddress 00h) bit description default settings are shown highlighted. bit symbol access value description 7 3w_spi r/w serial interface bus type 0 4 wire spi 1 3 wire spi 6 spi_rst r/w serial interface reset 0no reset 1 performs a reset on all registers except 0x00 5 clk_sel r/w data input latch 0 at clk rising edge 1 at clk falling edge 3 mode_sel r/w input data mode 0 dual port 1 interleaved 2 coding r/w coding 0 binary 1 two?s compliment 1 ic_pd r/w power-down 0 disabled 1 all circuits (digital and analog, except spi) are switched off 0 gap_pd r/w internal bandgap power-down 0 power-down disabled 1 internal bandgap references are switched off table 11. txcfg register (address 01h) bit description default settings are shown highlighted. bit symbol access value description 7 nco_on r/w nco 0 disabled (the nco phase is reset to 0) 1 enabled 6 nco_lp_sel r/w low-power nco 0 disabled 1 nco frequency and phase given by the five msbs of the registers 06h and 08h respectively 5 inv_sin_sel r/w x / (sin x) function 0 disabled 1 enabled
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 18 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 4 to 2 modulation[2:0] r/w modulation 000 dual dac: no modulation 001 positive upper single sideband up-conversion 010 positive lower single sideband up-conversion 011 negative upper single sideband up-conversion 100 negative lower single sideband up-conversion 1 to 0 interpolation[1:0] r/w interpolation 01 2 ? 10 4 ? 11 8 ? table 12. pllcfg register (address 02h) bit description default settings are shown highlighted. bit symbol access value description 7 pll_pd r/w pll 0 switched on 1 switched off 6 - r/w undefined 5 pll_div_pd r/w pll divider 0 switched on 1 switched off 4 to 3 pll_div[1:0] r/w pll divider factor 00 2 01 4 10 8 2 to 1 pll_phase[1:0] r/w pll phase shift of f s 00 0 ? 01 120 ? 10 240 ? 0 pll_pol r/w clock edge of dac (f s ) 0 normal 1 inverted table 13. freqnco_lsb register (address 03h) bit description bit symbol access value description 7 to 0 freq_nco[7:0] r/w - lower 8-bits for the nco frequency setting table 11. txcfg register (address 01h) bit description ?continued default settings are shown highlighted. bit symbol access value description
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 19 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating table 14. freqnco_lisb register (address 04h) bit description bit symbol access value description 7 to 0 freq_nco[15:8] r/w - lower intermediate 8-bits for the nco frequency setting table 15. freqnco_uisb register (address 05h) bit description bit symbol access value description 7 to 0 freq_nco[23:16] r/w - upper intermediate 8-bits for the nco frequency setting table 16. freqnco_msb register (address 06h) bit description bit symbol access value description 7 to 0 freq_nco[31:24] r/w - most signif icant 8-bits for the nco frequency setting table 17. phinco_lsb register (address 07h) bit description bit symbol access value description 7 to 0 ph_nco[7:0] r/w - lower 8-bits for the nco phase setting table 18. phinco_msb register (address 08h) bit description bit symbol access value description 7 to 0 ph_nco[15:8] r/w - most significant 8-bits for the nco phase setting table 19. dac_a_cfg_1 register (a ddress 09h) bit description default settings are shown highlighted. bit symbol access value description 7 dac_a_pd r/w dac a power 0on 1off 6 dac_a_sleep r/w dac a sleep mode 0disabled 1 enabled 5 to 0 dac_a_offset[5:0] r/w - lower 6-bits for the dac a offset table 20. dac_a_cfg_2 register (a ddress 0ah) bit description bit symbol access value description 7 to 6 dac_a_gain_coarse[1:0] r/w - least significant 2-bits for the dac a gain setting for coarse adjustment 5 to 0 dac_a_gain_fine[5:0] r/w - lower 6-bits for the dac a gain setting for fine adjustment
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 20 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating table 21. dac_a_cfg_3 register (a ddress 0bh) bit description bit symbol access value description 7 to 6 dac_a_gain_coarse[3:2] r/w - most significant 2-bits for the dac a gain setting for coarse adjustment 5 to 0 dac_a_offset[11:6] r/w - most significant 6-bits for the dac a offset table 22. dac_b_cfg_1 register (a ddress 0ch) bit description default settings are shown highlighted. bit symbol access value description 7 dac_b_pd r/w dac b power 0on 1off 6 dac_b_sleep r/w dac b sleep mode 0disabled 1 enabled 5 to 0 dac_b_offset[5:0] r/w lower 6-bits for the dac b offset table 23. dac_b_cfg_2 register (a ddress 0dh) bit description bit symbol access value description 7 to 6 dac_b_gain_coarse[1:0] r/w - less significant 2-bits for the dac b gain setting for coarse adjustment 5 to 0 dac_b_gain_fine[5:0] r/w - the 6- bits for the dac b gain setting for fine adjustment table 24. dac_b_cfg_3 register (address 0eh) bit description bit symbol access value description 7 to 6 dac_b_gain_coarse[ 3:2] r/w - most significant 2-bits for the dac b gain setting for coarse adjustment 5 to 0 dac_b_offset[11:6] r/w - most significant 6-bits for the dac b offset table 25. dac_cfg register (add ress 0fh) bit description default settings are shown highlighted. bit symbol access value description 1 minus_3db r/w nco gain 0unity 1 ? 3 db 0 noise_shper r/w noise shaper 0 disabled 1 enabled table 26. dac_a_aux_msb register (address 1ah) bit description bit symbol access value description 7 to 0 aux_a[9:2] r/w - most significant 8-bits for the auxiliary dac a
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 21 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.3 input data the setting applied to mode_sel (register 00h[3]; see table 10 on page 17) and it defines whether the dac1405d650 operates in the dual-port mode or in the interleaved mode (see table 30). 10.3.1 dual-port mode the data input for dual-port mode operation is shown in figure 5 ?dual-port mode?. each dac has its own independent data input. the data enters the input latch on the rising edge of the internal clock signal and is transferred to the dac latch. table 27. dac_a_aux_lsb register (address 1bh) bit description default settings are shown highlighted. bit symbol access value description 7 aux_a_pd r/w auxiliary dac a power 0on 1off 1 to 0 aux_a[1:0] r/w lower 2-bits for the auxiliary dac a table 28. dac_b_aux_msb register (address 1ch) bit description bit symbol access value description 7 to 0 aux_b[9:2] r/w - most significant 8-bits for the auxiliary dac b table 29. dac_b_aux_lsb register (address 1dh) bit description default settings are shown highlighted. bit symbol access value description 7 aux_b_pd r/w auxiliary dac b power 0on 1off 1 to 0 aux_b[1:0] r/w lower 2-bits for the auxiliary dac b table 30. mode selection bit 3 setting function i13 to i0 q13 to q0 pin 41 0 dual port mode active active q13 1 interleaved mode active off seliq
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 22 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.3.2 interleaved mode the data input for the interleaved mode operation is illust rated by fi gure 6 ?interleaved mode operation?. in the interleaved mode, both dacs use the sa me data input at twice the dual-port mode frequency. data enters the latch on the rising edge of the internal clock signal. the data is sent to either latch i or latch q, depending on the seliq signal. the seliq input (pin 41) allows the synchroniza tion of the internally de-multiplexed i and q channels; see figure 7 ?interleaved mode timing (8x interpolation, latch on rising edge)?. fig 5. dual-port mode 001aaj585 latch i 2 2 2 in fir 1 fir 1 fir 2 fir 2 fir 3 fir 3 latch q 2 2 2 qn fig 6. interleaved mode operation 001aaj586 latch i 2 2 2 fir 1 fir 1 fir 2 fir 2 fir 3 fir 3 latch q 2 2 2 in qn/seliq
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 23 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating seliq can be either a synchronous or asynch ronous (single rising edge, single pulse) signal. the first data following the seliq risi ng edge will be sent in channel i and following data will be sent in channel q. after this, da ta will be distributed alternately between these channels. 10.4 input clock the dac1405d650 can operate with a clock frequency of 160 mhz in the dual-port mode and up to 320 mhz in the interleaved mode. the input clock is lvds (see figure 8) but it can also be interfaced with cml (see figure 9). fig 7. interleaved mode timing (8x in terpolation, latch on rising edge) 001aaj814 n in seliq (synchronous alternative) seliq (asynchronous alternative 1) seliq (asynchronous alternative 2) clk dig latch i output latch q output xx n n + 2 n + 1 n + 2 n + 3 n + 4 n + 5 xx n + 1 n + 3 fig 8. lvds clock configuration 001aah021 100 lvds clkinp clkinn lvds z diff = 100
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 24 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.5 timing the dac1405d650 can operate at an update rate (f s ) of up to 650 msps and with an input data rate (f data ) of up to 160 mhz. the input timing is shown in figure 10 ?input timing diagram?. the typical performances are measured at 50 % duty cycle but any timing within the limits of the characteristics will not alter the performance. in table 31 ?frequencies?, the links between in ternal and external clocking are defined. the setting applied to pll_div[1:0] (register 02h[4:3]; see table 9 ?register allocation map?) allows the frequency between the digital part and the dac core to be adjusted. fig 9. interfacing cml to lvds 001aah020 55 55 1.1 k 2.2 k 100 nf cml 100 nf 100 nf clkinp lvds clkinn agnd v dda(1v8) 1 k z diff = 100 dual port 160 160 2 ? 320 01 (/4) dual port 160 160 4 ? 640 01 (/4) dual port 80 80 8 ? 640 10 (/8) interleaved 320 320 2 ? 320 00 (/2) interleaved 320 320 4 ? 640 00 (/2) interleaved 160 160 8 ? 640 01 (/4) 001aaj815 n t su(i) 90 % 50 % 90 % in/qn clk (clkp-clkn) t h(i) t w(clk) n + 1 n + 2
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 25 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating the settings applied to pll_phase[1: 0] (register 02h[2:1]) and pll_pol (register 02h[0]), allows adjustment of the phase and polarity of the sampling clock. this occurs at the input of the dac core and depen ds mainly on the samp ling frequency. some examples are given in table 32 ?sample clock phase and polarity examples?. 10.6 fir filters the dac1405d650 integrates three selectab le finite impulse response (fir) filters which allows the device to use 2 ? , 4 ? or 8 ? interpolation rates. all three interpolation filters have a stop-b and attenuation of at least 80 dbc and a pass-band ripple of less than 0.0005 db. the coefficients of the interpolation filters are given in table 33 ?interpolation filter coefficients?. table 32. sample clock phase and polarity examples mode input data rate (mhz) interpolation update rate (msps) pll_phase [1:0] pll_pol dual port 80 2 ? 160 01 1 dual port 80 4 ? 320 01 0 dual port 80 8 ? 640 01 1 interleaved 160 2 ? 160 01 1 interleaved 160 4 ? 320 01 0 interleaved 160 8 ? 640 01 1 table 33. interpolation filter coefficients first interpolation filter second interpolation filter third interpolation filter lower upper value lower upper value lower upper value h(1) h(55) ? 4 h(1) h(23) ? 2 h(1) h(15) ? 39 h(2) h(54) 0 h(2) h(22) 0 h(2) h(14) 0 h(3) h(53) 13 h(3) h(21) 17 h(3) h(13) 273 h(4) h(52) 0 h(4) h(20) 0 h(4) h(12) 0 h(5) h(51) ? 34 h(5) h(19) ? 75 h(5) h(11) ? 1102 h(6) h(50) 0 h(6) h(18) 0 h(6) h(10) 0 h(7) h(49) 72 h(7) h(17) 238 h(7) h(9) 4964 h(8) h(48) 0 h(8) h(16) 0 h(8) - 8192 h(9) h(47) ? 138 h(9) h(15) ? 660 - - - h(10) h(46) 0 h(10) h(14) 0 - - - h(11) h(45) 245 h(11) h(13) 2530 - - - h(12) h(44) 0 h(12) - 4096 - - - h(13) h(43) ? 408------ h(14)h(42)0------ h(15) h(41) 650 - - - - - - h(16)h(40)0------ h(17) h(39) ? 1003------ h(18)h(38)0------
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 26 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.7 quadrature modulator and numerica lly controlled oscillator (nco) the quadrature modulator allows the 14-bit i and q data to be mixed with the carrier signal generated by the nco. the frequency of the nco is programmed over 32-bit and allows the sign of the sine component to be inverted in order to operate positive or negative, lower or upper single sideband up-conversion. 10.7.1 nco in 32-bit when using the nco, the frequency can be set by the four registers freqnco_lsb, freqnco_lisb, freqnco_uisb a nd freqnco_msb over 32 bits. the frequency for the nco in 32-bit is calculated as follows: (1) where m is the decimal representation of freq_nco[31:0]. the phase of the nco can be set from 0 ? to 360 ? by both registers phinco_lsb and phinco_msb over 16 bits. the default setting is f nco = 96 mhz when f s = 640 msps and the default phase is 0 ? . 10.7.2 low-power nco when using the low-power nco, the frequency can be set by the 5 msb of register freqnco_msb. the frequency for the low-power nco is calculated as follows: (2) where m is the decimal representation of freq_nco[31:27]. h(19) h(37) 1521 - - - - - - h(20)h(36)0------ h(21) h(35) ? 2315------ h(22)h(34)0------ h(23) h(33) 3671 - - - - - - h(24)h(32)0------ h(25) h(31) ? 6642------ h(26)h(30)0------ h(27) h(29) 20756 - - - - - - h(28) 32768------ table 33. interpolation filter coefficients ?continued first interpolation filter second interpolation filter third interpolation filter lower upper value lower upper value lower upper value f nco mf s ? 2 32 -------------- = f nco mf s ? 2 5 -------------- =
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 27 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating the phase of the low-power nco can be set by the 5 msb of the register phinco_msb. 10.7.3 minus 3db during normal use, a full-scale pattern will al so be full scale at the output of the dac. nevertheless, when the i and q data are simultaneously close to full scale, some clipping can occur and the minus_3db function can be used to reduce the gain by 3 db in the modulator. this is to keep a full-scale range at the output of the dac without added interferers. 10.8 x / (sin x) due to the roll-off effect of th e dac, a selectable fir filter is inserted to compensate for the (sin x) / x effect. this filter introduc es a dc loss of 3.4 db. the coefficients are represented in table 34 ?inversion filter coefficients?. 10.9 dac transfer function the full-scale output current for each dac is the sum of the two complementary current outputs: (3) the output current depends on the digital input data: (4) (5) the setting applied to coding (register 00h[ 2]; see table 9 ?register allocation map?) defines whether the dac1405d650 operates wit h a binary input or a two?s complement input. table 35 ?dac transfer function? shows the outp ut current as a function of the input data, when i o(fs) = 20 ma. table 34. inversion filter coefficients first interpolation filter lower upper value h(1) h(9) 2 h(2) h(8) ? 4 h(3) h(7) 10 h(4) h(6) ? 35 h(5) - 401 i ofs ?? i ioutp i ioutn + = i ioutp i ofs ?? data 16383 --------------- - ?? ?? ? = i ioutn i ofs ?? 16383 data ? 16383 ------------------------------------ - ?? ?? ? =
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 28 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.10 full-scale current 10.10.1 regulation the dac1405d650 reference circuitry integrates an internal bandgap reference voltage which delivers a 1.29 v reference to the gapout pin. it is recommended to decouple pin gapout using a 100 nf capacitor. the reference current is generated via an external resistor of 953 ? (1 %) connected to pin vires. a control amplifier sets the appropriate full-scale current (i o(fs) ) for both dacs (see figure 11 ?internal reference configuration?). this configuration is optimum for temper ature drift compensation because the bandgap reference voltage can be matched to the voltage across the feedback resistor. the dac current can also be set by applying an external reference voltage to the non-inverting input pin gapout and disabling the internal bandgap reference voltage with gap_pd (register 00h[0]; see table 10 ?common register (address 00h) bit description?). 10.10.2 full-scale current adjustment the default full-scale current (i o(fs) ) is 20 ma but further adjustments can be made by the user to both dacs independently via the serial interface from 1.6 ma to 22 ma, +/- 10 %. the settings applied to dac_a_gain_coa rse[3:0] (register 0ah; see table 20 ?dac_a_cfg_2 register (address 0ah) bit de scription? and register 0bh; see table 21 ?dac_a_cfg_3 register (address 0bh) bit description?) and to dac_b_gain table 35. dac transfer function data i13/q13 to i0/q0 ioutp ioutn binary two?s complement 0 00 0000 0000 0000 10 0000 0000 0000 0 ma 20 ma ... ... ... ... ... 8192 10 0000 0000 0000 00 0000 0000 0000 10 ma 10 ma ... ... ... ... ... 16383 11 1111 1111 1111 01 1111 1111 1111 20 ma 0 ma fig 11. internal reference configuration aaa-002266 ref. bandgap gapout v dda(1v8) vires dac current sources array a gnd a gnd 100 nf 953 (1 %) 100 k
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 29 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating coarse[3:0] (register 0dh; see table 23 ?d ac_b_cfg_2 register (address 0dh) bit description? and register 0eh; see table 24 ?dac_b_cfg_3 register (address 0eh) bit description?) define the coarse variation of the full-scale current (see table 36 ?i o(fs) coarse adjustment?). the settings applied to dac_a_gain_f ine[5:0] (register 0ah; see table 20 ?dac_a_cfg_2 register (address 0ah) bit description?) and to dac_b_gain_fine[5:0] (register 0dh; see table 23 ?dac _b_cfg_2 register (address 0d h) bit description?) define the fine variation of the full-scale current (see table 37 ?i o(fs) fine adjustment?). the coding of the fine gain adjustment is two?s complement. table 36. i o(fs) coarse adjustment default settings are shown highlighted. dac_gain_coarse[3:0] i o(fs) (ma) decimal binary 0 0000 1.6 1 0001 3.0 2 0010 4.4 3 0011 5.8 4 0100 7.2 5 0101 8.6 6011010.0 7 0111 11.4 8 1000 12.8 9 1001 14.2 10 1010 15.6 11 1011 17.0 12 1100 18.5 13 1101 20.0 14 1110 21.0 15 1111 22.0 table 37. i o(fs) fine adjustment default settings are shown highlighted. dac_gain_fine[5:0] delta i o(fs) decimal two?s complement ? 32 10 0000 ? 10 % ... ... ... 0 00 0000 0 ... ... ... 31 01 1111 +10 %
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 30 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.11 digital offset adjustment when the dac1405d650 analog output is dc connected to the next stage, the digital offset correction can be used to adjust the co mmon mode level at the output of the dac. it adds an offset at the end of the digital part, just before the dac. the settings applied to dac_a_offset[11:0] (register 09h; see table 19 ?dac_a_cfg_1 register (address 09h) bit description? and register 0bh; see table 21 ?dac_a_cfg_3 register (address 0bh) bit description?) and to ?dac_b_offset[11:0]? (register 0ch; see table 22 ?dac_b_cfg_1 regi ster (address 0ch) bit description? and register 0eh; see table 24 ?dac_b_cfg_3 regi ster (address 0eh) bit description?) define the range of variation of the digital offset (see table 38 ?digital offset adjustment?). 10.12 analog output the dac1405d650 has two output channels ea ch of which produces two complementary current outputs. these allow the even-order harmonics and noise to be reduced. the pins are ioutap/ioutan and ioutbp/ioutbn respectively and need to be connected via a load resistor r l to the 3.3 v analog power supply (v dda(3v3) ). for the equivalent analog output circuit of one dac, refer to figure 12 ?equivalent analog output circuit (one dac)?. this circuit consis ts of a parallel combin ation of nmos current sources, and their associated switches, for each segment. table 38. digital offset adjustment default settings are shown highlighted. dac_offset[11:0] offset applied decimal two?s complement ? 2048 1000 0000 0000 ? 4096 ? 2047 1000 0000 0001 ? 4094 ... ... ... ? 1 1111 1111 1111 ? 2 0 0000 0000 0000 0 +1 0000 0000 0001 +2 ... ... ... 2046 0111 1111 1110 +4092 2047 0111 1111 1111 +4094
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 31 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating the cascode source configuration increases the output impedance of the source, thus improving the dynamic performance of t he dac by introducing less distortion. the device can provide an output level of up to 2 v o(p-p) depending on the application, the following stages and the targeted performances . 10.13 auxiliary dacs the dac1405d650 in tegrates 2 auxiliary dacs that c an be used to compensate for any offset between the dac and the next stage in the transmission path. both auxiliary dacs have a re solution of 10-bit and are cu rrent sources (r eferenced to ground). (6) the output cu rrent depends on the auxiliary dac data: (7) (8) table 39 ?auxiliary dac transfer function? show s the output current as a function of the auxiliary dac data. fig 12. equivalen t analog output circuit (one dac) 001aah019 v dda(3v3) agnd ioutap/ioutbp ioutan/ioutbn r l r l agnd table 39. auxiliary dac transfer function default settings are shown highlighted. data aux[9:0] (binary) i auxp i auxn 0 00 0000 0000 0 ma 2.2 ma ... ... ... ... 512 10 0000 0000 1.1 ma 1.1 ma ... ... ... ... 1023 11 1111 1111 2.2 ma 0 ma i oaux ?? i auxp i auxn + = auxp i oaux ?? aux 9:0 ?? 1023 ------------------------ - ?? ?? ? = auxn i oaux ?? (1023 a ? ux 9:0 ??? 1023 --------------------------------------------- ?? ?? ? =
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 32 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.14 output c onfiguration 10.14.1 basic output configuration the use of a differentially-coupled transf ormer output provides optimum distortion performance (see figure 13 ?1 v o(p-p) differential output with transformer?). in addition, it helps to match the impedance and provides electrical isolation. the dac1405d650 can operate up to 2 v o(p-p) differential outputs. in this configuration, it is recommended to connect the center tap of the transformer to a 62 ? resistor connected to the 3.3 v analog power supply, in order to adjust the dc common mode to approximately 2.7 v (see figure 14 ?2 v o(p-p) differential output with transformer?). 10.14.2 dc interface to an analog quadrature modulator (aqm) when the system operation requires to keep the dc component of the spectrum, the dac1405d650 can use a dc interface to connec t to an aqm. in this case, the offset compensation for lo cancellation can be made with the use of the digital offset control in the dac. fig 13. 1 v o(p-p) differential output with transformer fig 14. 2 v o(p-p) differential output with transformer 001aaj817 50 50 50 ioutnp/ioutnn; v o(cm) = 2.8 v; v o(dif)(p-p) = 1 v ioutnp ioutnn 0 ma to 20 ma 2:1 0 ma to 20 ma v dda(3v3) v dda(3v3) 001aaj818 50 100 100 ioutnp/ioutnn; v o(cm) = 2.7 v; v o(dif)(p-p) = 2 v ioutnp ioutnn 0 ma to 20 ma 4:1 0 ma to 20 ma v dda(3v3) 62 v dda(3v3) v dda(3v3)
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 33 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating figure 15 provides an example of a connection to an aqm with a 1.7 v i(cm) common mode input level. figure 16 provides an example of a connection to an aqm with a 3.3 v i(cm) common mode input level. the auxiliary dacs can be used to control the offset in a pr ecise range or with precise steps. fig 15. an example of a dc interface to a 1.7 v i(cm) aqm fig 16. an example of a dc interface to a 3.3 v i(cm) aqm 001aaj541 51.1 51.1 442 442 v dda(3v3) ioutnp ioutnn 0 ma to 20 ma bbp (1) ioutnp/ioutnn; v o(cm) = 2.67 v; v o(dif)(p-p) = 1.98 v (2) bbp/bbn; v i(cm) = 1.7 v; v i(dif)(p-p) = 1.26 v bbn aqm (v i(cm) = 1.7 v) 768 768 (1) (2) 001aaj542 54.9 54.9 237 237 v dda(3v3) ioutnp ioutnn bbp bbn aqm (v i(cm) = 3.3 v) 750 750 5 v 1.27 k 1.27 k (1) ioutnp/ioutnn; v o(cm) = 2.75 v; v o(dif)(p-p) = 1.97 v (2) bbp/bbn; v i(cm) = 3.3 v; v i(dif)(p-p) = 1.5 v (1) (2)
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 34 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating figure 17 provides an example of a dc interf ace with the auxiliary dacs to an aqm with a 1.7 v i(cm) common mode input level. figure 18 provides an example of a dc interf ace with the auxiliary dacs to an aqm with a 3.3 v i(cm) common mode input level. the constraints to adjust the interface are the output compliance range of the dac and the auxiliary dacs, the input common mode le vel of the aqm, and the range of offset correction. fig 17. an example of a dc interface to a 1.7 v i(cm) aqm when using auxiliary dacs fig 18. an example of a dc interface to a 3.3 v i(cm) aqm when using auxiliary dacs 001aaj543 51.1 51.1 442 442 v dda(3v3) ioutnp ioutnn 0 ma to 20 ma bbp bbn aqm (v i(cm) = 1.7 v) 698 698 51.1 51.1 auxnp auxnn 1.1 ma (typ.) (1) ioutnp/ioutnn; v o(cm) = 2.67 v; v o(dif)(p-p) = 1.94 v (2) bbp/bbn; v i(cm) = 1.7 v; v i(dif)(p-p) = 1.23 v; offset correction up to 36 mv (1) (2) 001aaj544 54.9 54.9 237 237 3.3 v ioutnp ioutnn auxnp auxnn bbp bbn aqm (v i(cm) = 3.3 v) 750 750 5 v 634 634 442 442 (1) ioutnp/ioutnn; v o(cm) = 2.75 v; v o(dif)(p-p) = 1.96 v (2) bbp/bbn; v i(cm) = 3.3 v; v i(dif)(p-p) = 1.5 v; offset correction up to 36 mv (1) (2)
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 35 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.14.3 ac interface to an analog quadrature modulator (aqm) when the aqm common mode voltage is close to ground, the dac1405d650 must be ac-coupled and the auxiliary dacs are needed for offset correction. figure 19 provides an example of a connection to an aqm with a 0.5 v i(cm) common mode input level when using auxiliary dacs. 10.15 power and grounding in order to obtain optimum performance, it is recommended that the 1.8 v analog power supplies on pins 5, 11, 71, 77 and 99 should not be connected with the ones on pins 6, 70, 79, 81, 83, 93, 95 and 97 on the top layer. to optimize the decoupling, the power supplies should be decoupled with the following ground pins: ? v ddd(1v8) : pin 26 with 27; pin 32 with 33; pin 36 with 37; pin 40 with 39; pin 44 with 43 and pin 50 with 49. ? v dd(io)(3v3) : pin 16 with 17 and pin 60 with 59. ? v dda(1v8) : pin 5 with 4; pin 6 with 7; pin 11 with 10; pin 71 with 72; pin 77 with 78; pins 79, 81, 83 with 80, 82, 84; pins 93, 95, 97 with 92, 94, 96 and pin 99 with 98. ? v dda(3v3) : pin 1 with 100 and pin 75 with 76. fig 19. an example of an ac interface to a 0.5 v i(cm) aqm when using auxiliary dacs 001aaj589 66.5 66.5 10 nf v dda(3v3) ioutnp ioutnn 0 ma to 20 ma bbp bbn aqm (v i(cm) = 0.5 v) 2 k 2 k 5 v 174 174 34 34 auxnp auxnn 1.1 ma (typ.) 10 nf (1) ioutnp/ioutnn; v o(cm) = 2.65 v; v o(dif)(p-p) = 1.96 v (2) bbp/bbn; v i(cm) = 0.5 v; v i(dif)(p-p) = 1.96 v; offset correction up to 70 mv (1) (2)
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 36 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 10.16 alternative parts the following alternative parts are available. table 40. alternative parts type number description sampling frequency dac1005d650 dual 10-bit dac up to 650 msps dac1205d650 dual 12-bit dac up to 650 msps
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 37 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 11. package outline fig 20. package outline sot638-1 (htqfp100) unit a max. a 1 a 2 a 3 b p h d h e l p z d (1) z e (1) cely w v references outline version european projection issue date iec jedec jeita mm 1.2 0.15 0.05 1.05 0.95 0.25 0.27 0.17 0.20 0.09 14.1 13.9 0.5 16.15 15.85 1.15 0.85 7 0 0.08 0.08 0.2 1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.75 0.45 sot638-1 ms-026 03-04-07 05-02-02 d (1) e (1) 14.1 13.9 16.15 15.85 d h e h 7.1 6.1 7.1 6.1 1.15 0.85 b p b p e e a 1 a l p detail x l (a 3 ) b 25 h d h e a 2 v m b d z d a c z e e v m a x 1 100 76 75 51 50 26 y pin 1 index w m w m 0 10 mm scale htqfp100: plastic thermal enhanced thin quad flat package; 100 leads; body 14 x 14 x 1 mm; exposed die pad sot638-1 d h e h exposed die pad side
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 38 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 12. abbreviations table 41. abbreviations acronym description bw bandwidth cdma code division multiple access cml current mode logic cmos complementary metal-oxide semiconductor dac digital-to-analog converter fir finite impulse response gsm global system for mobile communications if intermediate frequency imd3 third-order inter modulation distortion lisb lower intermediate significant byte lmds local multipoint distribution service lsb least significant bit lte long term evolution lvds low-voltage differential signaling mmds multichannel multipoint distribution service msb most significant bit nco numerically controlled oscillator nmos negative metal-oxide semiconductor pll phase-locked loop sfdr spurious-free dynamic range spi serial peripheral interface td-scdma time division-synchronous code division multiple access uisb upper intermediate significant byte wcdma wideband code division multiple access wimax worldwide interoperability for microwave access
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 39 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 13. glossary spurious-free dynamic range (sfdr): ? the ratio between the rms value of the reconstructed output sine wave and the rms value of the largest spurious observed (harmonic and non-harmonic, excluding dc component) in the frequency domain. intermodulation distortion (imd): ? from a dual-tone digital input sine wave (these two frequencies being close together), the intermodulation distortion products imd2 and imd3 (respectively, second and third-order components) are defined below. imd2 ? the ratio of the rms value of either tone to the rms value of the worst second order intermodulation product. imd3 ? the ratio of the rms value of either to ne to the rms value of the worst third order intermodulation product. restricted bandwidth spurious free dynamic range ? the ratio of the rms value of the reconstructed output sine wave to th e rms value of the noise, including the harmonics, in a given bandwidth centered around f offset .
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 40 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 14. revision history 15. contact information for more information or sales office addresses, please visit: http://www.idt.com table 42. revision history document id release date data sheet status change notice supersedes dac1405d650 v.5 20120702 product data sheet - dac1405d650 v.4 dac1405d650 v.4 20120131 product data sheet - dac1405d650 v.3 modifications: ? section 2 ?features and benefits? has been updated. ? the values for v o(ref) in table 5 ?characteristics? have been updated. ? section 10.2.1 ?protocol description? has been updated. ? section 10.10.1 ?regul ation? has been updated. dac1405d650 v.3 20100910 product data sheet - dac1405d650 v.2 dac1405d650 v.2 20100708 product data sheet - dac1405d650 v.1 dac1405d650 v.1 20090504 product data sheet - -
dac1405d650 5 ? idt 2012. all rights reserved. product data sheet rev. 05 ? 2 july 2012 41 of 41 integrated device technology dac1405d650 dual 14-bit dac, up to 650 msps; 2 ? , 4 ? and 8 ? interpolating 16. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8 8 thermal characteristics . . . . . . . . . . . . . . . . . . 8 9 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 9 10 application information. . . . . . . . . . . . . . . . . . 13 10.1 general description . . . . . . . . . . . . . . . . . . . . 13 10.2 serial interface (spi) . . . . . . . . . . . . . . . . . . . 13 10.2.1 protocol description . . . . . . . . . . . . . . . . . . . . 13 10.2.2 spi timing description . . . . . . . . . . . . . . . . . . . 14 10.2.3 detailed descriptions of registers . . . . . . . . . . 15 10.2.4 registers detailed description. . . . . . . . . . . . . 17 10.3 input data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 10.3.1 dual-port mode . . . . . . . . . . . . . . . . . . . . . . . . 21 10.3.2 interleaved mode . . . . . . . . . . . . . . . . . . . . . . 22 10.4 input clock . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 10.5 timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 10.6 fir filters . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 10.7 quadrature modulator and numerically controlled oscillator (nco) . . . . . . . . . . . . . . 26 10.7.1 nco in 32-bit . . . . . . . . . . . . . . . . . . . . . . . . . 26 10.7.2 low-power nco . . . . . . . . . . . . . . . . . . . . . . 26 10.7.3 minus 3db . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 10.8 x / (sin x) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 10.9 dac transfer function. . . . . . . . . . . . . . . . . . . 27 10.10 full-scale current . . . . . . . . . . . . . . . . . . . . . . 28 10.10.1 regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 10.10.2 full-scale current adjustment. . . . . . . . . . . . . 28 10.11 digital offset adjustment. . . . . . . . . . . . . . . . . 30 10.12 analog output. . . . . . . . . . . . . . . . . . . . . . . . . 30 10.13 auxiliary dacs . . . . . . . . . . . . . . . . . . . . . . . . 31 10.14 output configuration. . . . . . . . . . . . . . . . . . . . 32 10.14.1 basic output configuration . . . . . . . . . . . . . . . 32 10.14.2 dc interface to an analog quadrature modulator (aqm) . . . . . . . . . . . . . . . . . . . . . . 32 10.14.3 ac interface to an analog quadrature modulator (aqm) . . . . . . . . . . . . . . . . . . . . . . 35 10.15 power and grounding. . . . . . . . . . . . . . . . . . . 35 10.16 alternative parts . . . . . . . . . . . . . . . . . . . . . . . 36 11 package outline. . . . . . . . . . . . . . . . . . . . . . . . 37 12 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 38 13 glossary. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 14 revision history . . . . . . . . . . . . . . . . . . . . . . . 40 15 contact information . . . . . . . . . . . . . . . . . . . . 40 16 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41


▲Up To Search▲   

 
Price & Availability of DAC1405D650HW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X