Part Number Hot Search : 
FX465 T711029 2SK3767 D112K IRF78 NDP710B S16400 SFF420J
Product Description
Full Text Search
 

To Download CX2520DB27000D0GEJZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant features ? crystal unit for consumer products ? ceramic package ? reflow compatible applications ? digital electronics ? consumer products how to order cx2520db 27000 series frequency load capacitance b0 6 pf d0 8 pf std. frequency stability g 15 10 - 6 std. operating temp. range frequency temp. stability ej - 10 to + 70 c 15 10 - 6 std. individual specification packaging (tape & reel 3000/ 1000 pcs./ reel) 2.50.1 2.00.1 connection (top view) hot hot gnd #4 #3 #1 #2 #4 #3 #1 #2 4 ? r0.15 4?0.150.1 4?0.56 0.1 #1 #2 #4 #3 4?0.66 0.1 0.20 0.05 0.500.05 0.115 dimensions (unit: mm) 1.0 1.2 1.2 0.5 1.0 0.3 1.7 1.3 recommended land pattern (unit: mm) table2 level of drive frequency range level of drive 16000 to 54000khz 10 w (100 w max.) table1 motional series resistance frequency range motional series resistance 16000 to 19199khz 100 max. 19200 to 25999khz 80 max. 26000 to 29999khz 60 max. 30000 to 54000khz 50 max. typical frequencies and part numbers frequency (khz) part number 16000.000 cx2520db16000d0gejz1 19200.000 cx2520db19200d0gejz1 24000.000 cx2520db24000d0gejz1 24576.000 cx2520db24576d0gejz1 26000.000 cx2520db26000d0gejz1 27000.000 CX2520DB27000D0GEJZ1 27120.000 cx2520db27120d0gejz1 30000.000 cx2520db30000d0gejz1 32000.000 cx2520db32000d0gejz1 37400.000 cx2520db37400d0gejz1 38400.000 cx2520db38400d0gejz1 40000.000 cx2520db40000d0gejz1 48000.000 cx2520db48000d0gejz1 specifications item symbol specification units remarks series D cx2520db D frequency range f _nom 16000 to 54000 khz overtone order ot fundamental D load capacitance cl 8 pf frequency stability f _tol 15 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 10 to + 70 c storage temp. range t _stg - 40 to + 85 c frequency temp. characteristics f _tem 15 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. 2.5 2.0mm for consumer products crystal units surface mount type cx2520db


▲Up To Search▲   

 
Price & Availability of CX2520DB27000D0GEJZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X