Part Number Hot Search : 
BUZ70 VER2923 TCTK8052 C74VC IRHG6110 4000G ME880 R1300
Product Description
Full Text Search
 

To Download CX1255CA16000H0QTWZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11.8 5.5mm for automotive crystal units surface mount type cx1255ca rohs compliant features ? crystal unit for automotive electronics ? small and low profile (11.8 5.5 2.5mm) ? ceramic package ? reflow compatible ? aec-q200 qualitied applications ? ecu how to order cx1255ca 04000 series frequency load capacitance d0 8 pf h0 12 pf std. frequency stability p 50 10 - 6 q 100 10 - 6 std. operating temp. range frequency temp. stability tw - 40 to + 150 c 200 10 - 6 std. individual specification 7.7 5.0 2.5 4.0 2.7 6.5 recommended land pattern (unit: mm) 11.80.3 5.50.3 7.0 connection 2.0 2.5 1.5 1.80.3 dimensions (unit: mm) table1 motional series resistance frequency range motional series resistance 3500 to 3999khz 200 max. 4000 to 7999khz 180 max. 8000 to 11999khz 120 max. 12000 to 20000khz 80 max. table2 level of drive frequency range level of drive 3500 to 15999khz 10 w (500 w max.) 16000 to 20000khz 10 w (300 w max.) specifications item symbol specification units remarks frequency range f _nom 3500 to 20000 khz overtone order ot fundamental D load capacitance cl 12 pf frequency stability f _tol 100 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 40 to + 150 c storage temp. range t _stg - 40 to + 150 c frequency temp. characteristics f _tem 200 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. typical frequencies and part numbers frequency (khz) part number 4000.000 cx1255ca04000h0qtwz1 5000.000 cx1255ca05000h0qtwz1 6000.000 cx1255ca06000h0qtwz1 8000.000 cx1255ca08000h0qtwz1 10000.000 cx1255ca10000h0qtwz1 12000.000 cx1255ca12000h0qtwz1 16000.000 CX1255CA16000H0QTWZ1 18000.000 cx1255ca18000h0qtwz1 20000.000 cx1255ca20000h0qtwz1


▲Up To Search▲   

 
Price & Availability of CX1255CA16000H0QTWZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X