Part Number Hot Search : 
SDR620DZ P1402 NTE5907 10QA3 TEA6849H 2M18X3 CT2040 TS2938
Product Description
Full Text Search
 

To Download C0751A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product data sheet part number: C0751A date: 6/29/2007 revision level: 1 50c 24 7/32 tc s-r pvc oas pvc computer cable a. construction diameters b. industry approvals c. electrical properties conductor: insulation: jacket: print legend: cable: #24 awg 7/32 tinned copper 0.010" wall semi-rigid polyvinyl chloride 0.032" polyvinyl chloride 0.024" nom. carol (r) 24 awg -- C0751A -- 75c e111240-8 cmr (ul )c(ul) or 80c awm style 2464 300v --- csa ll69381 cmg -- made in usa (date code mm/yy) 50 conductors @ 5.50" lhl - aluminum/polyester 0.375 " nom. 0.044" nom. 0.439" +/- 0.022" (foil out) - #24 7/32 tc d.w. temperature: suggested working voltage (vrms): conductor d.c. resistance: mutual capacitance: characteristic impedance: shield resistance: ground capacitance: 75c (cmr) / 80c (2464) / 60c (cmg) 300 vrms 26 ohms/1000 ft nom 30.34 pf/ft @ 1khz nom 57.6 ohms @ 1mhz nom 7.2 ohms/1000 ft nom 54.61 pf/ft @ 1khz nom national electrical code article 800 ul standard 444 type cmr ul standard 758 awm style 2464 csa international type cmg 1 contact customer service d. color code (listed as individual conductors or pairs of conduc tors) note: data are subject to change without notice. contact your customer service representative for la test information.


▲Up To Search▲   

 
Price & Availability of C0751A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X