Part Number Hot Search : 
NTE995M CSNE531 AVD05S SMP4861 PI3B1 BY399 19080357 LF15ABDT
Product Description
Full Text Search
 

To Download BCW66GLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose transistors npn silicon maximum ratings rating symbol v alue unit collector?emitter voltage v ceo 45 vdc collector?base voltage v cbo 75 vdc emitter?base voltage v ebo 7.0 vdc collector current ? continuous i c 800 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board, (1) p d 225 mw t a = 25c derate above 25c 1.8 mw/c thermal resistance, junction to ambient r ja 556 c/w total device dissipation p d 300 mw alumina substrate, (2) t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j ,t stg ?55 to +150 c electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit off characteristics collector?emitter breakdown voltage v (br)ceo 45 ? ? vdc (i c = 10madc, i b = 0 ) collector?emitter breakdown voltage v (br)ces 75 ? ? vdc (i c = 10 adc, v eb = 0 ) emitter?base breakdown voltage (i e = 10 adc, i c = 0) v (br)ebo 5.0 ? ? vdc collector cutoff current i ces (v ce = 45 vdc, i e = 0 ) ? ? 20 nadc (v ce = 45 vdc, i e = 0 ) (t a =150c) ? ? 20 adc emitter cutoff current i ebo (v eb = 4.0 vdc, i c = 0) ? ? 20 nadc (v eb = 7.0 vdc, i c = 0) (3) ? ? 100 nadc 1. fr? 5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. 3. added i ebo test to guarantee quality for oxide defects 2 emitter 3 collector 1 base sotC23 device marking and ordering information device marking shipping BCW66GLT1 eg 3000/tape&reel ? we declare that the material of product compliance with rohs requirements. 2012- willas electronic corp. BCW66GLT1 preliminary
electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min typ m ax unit on characteristics dc current gain h fe ? ( i c = 100 adc, v ce = 10 vdc ) 50 ? ? ( i c = 10 madc, v ce = 1.0 vdc ) 110 ? ? ( i c = 100 madc, v ce = 1.0 vdc ) 160 ? 400 ( i c = 300 madc, v ce = 2.0 vdc ) 60 ? ? sm smallCsignal characteristics current?gain ? bandwidth product f t 100 ? ? mhz (i c = 20madc, v ce = 10 vdc, f = 100 mhz) output capacitance c obo ? ?1 2p f (v cb = 10 vdc, i e = 0, f = 1.0 mhz) input capacitance c ibo ? ? 8 0 p f (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) noise figure nf ? ? 10 db (v ce = 5.0 vdc, i c = 0.2 madc, r s = 1.0 k ? , f = 1.0 khz) switching characteristics turn?on time t on ? ? 100 ns (i b1 = i b2 = 15 madc,i c = 150madc, r l = 150 ?) turn?off ti me t off ? ? 400 ns (i b1 = i b2 = 15 madc,i c = 150madc, r l = 150 ?) 2012- willas electronic corp. general purpose transistors bc:*l preliminary
mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 sot-23 2012- willas electronic corp. general purpose transistors bc:*lt1 dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20) preliminary


▲Up To Search▲   

 
Price & Availability of BCW66GLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X