Part Number Hot Search : 
W921C841 01901 S9684 D211ERU ZSP400 MKW2543 TK73229 P34BF
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente BAW56W small signal switching diode 01-nov-2008 rev. c page 1 of 2 top view a l c b d g h j f k e 1 2 3 1 2 3 3 1 2 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z fast switching speed z for general purpose switching applications z high conductance marking: kjc absolute maximum ratings (single diode @ t a = 25c) parameter symbol ratings unit non-repetitive peak reverse voltage v rm 100 v peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 300 ma average rectified output current i o 150 ma peak forward surge current @=1.0 s @=1.0s i fsm 2.0 1.0 a power dissipation p d 200 mw thermal resistance junction to ambient r ja 625 c/w junction, storage temperature t j , t stg 150, -65 ~ +150 c electrical characteristics (at ta = 25 c unless otherwise specified) parameters symbol min. max. unit test conditions reverse breakdown voltage v (br)r 75 - v i r = 2.5 a reverse voltage leakage current i r - 2.5 25 a na v r = 75 v v r = 20 v v f1 - 715 i f = 1 ma v f2 - 855 i f = 10 ma v f3 - 1000 i f = 50 ma forward voltage v f4 - 1250 mv i f = 150 ma diode capacitance (between terminals) c t - 2 pf v r = 0, f = 1mhz reverse recovery time t rr - 4 ns i f = i r = 10 ma, i rr = 0.1xi r , r l =100 sot-323 millimete r millimete r ref. min. max. ref. min. max. a 2.00 2.20 f 0.20 0.40 b 2.15 2.45 g - - c 1.15 1.35 h 0.525 ref. d 0.90 1.10 j 0.08 0.15 e 1.20 1.40
elektronische bauelemente BAW56W small signal switching diode 01-nov-2008 rev. c page 2 of 2 ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X