Part Number Hot Search : 
PIC16C54 1SV250 74LS2 R5021213 HER108G 071973 1002F AMS385AN
Product Description
Full Text Search
 

To Download AR11-3780I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs 10/18/12 all specifications subject to change without notice. mechanical single port rj45 10/100 base-t AR11-3780I 10/100 base-t ethernet application impedance: 100ohms transmit open circuit inductance (ocl): 350uh (min) @100khz,0.1vrms with 8ma dc bias rj45 jack cavity conforms to fcc rules and regulations part 68, sub part f industrial operating temp: -40oc to +85oc electrical speci?cations @ 25c part number ocl(uh min) @ 100khz, 0.1v turns ratio insertion loss (db max) return loss (db min) with 8ma dc bias 0.3-100mhz 30mhz 50mhz AR11-3780I 350 -1.0 -18 -15 80mhz -12 electrical speci?cations @ 25c part number cross talk (db min) cmr (db min) hi-pot (vrms) 60mhz 100mhz AR11-3780I -38 -38 1500 30mhz -38 60mhz 100mhz -40 -40 30mhz -40 0.5ma/2sec. AR11-3780I green 1:ct:1ct 1:ct 1:ct yellow 12 11 10 9
15 allie d c om po ne nts in te rna ti onal 714-665 -1140 w ww .a ll iedcom po nents. com rohs 10/18/12 1. shield- 0.20mm thickness brass c2680 h. plating nickel 30u"-50u" 2. housing- standard material nylon66, glass filled polyester ul94v-0 standard color black. 3. insert pin- plastic: nylon 66 g.f, ul94v-0, standard color black. pin: 0.35mm thickness phos-bronze c5210 eh. plating: nickel 40u?~60u?, for all and sn100%, and 6u? gold plating. 4. contact pin- plastic: pbt 30% g.f, glass filled, ul94v-0, standard color black. pin: 0.35mm thickness phos-bronze c2680. plating: nickel 40u"-60u" for all and sn 100%. pcb layout schematics single port rj45 10/100 base-t ar11-780i notes


▲Up To Search▲   

 
Price & Availability of AR11-3780I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X