Part Number Hot Search : 
03N60C3 HDT15PT RC8650L CB290 50001 MX25L1 PE9201 PE7113
Product Description
Full Text Search
 

To Download AOTF13N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aot13n50/AOTF13N50 500v, 13a n-channel mosfet general description product summary v ds i d (at v gs =10v) 13a r ds(on) (at v gs =10v) < 0.51 w 100% uis tested 100% r g tested for halogen free add "l" suffix to part number: aot13n50l & AOTF13N50l symbol v ds v gs i dm i ar e ar e as peak diode recovery dv/dt dv/dt t j , t stg t l symbol r q ja r q cs r q jc * drain current limited by maximum junction tempera ture. a w w/ o c c mj v/ns c maximum case-to-sink a maximum junction-to-case mj c/w c/w derate above 25 o c parameter aot13n50 AOTF13N50 maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds 500 i d 5 50 250 8.5 13* 8.5* the aot13n50 & AOTF13N50 have been fabricated using an advanced high voltage mosfet process that is designed to deliver high levels of performance and robustness in popular ac-dc applications. by providing low r ds(on) , c iss and c rss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs. v units parameter absolute maximum ratings t a =25c unless otherwise noted aot13n50 AOTF13N50 600v@150 drain-source voltage v 30 gate-source voltage t c =100c a 48 pulsed drain current c continuous drain current t c =25c 13 avalanche current c 454 single plused avalanche energy g 908 5.5 repetitive avalanche energy c junction and storage temperature range maximum junction-to-ambient a,d power dissipation b p d t c =25c thermal characteristics 300 -55 to 150 2 0.4 0.5 -- units c/w 65 0.5 65 2.5 top view to-220f to-220 g d s g d s g ds AOTF13N50 aot13n50 rev3: jul 2011 www.aosmd.com page 1 of 6
aot13n50/AOTF13N50 symbol min typ max units 500 600 bv dss / ? tj 0.54 v/ o c 1 10 i gss gate-body leakage current 100 n a v gs(th) gate threshold voltage 3.3 4 4.5 v r ds(on) 0.41 0.51 w g fs 16 s v sd 0.72 1 v i s maximum body-diode continuous current 13 a i sm 48 a c iss 1089 1361 1633 pf c oss 134 167 200 pf c rss 10 12.6 15 pf r g 1.8 3.6 5.4 w q g 25 30.7 37 nc q gs 6 7.6 9 nc q gd 10 13 16 nc t d(on) 29 ns t r 69 ns t d(off) 82 ns t f 55.5 ns t rr 240 302 365 ns q rr 3.5 4.7 5.5 m c this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time static drain-source on-resistance v gs =10v, i d =6.5a reverse transfer capacitance i f =13a,di/dt=100a/ m s,v ds =100v v gs =0v, v ds =25v, f=1mhz switching parameters i s =1a,v gs =0v v ds =40v, i d =6.5a forward transconductance electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions v ds =5v i d =250 m a v ds =400v, t j =125c zero gate voltage drain current i dss zero gate voltage drain current v ds =500v, v gs =0v id=250 a, vgs=0v diode forward voltage turn-off delaytime v gs =10v, v ds =250v, i d =13a, r g =25 w gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =400v, i d =13a gate source charge gate drain charge bv dss body diode reverse recovery charge i f =13a,di/dt=100a/ m s,v ds =100v maximum body-diode pulsed current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time m a v ds =0v, v gs =30v v drain-source breakdown voltage i d =250 a, v gs =0v, t j =25c i d =250 a, v gs =0v, t j =150c a. the value of r q ja is measured with the device in a still air environ ment with t a =25c. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c, ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedence from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. g. l=60mh, i as =5.5a, v dd =150v, r g =25 ? , starting t j =25c rev3: jul 2011 www.aosmd.com page 2 of 6
aot13n50/AOTF13N50 typical electrical and thermal characteristics 40 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0 4 8 12 16 20 24 0 5 10 15 20 25 30 v ds (volts) fig 1: on-region characteristics i d (a) v gs =5.5v 6v 10v 6.5v 0.1 1 10 100 2 4 6 8 10 v gs (volts) figure 2: transfer characteristics i d (a) -55c v ds =40v 25c 125c 0.2 0.4 0.6 0.8 1.0 1.2 0 4 8 12 16 20 24 28 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) ( w ww w ) v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =10v i d =6.5a 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 t j (c) figure 5:break down vs. junction temparature bv dss (normalized) rev3: jul 2011 www.aosmd.com page 3 of 6
aot13n50/AOTF13N50 typical electrical and thermal characteristics 0 3 6 9 12 15 0 5 10 15 20 25 30 35 40 45 q g (nc) figure 7: gate-charge characteristics v gs (volts) v ds =400v i d =13a 1 10 100 1000 10000 0.1 1 10 100 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 0.01 0.1 1 10 100 1 10 100 1000 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area for aot13n50 (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150c t c =25c 100 m s 0.01 0.1 1 10 100 1 10 100 1000 v ds (volts) i d (amps) figure 10: maximum forward biased safe operating area for AOTF13N50 (note f) 10 m s 10ms 1ms 0.1s dc r ds(on) limited t j(max) =150c t c =25c 100 m s 1s 0 3 6 9 12 15 0 25 50 75 100 125 150 t case (c) figure 11: current de-rating (note b) current rating i d (a) rev3: jul 2011 www.aosmd.com page 4 of 6
aot13n50/AOTF13N50 typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 12: normalized maximum transient thermal imp edance for aot13n50 (note f) z q qq q jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =0.5c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t on t p d single pulse 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 13: normalized maximum transient thermal imp edance for AOTF13N50 (note f) z q qq q jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =2.5c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d rev3: jul 2011 www.aosmd.com page 5 of 6
aot13n50/AOTF13N50 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% res istive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery tes t circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt t rr ar ar rev3: jul 2011 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AOTF13N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X