Part Number Hot Search : 
2SC3619 A733L 128128 RM155 BP1L2Q UT54A AD627A JWM11BH
Product Description
Full Text Search
 

To Download AM3Q-0505SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3q-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 1 of 3 north america only features: ? rohs compliant ? ? wide 2:1 input range ? ? high efficiency up to 85% ? ? continuous short circuit ? models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vac) max capacitive load (uf) efficiency (%) AM3Q-0505SZ 4.5-9 5 600 500 100 67 am3q-0512sz 4.5-9 12 250 500 100 70 am3q-0515sz 4.5-9 15 200 500 100 70 am3q-1205sz 9-18 5 600 500 100 70 am3q-1212sz 9-18 12 250 500 100 74 am3q-1215sz 9-18 15 200 500 100 74 am3q-2405sz 18-36 5 600 500 220 71 am3q-2412sz 18-36 12 250 500 220 75 am3q-2415sz 18-36 15 200 500 220 75 am3q-4805sz 36-75 5 600 500 220 71 am3q-4812sz 36-75 12 250 500 220 76 am3q-4815sz 36-75 15 200 500 220 76 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vac) max capacitive load (uf) efficiency (%) am3q-0512dz 4.5-9 12 130 500 220 82 am3q-0515dz 4.5-9 15 100 500 100 82 am3q-1212dz 9-18 12 130 500 220 84 am3q-1215dz 9-18 15 100 500 100 85 am3q-2412dz 18-36 12 130 500 220 84 am3q-2415dz 18-36 15 100 500 100 85 am3q-4812dz 36-75 12 130 500 220 84 am3q-4815dz 36-75 15 100 500 100 84 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 5 4.5-9 vdc 12 9-18 24 18-36 48 36-75 filter (pi) network start up time 20 ms no load input current 25 ma input reflected current 20 ma
series am3q-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 2 of 3 north america only isolation specifications parameters conditions typical maximum units tested i/o voltage 3sec 500 vac resistance 50 mohm capacitance 500 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % cross regulation (dual output models) 25% load on one output 100% load on the other output 5 % over voltage protection zener diode clamp 5 6.5 v 12 12 15 18 12 15 15 18 short circuit protection continuous short circuit restar t auto recovery line voltage regulation ll-hl 0.5 % of vin load voltage regulation load:0-100% unbalanced 1 % temperature coefficient 0.02 %/ o c ripple & noise 20mhz bandwidth 50 mv p-p minimum load current 0 % of max general specifications parameters conditions typical maximum units switching frequency 100% load 100 khz operating temperature derating above 60oc -40 to +85 o c storage temperature -40 to +125 o c maximum case temperature 100 o c cooling free air convection humidity 95 % rh case material nickel coated copper weight 16 g dimensions (l x w x h) 1.37 x 0.90 x 0.28 inches 35.00 x 23.00 x 7.00 mm mtbf >1.6mhrs ( mil-hdbk -217f, ground benign, t=+25c ) transient recovery deviation 3 % safety specifications parameters standards designed to meet iec/en 60950-1 pin out specifications pin single dual 1 -v input -v input 2 +v input +v input 3 +v output +v output 4 np common 5 -v output -v output np: not populated
series am3q-z 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 3 of 3 north america only dimensions 23.00 (0.90) 6.60 (0.26) 4.40 (0.17) 2.70 (0.11) 3.88 (0.15) 7.62 (0.30) 7.62 (0.30) 7.62 (0.30) 7.00 (0.28) derating note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM3Q-0505SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X