Part Number Hot Search : 
ST300S CM1851 29040 01200 SPP80N06 004404 I4511DY MX877R
Product Description
Full Text Search
 

To Download AM2B-2405SH60-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am2b-nz 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.b 1 of 4 north america only features: ? 6000vdc isolation ? unregulated single output models ? low profile dip 16 package ? operating temperatur e: -40c to +85c ? industry standard pinout ? high efficiency up to 85% ? mtbf>1,000,000 hours ? rohs compliant models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) efficiency (%) am2b-0505sh60-nz 4.5-5.5 5 400 6000 76 am2b-0512sh60-nz 4.5-5.5 12 167 6000 79 am2b-0515sh60-nz 4.5-5.5 15 133 6000 78 am2b-1205sh60-nz 10.8-13.2 5 400 6000 76 am2b-1212sh60-nz 10.8-13.2 12 167 6000 80 am2b-1215sh60-nz 10.8-13.2 15 133 6000 79 AM2B-2405SH60-NZ 21.6-26.4 5 400 6000 77 am2b-2412sh60-nz 21.6-26.4 12 167 6000 80 am2b-2415sh60-nz 21.6-26.4 15 133 6000 78 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. input specifications parameters nominal typical maximum units voltage range 5 4.5-5.5 vdc 12 10.8-13.2 24 21.6-26.4 isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 6000 vdc capacitance 500vdc 10 pf resistance >1000 mohm output specifications parameters conditions typical maximum units voltage accuracy see tolerance graph 5 % short circuit protection continuous short circuit restart auto recovery line voltage regulation for a 1% change of vin 1.2 % load voltage regulation from 10% load to 100% load 12 % temperature coefficient at 100% load 0.03 %/ o c ripple & noise * 20mhz bandwidth 150 mv p-p minimum load current ** 10 % of max * test ripple & noise by ?parallel cable method? as described in application note ?ripple and noise measurement of brick & pol dc-dc converters? av ailable at www.aimtec.com ** if the operating output current is less than 10% of maximum it is recommended to install a load resister in parallel with the load to ensure the actual load current meets the minimum load current requirement. general specifications parameters conditions typical maximum units switching frequency 100% load, nominal input 50 khz operating temperature -40 to + 85 o c
series am2b-nz 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.b 2 of 4 north america only general specifications (continued) parameters conditions typical maximum units storage temperature -55 to + 125 o c maximum case temperature 100 o c cooling free air convection humidity 95 % rh case material plastic(ul94-v0) weight 3.8 g dimensions (l x w x h) 0.94 x 0.60 x 0.32 inches 23.86 x 15.24 x 8.00mm mtbf > 1,00,000 hours (mil-hdbk - 217f, ground benign, t=+25oc) maximum soldering temperature 1.5mm from case for 10 seconds 300 o c safety specifications parameters agency approvals ce standards en 60601-1-1; en 60601-1-2 pin out specifications pin single 1 - v in 2 no pin 3 no pin 4 no pin 5 no pin 6 no pin 7 nc 8 nc 9 +v out 10 -v out 11 no pin 12 no pin 13 no pin 14 no pin 15 no pin 16 +v in nc: not connected typical load line tolerance envelope graph output current(%) output voltage +2.5% -2.5% -7.5% +10% +5% 10% 50% 100%
series am2b-nz 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.b 3 of 4 north america only dimensions recommended filter circuit if it is required to decrease the input/output ripple an ?lc? filter network can be installed on the input and output of the converter (see above). it should be noted that the inductance and the resonant frequency of the ?lc? filtering network should differ from the dc/dc converter switching frequency to avoid mutual interference. the capacitance of the output filter capa citor must not exceed the values in the table below to avoid startup problems and ensure safe and reliable operation. it?s not recommended to connect any external capacitor in the application field when output loading is less than 0.5 watt. dc dc + cout +vout - vin single output + vin - vin + cin l l 23.86 (0.94) 8.00 (0.32) 7.50 (0.30) 2.54 (0.10) 1 78 9 10 16 15.24 (0.60) 15.24 (0.60) 13.70 (0.54) side view top view 13.10 (0.52) front view 15.24 (0.60) 3.00 (0.20) 1 78 9 10 16 bottom view bottom view 2.54 (0.10)
series am2b-nz 2 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.b 4 of 4 north america only external capacitor tables input capacitor (cin) output capacitor (cout) . note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. vin (vdc) cin (uf) 5 4.7 12 2.2 24 1 single vout (vdc) cout (uf) 5 10 12 2.2 15 1


▲Up To Search▲   

 
Price & Availability of AM2B-2405SH60-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X