Part Number Hot Search : 
SGM8554 F4002 D9483 2SK1105 TA8229K B53TP50C B53TP50C JAN2802J
Product Description
Full Text Search
 

To Download 87663-9005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0876639005 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch power (dc), 7.62mm (.300") pitch power (ac), 2.54mm (.100") pitch signal, extreme powerplus? board-to-boardheader, through hole, right angle, 24 circuits, power alpha 4, signal 16, power beta 4, long contact, with bevel documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 87663 application board-to-board comments
  • long blade overview extreme_powerplus_ssi product name extreme powerplus? physical breakaway no circuits (loaded) 24 circuits detail power alpha 4, signal 16, power beta 4 color - resin black first mate / last break no glow-wire compliant no guide to mating part yes keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation right angle pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in, 0.300 in pitch - mating interface (mm) 2.54 mm, 6.35 mm, 7.62 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes shrouded fully stackable no temperature range - operating -20c to +105c termination interface: style through hole electrical current - maximum per contact 2.5a, 30a, 50a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87663 series mates with 87664 pcb receptacle with beveled metal pins. 87734 vertical pcb receptacle
    voltage - maximum 250v solder process data duration at max. process temperature (seconds) 10 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-87631-018 sales drawing sd-87663-010 this document was generated on 05/25/2010 please check www.molex.com for latest part information




  • ▲Up To Search▲   

     
    Price & Availability of 87663-9005

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X