Part Number Hot Search : 
P1N60 4N26SM LC4064 26100 HER806FT CWD4890E C4430 SMB2EZ91
Product Description
Full Text Search
 

To Download 87631-3031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0876313031 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch power, 3.18mm (.125"), 2.54mm (.100") pitch signal, extreme powerplus? p-s-p header, through hole, right angle, long contacts, 30 circuits, power alpha 4, signal 24, power beta 2, recessed signal pin c1, lead-free documents: 3d model product specification ps-87631-006 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r50078473 general product family pcb headers series 87631 application board-to-board comments
  • long contacts|
  • recessed signal pin: c1 overview extreme_powerplus_ssi product name extreme powerplus? physical breakaway no circuits (loaded) 30 circuits detail power alpha 4, signal 24, power beta 2 color - resin black durability (mating cycles max) 100 first mate / last break yes flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation right angle pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.100 in, 0.250 in pitch - mating interface (mm) 2.54 mm, 6.35 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87631 series mates with 87633 vertical press-fit receptacle. 87622 vertical through hole receptacle. 87632 right angle through hole receptacle
    shrouded fully stackable no temperature range - operating -20c to +105c termination interface: style through hole electrical current - maximum per contact 2.5a, 30a, 50a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-87631-018 product specification ps-87631-006 sales drawing sd-87631-013 this document was generated on 05/25/2010 please check www.molex.com for latest part information





  • ▲Up To Search▲   

     
    Price & Availability of 87631-3031

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X